Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C5001B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # C5001B
Description  Low Skew Multiple Frequency PCI Clock Generator with EMI Reducing SSCG.
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C5001B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  C5001B Datasheet HTML 1Page - List of Unclassifed Manufacturers C5001B Datasheet HTML 2Page - List of Unclassifed Manufacturers C5001B Datasheet HTML 3Page - List of Unclassifed Manufacturers C5001B Datasheet HTML 4Page - List of Unclassifed Manufacturers C5001B Datasheet HTML 5Page - List of Unclassifed Manufacturers C5001B Datasheet HTML 6Page - List of Unclassifed Manufacturers C5001B Datasheet HTML 7Page - List of Unclassifed Manufacturers C5001B Datasheet HTML 8Page - List of Unclassifed Manufacturers C5001B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
C5001
Low Skew Multiple Frequency PCI Clock Generator with EMI Reducing SSCG.
Approved Product
INTERNATIONAL MICROCIRCUITS, INC. 525 LOS COCHES ST.
Rev.2.1
6/14/1999
MILPITAS, CA 95035. TEL: 408-263-6300. FAX 408-263-6571
Page 4 of 13
Power Up Bi-Directional Pin Timing (all clock outputs)
Note: a pull-up or logic high programming voltage will select a 66.6 MHz output clock frequency on that specific pin. A
logic low level will select a 33.3 MHz clock frequency in that specific pin.
Output Frequency Selections
The device contains 3 specific output mode type pins. They are:
REF-CLK0/S0
This pin powers up as a 33.3 or 66.6 MHz PCI clock. Via I
2C command byte 1 bit 4 it may be changed to be a 14.318
MHz PCI clock. When it is acting as a PCI clock its frequency may be changed between 33 and 66 MHz using I
2C
command byte 1 bit 3. The PCI clock may also be initially set at device power up using the bi-directional programming
capability of the pin (device pin number 27)
CLK(1:8)
These are dual frequency PCI clock pins that may be stopped enabled and have their frequency changed at power up
and then on the fly (at any time) via their respective I2C register control bits.
CLK9/S9
This bit acts in the same manner as the CLK (1:8) bits. Additionally by selection in I
2C byte 3 Bits 5 and 6 it can output
both 16.5 MHz or 8.25 MHz on its pin. Like the other clock pins I
2C byte 3 Bit 6 is initially set (via the clocks bi-directional;
pin function) at power up depending on the level of the clocks pin.
NOTE:
Clocks REF-CLK0/S0 (pin 27) and CLK1/S1 (pin 26) are powered from VDD1 (pin 28). This data sheet characterizes the
guaranteed performance of these 2 clocks with respect to jitter and skew. Designers that use this device need to
understand that if these 2 clocks are operated at different frequencies (i.e., pin 27 is set to the REF output mode while
pin 26 is enabled at either 33 pr 66 MHz frequency mode) that the data sheet values of these clocks will not be
guaranteed. It is therefor prudent to disable the CLK1 output when the REF-CLK0/S0 output has been programmed to
output a 14.31818 MHz clock to realize the devices best performance.
Power Supply
VDD
CLK (0:9)
Hi-Z (tristate), inputs
Toggle, outputs
Fig.1


Similar Part No. - C5001B

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
C5001 PULSE-C5001 Datasheet
77Kb / 1P
   RF/CABLE LOW PASS FILTERS
C5001 PULSE-C5001 Datasheet
81Kb / 2P
   BROADBAND: RF & WIRELESS
More results

Similar Description - C5001B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8761I IDT-ICS8761I Datasheet
290Kb / 16P
   LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS8761 ICST-ICS8761 Datasheet
200Kb / 15P
   LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
logo
Renesas Technology Corp
8761I RENESAS-8761I Datasheet
877Kb / 18P
   Low Voltage, Low Skew, PCI / PCI-X Clock Generator
October 31, 2017
logo
Silicon Laboratories
SL16020 SILABS-SL16020 Datasheet
470Kb / 10P
   Low Jitter and Power Clock Generator with SSCG
SL16010 SILABS-SL16010 Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
SL16020DC SILABS-SL16020DC Datasheet
139Kb / 10P
   Low Jitter and Power Clock Generator with SSCG
logo
List of Unclassifed Man...
SL16010DC ETC2-SL16010DC Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
logo
Renesas Technology Corp
87604I RENESAS-87604I Datasheet
393Kb / 14P
   Low Voltage/Low Skew, 1:4 PCI/PCI-X Zero Delay Clock Generator
11/11/15
logo
List of Unclassifed Man...
ICS87608I ETC-ICS87608I Datasheet
152Kb / 12P
   LOW VOLTAGE/LOW SKEW, 1:8 PCI/PCI-X ZERO DELAY CLOCK GENERATOR
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com