Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C5001BYB Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # C5001BYB
Description  Low Skew Multiple Frequency PCI Clock Generator with EMI Reducing SSCG.
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C5001BYB Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button C5001BYB Datasheet HTML 5Page - List of Unclassifed Manufacturers C5001BYB Datasheet HTML 6Page - List of Unclassifed Manufacturers C5001BYB Datasheet HTML 7Page - List of Unclassifed Manufacturers C5001BYB Datasheet HTML 8Page - List of Unclassifed Manufacturers C5001BYB Datasheet HTML 9Page - List of Unclassifed Manufacturers C5001BYB Datasheet HTML 10Page - List of Unclassifed Manufacturers C5001BYB Datasheet HTML 11Page - List of Unclassifed Manufacturers C5001BYB Datasheet HTML 12Page - List of Unclassifed Manufacturers C5001BYB Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
C5001
Low Skew Multiple Frequency PCI Clock Generator with EMI Reducing SSCG.
Approved Product
INTERNATIONAL MICROCIRCUITS, INC. 525 LOS COCHES ST.
Rev.2.1
6/14/1999
MILPITAS, CA 95035. TEL: 408-263-6300. FAX 408-263-6571
Page 10 of 13
AC Parameters
Characteristic
Symbol
Min
Typ
Max
Units
Conditions
Input (REF) Duty Cycle
-
40
50
60
%
When external reference is used
REF input frequency
FREF
12
14.3
16
MHz
Output Duty Cycle
-
45
50
55
%
Measured at 1.5V
Skew from any output to any
output
tOFFCC
0
200
500
pS
30 pF Load, Measured at 1.5V
(all outputs fall within a 500 pSec time
window)
Jitter Cycle to Cycle
tJpp
-250
-
+250
pS
Any Output
Output Freq.
FO
30
33/66
70
MHz
At device output pins
Long term output jitter
tJlt
-500
-
+500
pS
Any output, 2 minute sample
Power up to output lock time
T∇RTL
-
-
10
mS
Measured from the point VDD reaches
3.15 Volts with a stable reference
OE Rising to Output Lock
Time
TOEL
-
-
3
mS
Measured in a stabilized environment
where OE has been previously brought
to a logic low level.
Input Capacitance
CIN
-
-
4
pF
(FBIN and REF pins)
VDD = VDDA =3.3V
±5%, TA = 0ºC to +70ºC
Buffer Characteristics (All Output Clocks)
Characteristic
Symbol
Min
Typ
Max
Units
Conditions
Pull-Up Current
IOHmin
22
-
-
mA
Vout = VDD - .5V
Pull-Up Current
IOHmax
-
-
-45
mA
Vout = 1.5V
Pull-Down Current
IOLmin
26
-
-
mA
Vout = 0.4V
Pull-Down Current
IOLmax
-
-
65
mA
Vout = 1.5V
Rise Time Min
Between 0.4 V and 2.4 V
TRmin
0.4
-
2.5
nS
30 pF Load
VDD= VDDA = 3.3V
±5%, TA = 0ºC to +70ºC


Similar Part No. - C5001BYB

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
C5001 PULSE-C5001 Datasheet
77Kb / 1P
   RF/CABLE LOW PASS FILTERS
C5001 PULSE-C5001 Datasheet
81Kb / 2P
   BROADBAND: RF & WIRELESS
More results

Similar Description - C5001BYB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8761I IDT-ICS8761I Datasheet
290Kb / 16P
   LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS8761 ICST-ICS8761 Datasheet
200Kb / 15P
   LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
logo
Renesas Technology Corp
8761I RENESAS-8761I Datasheet
877Kb / 18P
   Low Voltage, Low Skew, PCI / PCI-X Clock Generator
October 31, 2017
logo
Silicon Laboratories
SL16020 SILABS-SL16020 Datasheet
470Kb / 10P
   Low Jitter and Power Clock Generator with SSCG
SL16010 SILABS-SL16010 Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
SL16020DC SILABS-SL16020DC Datasheet
139Kb / 10P
   Low Jitter and Power Clock Generator with SSCG
logo
List of Unclassifed Man...
SL16010DC ETC2-SL16010DC Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
logo
Renesas Technology Corp
87604I RENESAS-87604I Datasheet
393Kb / 14P
   Low Voltage/Low Skew, 1:4 PCI/PCI-X Zero Delay Clock Generator
11/11/15
logo
List of Unclassifed Man...
ICS87608I ETC-ICS87608I Datasheet
152Kb / 12P
   LOW VOLTAGE/LOW SKEW, 1:8 PCI/PCI-X ZERO DELAY CLOCK GENERATOR
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com