Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC145202 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC145202
Description  Low-Voltage 2.0 GHz PLL Frequency Synthesizer Includes On-Board 64/65 Prescaler
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145202 Datasheet(HTML) 4 Page - Motorola, Inc

  MC145202 Datasheet HTML 1Page - Motorola, Inc MC145202 Datasheet HTML 2Page - Motorola, Inc MC145202 Datasheet HTML 3Page - Motorola, Inc MC145202 Datasheet HTML 4Page - Motorola, Inc MC145202 Datasheet HTML 5Page - Motorola, Inc MC145202 Datasheet HTML 6Page - Motorola, Inc MC145202 Datasheet HTML 7Page - Motorola, Inc MC145202 Datasheet HTML 8Page - Motorola, Inc MC145202 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MC145202
MOTOROLA
4
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Guaranteed
Limit
Unit
Iin
Maximum Input Leakage Current
(Din, CLK, ENB, REFin)
Vin = VDD or GND, Device in XTAL Mode
± 1.0
µA
Iin
Maximum Input Current
(REFin)
Vin = VDD or GND, Device in Reference Mode
± 100
µA
IOZ
Maximum Output Leakage Current (PDout) Vout = VPD or GND, Output in Floating State
± 130
nA
(OUTPUT B)
Vout = VPD or GND, Output in High–Impedance State
± 1
µA
ISTBY
Maximum Standby Supply Current
(VDD + VPD Pins)
Vin = VDD or GND; Outputs Open; Device in Standby Mode,
Shut–Down Crystal Mode or REFout–Static–Low Reference
Mode; OUTPUT B Controlling VCC per Figure 21
30
µA
IPD
Maximum Phase Detector
Quiescent Current (VPD Pin)
Bit C6 = High Which Selects Phase Detector A,
PDout = Open, PDout = Static State, Bit C4 = Low Which is
not Standby, IRx = 170 µA, VPD = 5.5 V
750
µA
Bit C6 = Low Which Selects Phase Detector B,
φR and
φV = Open, φR and φV = Static Low or High, Bit
C4 = Low Which is
not Standby
30
IT
Total Operating Supply Current
(VDD + VPD + VCC Pins)
fin = 2.0 GHz; REFin = 13 MHz @ 1 Vp–p;
OUTPUT A = Inactive and No Connect; VDD = VCC,
REFout, φV, φR, PDout, LD = No Connect;
Din, ENB, CLK = VDD or GND, Phase Detector B Selected
(Bit C6 = Low)
*
mA
* The nominal values are:
4 mA at VDD = 3.0 V and VPD = 3.0 V
6 mA at VDD = 5.0 V and VPD = 5.0 V
These are not guaranteed limits.
ANALOG CHARACTERISTICS — CURRENT SOURCE/SINK OUTPUT — PDout
(Iout ≤ 1 mA @ VDD = 2.7 V and Iout ≤ 1.7mA @ VDD ≥ 4.5 V, VDD = VCC = 2.7 to 5.5 V, Voltages Referenced to GND)
Parameter
Test Condition
VPD
Guaranteed
Limit
Unit
Maximum Source Current Variation (Part–to–Part)
Vout = 0.5 x VPD
2.7
± 15
%
4.5
± 15
5.5
± 15
Maximum Sink–vs–Source Mismatch (Note 3)
Vout = 0.5 x VPD
2.7
11
%
4.5
11
5.5
11
Output Voltage Range (Note 3)
Iout Variation ≤ 15%
2.7
0.5 to 2.2
V
Iout Variation ≤ 20%
4.5
0.5 to 3.7
Iout Variation ≤ 22%
5.5
0.5 to 4.7
NOTES:
1. Percentages calculated using the following formula: (Maximum Value – Minimum Value)/Maximum Value.
2. See Rx Pin Description for external resistor values.
3. This parameter is guaranteed for a given temperature within – 40 to + 85
°C.


Similar Part No. - MC145202

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145202EVK MOTOROLA-MC145202EVK Datasheet
282Kb / 48P
   Evaluation Board Manual
More results

Similar Description - MC145202

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15E05SL FUJITSU-MB15E05SL Datasheet
229Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.0 GHz Prescaler
MB15E05SR FUJITSU-MB15E05SR Datasheet
211Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-chip 2.0 GHz Prescaler
MB15E05L FUJITSU-MB15E05L Datasheet
259Kb / 22P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
MB15E07L FUJITSU-MB15E07L Datasheet
289Kb / 23P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15U10 FUJITSU-MB15U10 Datasheet
350Kb / 19P
   Dual Serial Input PLL Frequency Synthesizer On-Chip 1.1 GHz Prescaler
MB15E07SR FUJITSU-MB15E07SR Datasheet
241Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-chip 2.5 GHz Prescaler
MB15E03 FUJITSU-MB15E03 Datasheet
174Kb / 22P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
MB15E07 FUJITSU-MB15E07 Datasheet
233Kb / 22P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15U36 FUJITSU-MB15U36 Datasheet
270Kb / 23P
   Dual PLL Frequency Synthesizer with On-Chip Prescaler
MB15E03SL FUJITSU-MB15E03SL Datasheet
229Kb / 26P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com