Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR7040 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATR7040
Description  5.8 GHz WDCT Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR7040 Datasheet(HTML) 7 Page - ATMEL Corporation

  ATR7040 Datasheet HTML 1Page - ATMEL Corporation ATR7040 Datasheet HTML 2Page - ATMEL Corporation ATR7040 Datasheet HTML 3Page - ATMEL Corporation ATR7040 Datasheet HTML 4Page - ATMEL Corporation ATR7040 Datasheet HTML 5Page - ATMEL Corporation ATR7040 Datasheet HTML 6Page - ATMEL Corporation ATR7040 Datasheet HTML 7Page - ATMEL Corporation ATR7040 Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
4868C–DECT–05/06
ATR7040
10. Package Information
9.
Ordering Information
Extended Type Number
Package
Remarks
ATR7040-PVPG
QFN16, 3
× 3
Taped and reeled, MOQ 2000, Pb-free
ATR7040-PVQG
QFN16, 3
× 3
Taped and reeled, MOQ 8000, Pb-free
1
4
16
3
1.7
16
13
12
1
5
8
0.9±0.1
0.05
0.5 nom.
1.5
+0
-0.05
specifications
according to DIN
technical drawings
Not indicated tolerances ±0.05
Dimensions in mm
Package: QFN 16 - 3x3
Exposed pad 1.7x1.7
(acc. JEDEC OUTLINE No. MO-220)
Drawing-No.: 6.543-5115.01-4
Issue: 1; 07.03.05
Assembly Chip PAC
94


Similar Part No. - ATR7040

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR7032 ATMEL-ATR7032 Datasheet
411Kb / 15P
   High Gain Power Amplifier for 802.11bg WLAN Systems
ATR7032-DEV-BOARD ATMEL-ATR7032-DEV-BOARD Datasheet
411Kb / 15P
   High Gain Power Amplifier for 802.11bg WLAN Systems
ATR7032-PVPW ATMEL-ATR7032-PVPW Datasheet
411Kb / 15P
   High Gain Power Amplifier for 802.11bg WLAN Systems
ATR7032-PVQW ATMEL-ATR7032-PVQW Datasheet
411Kb / 15P
   High Gain Power Amplifier for 802.11bg WLAN Systems
ATR7035 ATMEL-ATR7035 Datasheet
167Kb / 3P
   ATR7035 ATR7035
More results

Similar Description - ATR7040

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR7035 ATMEL-ATR7035_05 Datasheet
178Kb / 3P
   5.8 GHz WDCT Power Amplifier
ATR2820 ATMEL-ATR2820_08 Datasheet
157Kb / 4P
   Low IF WDCT 5.8 GHz Transceiver
ATR2820 ATMEL-ATR2820 Datasheet
111Kb / 4P
   Low IF WDCT 5.8 GHz Transceiver
logo
Excelics Semiconductor,...
EMP110-P1 EXCELICS-EMP110-P1 Datasheet
94Kb / 2P
   5.8 - 8.0 GHz Power Amplifier MMIC
RFMA5880-0.1W-02 EXCELICS-RFMA5880-0.1W-02 Datasheet
174Kb / 2P
   5.8 - 8.0 GHz Power Amplifier MMIC
logo
Silicon Storage Technol...
SST11CP15 SST-SST11CP15 Datasheet
647Kb / 11P
   4.9-5.8 GHz High-Linearity Power Amplifier
logo
Excelics Semiconductor,...
EIM5864-4 EXCELICS-EIM5864-4 Datasheet
184Kb / 3P
   5.8 -6.4 GHz Multi-Stage Power Amplifier
logo
List of Unclassifed Man...
TAG-3210 ETC1-TAG-3210 Datasheet
158Kb / 2P
   5.8 - 6.4 GHz GaAs MMIC Power Amplifier
logo
Silicon Storage Technol...
SST11LP12 SST-SST11LP12_10 Datasheet
532Kb / 12P
   4.9-5.8 GHz High-Linearity Power Amplifier
logo
List of Unclassifed Man...
AR1100-IMQ ETC2-AR1100-IMQ Datasheet
532Kb / 12P
   4.9-5.8 GHz High-Linearity Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com