Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6103 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC6103
Description  Dual High Voltage, High Side Current Sense Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6103 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC6103 Datasheet HTML 6Page - Linear Technology LTC6103 Datasheet HTML 7Page - Linear Technology LTC6103 Datasheet HTML 8Page - Linear Technology LTC6103 Datasheet HTML 9Page - Linear Technology LTC6103 Datasheet HTML 10Page - Linear Technology LTC6103 Datasheet HTML 11Page - Linear Technology LTC6103 Datasheet HTML 12Page - Linear Technology LTC6103 Datasheet HTML 13Page - Linear Technology LTC6103 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC6103
10
6103f
Error Sources
The current sense system uses an amplifier and resistors
to apply gain and level shift the result. The output is then
dependent on the characteristics of the amplifier, such as
bias current and input offset, as well as resistor matching.
Ideally, the circuit output is:
VV
R
R
VR
I
OUT
SENSE
OUT
IN
SENSE
SENSE
SENSE
=
=
In this case, the only error is due to resistor mismatch,
which provides an error in gain only. However, offset
voltage, bias current and finite gain in the amplifier cause
additional errors.
Output Error, EOUT, Due to the Amplifier DC Offset
Voltage, VOS
EV
R
R
OUT VOS
OS
OUT
IN
()
=
The DC offset voltage of the amplifier adds directly to the
value of the sense voltage, VSENSE. This is the dominant
error of the system and it limits the available dynamic
range. The paragraph, Selection of External Current Sense
Resistor provides details.
Output Error, EOUT, Due to Bias Currents
The bias current IB(+) flows into the positive input of the
internal op amp. IB(–) flows into the negative input.
EOUT(IBIAS) = ROUT(IB(+) • (RSENSE/RIN) – IB(–))
Since IB(+) ≈ IB(–) = IBIAS, if RSENSE << RIN then:
EOUT(IBIAS) ≈ –ROUT • IBIAS
For instance, if IBIAS is 100nA and ROUT is 1k, then the
output error is 0.1mV.
Output Error, EOUT, Due to PCB Trace Resistance
The LTC6103 uses the +IN pin for both the positive amplifier
input and the positive supply input for the amplifier. The
supply current can cause an output error if trace resistance
between RSENSE and +IN is significant (Figure 4).
EOUT(RT_+IN) = (IS • RT/RIN) • ROUT
Trace resistance to the –IN pin will increase the effective
RIN value, causing a gain error. In addition, internal device
resistance will add approximately 0.3
Ω to RIN.
Minimizing the trace resistance is important and care
should be taken in the PCB layout. Make the trace short
and wide. Kelvin connection to the shunt resistor pad
should be used.
APPLICATIONS INFORMATION
Figure 4. Error Due to PCB Trace Resistance
+
+IN
OUT
VS
IS
1/2
LTC6103
–IN
RIN
RT
RT
RSENSE
V+
V
ROUT
6103 F04
LOAD
ILOAD
Output Error, EOUT, Due to the Finite DC Open-Loop Gain,
AOL, of the LTC6103 Amplifier
This error is inconsequential as the AOL of the LTC6103
is very large.
Design Example:
If ISENSE range = (1A to 1mA) and:
V
I
V
A
OUT
SENSE
=
3
1


Similar Part No. - LTC6103

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6103 LINER-LTC6103 Datasheet
244Kb / 12P
   36V Low Cost High Side Current Sense in a SOT-23
LTC6103 LINER-LTC6103 Datasheet
940Kb / 24P
   High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
LTC6103 LINER-LTC6103_15 Datasheet
278Kb / 16P
   Dual High Voltage, High Side Current Sense Amplifier
More results

Similar Description - LTC6103

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6103 LINER-LTC6103_15 Datasheet
278Kb / 16P
   Dual High Voltage, High Side Current Sense Amplifier
logo
STMicroelectronics
TSC1031 STMICROELECTRONICS-TSC1031 Datasheet
534Kb / 26P
   High-voltage, high-side current sense amplifier
TSC103 STMICROELECTRONICS-TSC103 Datasheet
370Kb / 23P
   High-voltage, high-side current sense amplifier
logo
Analog Devices
LTC6101 AD-LTC6101 Datasheet
286Kb / 22P
   High Voltage High-Side Current Sense Amplifier
logo
STMicroelectronics
TSC1021 STMICROELECTRONICS-TSC1021 Datasheet
161Kb / 12P
   High-side current sense amplifier
logo
Rohm
BD3181FVM ROHM-BD3181FVM Datasheet
171Kb / 6P
   High-Side Current-Sense Amplifier
logo
STMicroelectronics
TSC101 STMICROELECTRONICS-TSC101_1 Datasheet
294Kb / 17P
   High side current sense amplifier
TSC101 STMICROELECTRONICS-TSC101 Datasheet
146Kb / 18P
   High side current sense amplifier
logo
List of Unclassifed Man...
SI8540 ETC2-SI8540 Datasheet
173Kb / 18P
   HIGH-SIDE CURRENT SENSE AMPLIFIER
logo
Silicon Laboratories
SI8540 SILABS-SI8540 Datasheet
1Mb / 18P
   HIGH-SIDE CURRENT SENSE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com