Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5200CBV266 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPC5200CBV266
Description  Hardware Specifications
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200CBV266 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPC5200CBV266 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5200CBV266 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5200CBV266 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5200CBV266 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5200CBV266 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5200CBV266 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5200CBV266 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5200CBV266 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5200CBV266 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
MPC5200 Data Sheet, Rev. 4
Electrical and Thermal Characteristics
Freescale Semiconductor
8
Input leakage current
Vin = 0 or
VDD_IO/VDD_IO_MEMSDR
(depending on input type
1
)
IIN
—+10
µAD3.13
Input leakage current
SYS_XTAL_IN
Vin = 0 or VDD_IO
IIN
—+10
µAD3.14
Input leakage current
RTC_XTAL_IN
Vin = 0 or VDD_IO
IIN
—+10
µAD3.15
Input current, pullup resistor
PULLUP
VDD_IO
Vin = 0
IINpu
40
109
µAD3.16
Input current, pullup resistor -
memory I/O buffers
PULLUP_MEM
VDD_IO_MEMSDR
Vin = 0
IINpu
41
111
µAD3.17
Input current, pulldown resistor
PULLDOWN
VDD_IO
Vin = VDD_IO
IINpd
36
106
µAD3.18
Output high voltage
IOH is driver dependent2
VDD_IO, VDD_IO_MEMSDR
VOH
2.4
V
D3.19
Output high voltage
IOH is driver dependent2
VDD_IO_MEMDDR
VOHDDR
1.7
V
D3.20
Output low voltage
IOL is driver dependent2
VDD_IO, VDD_IO_MEMSDR
VOL
—0.4
V
D3.21
Output low voltage
IOL is driver dependent2
VDD_IO_MEMDDR
VOLDDR
—0.4
V
D3.22
DC Injection Current Per Pin3
ICS
-1.0
1.0
mA
D3.23
Capacitance
Vin = 0V, f = 1 MHz
Cin
—15
pF
D3.24
NOTES:
1
Leakage current is measured with output drivers disabled and pull-up/pull-downs inactive.
2
See Table 4 for the typical drive capability of a specific signal pin based on the type of output driver associated with that pin
as listed in Table 52.
3
All injection current is transferred to VDD_IO/VDD_IO_MEM. An external load is required to dissipate this current to maintain
the power supply within the specified voltage range.
Total injection current for all digital input-only and all digital input/output pins must not exceed 10 mA. Exceeding this limit can
cause disruption of normal operation.
Table 4. Drive Capability of MPC5200 Output Pins
Driver Type
Supply Voltage
IOH
IOL
Unit
SpecID
DRV4
VDD_IO = 3.3V
4
4
mA
D3.25
DRV8
VDD_IO = 3.3V
8
8
mA
D3.26
Table 3. DC Electrical Specifications (continued)
Characteristic
Condition
Symbol
Min
Max
Unit
SpecID


Similar Part No. - MPC5200CBV266

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC5200CBV266 MOTOROLA-MPC5200CBV266 Datasheet
1Mb / 76P
   Hardware Specifications
More results

Similar Description - MPC5200CBV266

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC859T FREESCALE-MPC859T Datasheet
1Mb / 92P
   Hardware Specifications
MPC885 FREESCALE-MPC885 Datasheet
1Mb / 92P
   Hardware Specifications
KMPC8250ACZUMHBC FREESCALE-KMPC8250ACZUMHBC Datasheet
951Kb / 62P
   Hardware Specifications
MPC8250 FREESCALE-MPC8250_05 Datasheet
1Mb / 60P
   Hardware Specifications
MPC852T FREESCALE-MPC852T Datasheet
3Mb / 80P
   Hardware Specifications
MPC860 FREESCALE-MPC860 Datasheet
1Mb / 80P
   Hardware Specifications
MPC875 FREESCALE-MPC875 Datasheet
1Mb / 84P
   Hardware Specifications
MPC866 FREESCALE-MPC866 Datasheet
1Mb / 96P
   Hardware Specifications
logo
Motorola, Inc
MPC857T MOTOROLA-MPC857T Datasheet
1Mb / 88P
   Hardware Specifications
logo
Freescale Semiconductor...
MPC880 FREESCALE-MPC880 Datasheet
1Mb / 92P
   Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com