Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-B4SA012Z-B05 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FTR-B4SA012Z-B05
Description  ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-B4SA012Z-B05 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FTR-B4SA012Z-B05 Datasheet HTML 1Page - Fujitsu Component Limited. FTR-B4SA012Z-B05 Datasheet HTML 2Page - Fujitsu Component Limited. FTR-B4SA012Z-B05 Datasheet HTML 3Page - Fujitsu Component Limited. FTR-B4SA012Z-B05 Datasheet HTML 4Page - Fujitsu Component Limited. FTR-B4SA012Z-B05 Datasheet HTML 5Page - Fujitsu Component Limited. FTR-B4SA012Z-B05 Datasheet HTML 6Page - Fujitsu Component Limited. FTR-B4SA012Z-B05 Datasheet HTML 7Page - Fujitsu Component Limited. FTR-B4SA012Z-B05 Datasheet HTML 8Page - Fujitsu Component Limited. FTR-B4SA012Z-B05 Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
FTR-B4 Series
3
n
SPECIFICATIONS
*1Minimumswitchingloadsmentionedabovearereferencevalues.Pleaseperformtheconfirmationtestwith
theactualloadbeforeproductionsincereferencevaluesmayvaryaccordingtoswitchingfrequencies,envir
onmentalconditionsandexpectedreliabilitylevels.
StandardType
LatchingType
FTR-B4-CA()Z
FTR-B4-GA()Z
FTR-B4-SA()Z
FTR-B4-CB()Z
FTR-B4-GB()Z
FTR-B4-SB()Z
Contact
Arrangement
2FormC
Contactmaterial
Goldoverlaysilveralloy
Contacttype
Bifurcatedcontact(cross-bar)
Contactresistance(initialvalue)
100mΩmaximumat6VDC1
Contactrating
30VDC1A,125VAC0.3A(resistive)
Maximumcarryingcurrent
1A
Maximumswitchingpower
62.5VA/30W
Maximumswitchingvoltage
250VAC.220VDC
Maximumswitchingcurrent
1A
Maximumswitchingload*
10mVDC,0.01mA*
Capacitance
Approximately0.7pF(betweenopencontacts)
Approximately0.7pF(adjacentcontacts)
Approximately1.0pF(betweencoilandcontacts)
Coil
Nominalpower(at20°C)
140mWupto230mW 100mWupto130mW
Operatepower(at20°C)
80mWupto130mW
57mWupto68mW
Operatingtemperature(nofrost)
-40°Cto+85°C
Timevalue Operate(atnominalvoltage,withoutbounce) 3msmaximum
3msmaximum(set)
Release(atnominalvoltage,withoutbounce) 3msmaximum
3msmaximum(reset)
Insulation
Resistance
Minimum1,000MΩ
Dielectric
strength
betweenopencontacts
1,000VAC1minute
betweenadjacentcontacts
1,000VAC1minute
betweencoilandcontacts
1,500VAC1minute
Surge
strength
betweenopencontacts
1,500V(at10x160µs)[FCCPart68]
betweenadjacentcontacts
1,500V(at10x160µs)[FCCPart68]
betweencoilandcontacts
1,500V(at10x160µs)[FCCPart68]
2,500V(at2x10µs)[Bellcore]
Life
Mechanical
50x106operations(at3Hz)
Electrical(resistiveload)
100x103ops.min.at1A,30VDC(at0.5Hz)
100x103ops.min.at0.3A,30VDC(at0.5Hz)
Vibration
resistance
Misoperation
10to55Hzatdoubleamplitudeof3mm
Endurance
10to55Hzatdoubleamplitudeof5mm
Shock
resistance
Misoperation
Min.750m/s2
Endurance
Min.1,000m/s2
Weight
Approximately1.0g


Similar Part No. - FTR-B4SA012Z-B05

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B4SA012Z FUJITSU-FTR-B4SA012Z Datasheet
1Mb / 10P
   ULTRA MINIATURE 2-POLES 2A (SLIM PROFILE SIGNAL RELAY)
More results

Similar Description - FTR-B4SA012Z-B05

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-C2 FUJITSU-FTR-C2 Datasheet
539Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fuji Electric
FTR-C1 FUJI-FTR-C1 Datasheet
439Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fujitsu Component Limit...
FTR-B4 FUJITSU-FTR-B4_09 Datasheet
1Mb / 10P
   ULTRA MINIATURE 2-POLES 2A (SLIM PROFILE SIGNAL RELAY)
logo
Picker Components
PC466 PICKER-PC466_17 Datasheet
729Kb / 2P
   Ultra Slim Miniature PCB Power Relay
logo
American Electronic Com...
DTC1 AEC-DTC1 Datasheet
354Kb / 3P
   ultra miniature pcb signal relay
logo
Picker Components
PC458 PICKER-PC458_17 Datasheet
183Kb / 2P
   Ultra Slim Inline Relay
PC458 PICKER-PC458 Datasheet
187Kb / 2P
   Ultra Slim Inline Relay
PC457 PICKER-PC457 Datasheet
208Kb / 2P
   Ultra Slim Inline Relay
PC457 PICKER-PC457_17 Datasheet
790Kb / 2P
   Ultra Slim Inline Relay
PC457 PICKER-PC457_14 Datasheet
161Kb / 2P
   Ultra Slim Inline Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com