Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR014A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # IRFR014A
Description  ADVANCED POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRFR014A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  IRFR014A Datasheet HTML 1Page - Fairchild Semiconductor IRFR014A Datasheet HTML 2Page - Fairchild Semiconductor IRFR014A Datasheet HTML 3Page - Fairchild Semiconductor IRFR014A Datasheet HTML 4Page - Fairchild Semiconductor IRFR014A Datasheet HTML 5Page - Fairchild Semiconductor IRFR014A Datasheet HTML 6Page - Fairchild Semiconductor IRFR014A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
IRFR/U014A
BV
DSS = 60 V
R
DS(on) = 0.14Ω
I
D = 8.2 A
60
8.2
5.2
33
±20
58
8.2
1.8
5.5
2.5
18
0.14
- 55 to +150
300
7.04
50
110
--
--
--
♦ Avalanche Rugged Technology
♦ Rugged Gate Oxide Technology
♦ Lower Input Capacitance
♦ Improved Gate Charge
♦ Extended Safe Operating Area
♦ Lower Leakage Current: 10µA (Max.) @ V
DS = 60V
♦ Lower R
DS(ON): 0.097Ω (Typ.)
$GYDQFHG 3RZHU 026)(7
Thermal Resistance
Junction-to-Case
Junction-to-Ambient
Junction-to-Ambient
RθJC
RθJA
RθJA
°C/W
Characteristic
Max.
Units
Symbol
Typ.
FEATURES
*
* When mounted on the minimum pad size recommended (PCB Mount).
Absolute Maximum Ratings
Drain-to-Source Voltage
Continuous Drain Current (TC=25°C)
Continuous Drain Current (TC=100°C)
Drain Current-Pulsed
(1)
Gate-to-Source Voltage
Single Pulsed Avalanche Energy
(2)
Avalanche Current
(1)
Repetitive Avalanche Energy
(1)
Peak Diode Recovery dv/dt
(3)
Total Power Dissipation (TA=25°C)
Total Power Dissipation (TC=25°C)
Linear Derating Factor
Operating Junction and
Storage Temperature Range
Maximum Lead Temp. for Soldering
Purposes, 1/8 from case for 5-seconds
Characteristic
Value
Units
Symbol
IDM
VGS
EAS
IAR
EAR
dv/dt
PD
ID
TJ , TSTG
TL
A
V
mJ
A
mJ
V/ns
W
W
W/
°C
A
°C
VDSS
V
*
D-PAK
1. Gate 2. Drain 3. Source
1
2
3
I-PAK
1
3
2
©1999 Fairchild Semiconductor Corporation
Rev. B


Similar Part No. - IRFR014A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR014 IRF-IRFR014 Datasheet
172Kb / 6P
   Power MOSFET(Vdss = 60 V, Rds(on) = 0.20 Ohm, Id= 7.7A)
logo
Samsung semiconductor
IRFR014 SAMSUNG-IRFR014 Datasheet
287Kb / 5P
   N-CHANNEL POWER MOSFET
logo
Vishay Siliconix
IRFR014 VISHAY-IRFR014 Datasheet
1Mb / 8P
   Power MOSFET
S-81432-Rev. A, 07-Jul-08
IRFR014 VISHAY-IRFR014 Datasheet
1Mb / 10P
   Power MOSFET
Rev. D, 10-May-10
IRFR014 VISHAY-IRFR014 Datasheet
1Mb / 10P
   Power MOSFET
Rev. D, 10-May-10
More results

Similar Description - IRFR014A

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
logo
Fairchild Semiconductor
SFR2955 FAIRCHILD-SFR2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
SSI2N80A FAIRCHILD-SSI2N80A Datasheet
264Kb / 7P
   Advanced Power MOSFET
IRFZ24A FAIRCHILD-IRFZ24A Datasheet
221Kb / 7P
   ADVANCED POWER MOSFET
SSP5N80A FAIRCHILD-SSP5N80A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFW550A FAIRCHILD-IRFW550A Datasheet
267Kb / 7P
   Advanced Power MOSFET
SFW9510 FAIRCHILD-SFW9510 Datasheet
229Kb / 7P
   Advanced Power MOSFET
SFR9024 FAIRCHILD-SFR9024 Datasheet
230Kb / 7P
   Advanced Power MOSFET
SFR9210F FAIRCHILD-SFR9210F Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFR9214 FAIRCHILD-SFR9214 Datasheet
311Kb / 7P
   Advanced Power MOSFET
SSH10N60A FAIRCHILD-SSH10N60A Datasheet
243Kb / 7P
   Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com