Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

75N75-TF3-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 75N75-TF3-R
Description  75Amps, 75Volts N-CHANNEL POWER MOSTFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

75N75-TF3-R Datasheet(HTML) 6 Page - Unisonic Technologies

  75N75-TF3-R Datasheet HTML 1Page - Unisonic Technologies 75N75-TF3-R Datasheet HTML 2Page - Unisonic Technologies 75N75-TF3-R Datasheet HTML 3Page - Unisonic Technologies 75N75-TF3-R Datasheet HTML 4Page - Unisonic Technologies 75N75-TF3-R Datasheet HTML 5Page - Unisonic Technologies 75N75-TF3-R Datasheet HTML 6Page - Unisonic Technologies 75N75-TF3-R Datasheet HTML 7Page - Unisonic Technologies 75N75-TF3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
75N75
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R502-097,A
TYPICAL CHARACTERISTICS
10
2
10
1
10
0
10
1
10
-1
10
0
Drain-Source Voltage, VDS (V)
On-State Characteristics
10
2
10
1
10
0
2
Gate-Source Voltage, VGS (V)
Transfer Characteristics
468
10
35
7
9
V
GS
Top: 15V
10 V
8 V
7 V
6 V
5 .5V
5V
Bottorm : 4.5V
4.5V
Note:
1. VDS=25V
2. 20µs Pulse Test
11
0
Drain Current, ID (A)
30
70 80
12
13
14
15
On-Resistance Variation vs. Drain
Current and Gate Voltage
10
2
10
1
100
0.2
Source-Drain Voltage, VSD (V)
Reverse Drain Current vs. Allowable Case
Temperature
1.6
0.4
0.6 0.8 1.0 1.2 1.4
10
50
100
*Note:
1. VGS=0V
2. 250µs Test
25℃
150℃
VGS=10V
20
40
60
90
4000
0
5
Drain-Source Voltage, VDC (V)
Capacitance Characteristics
(Non-Repetitive)
1000
2000
10
0
Total Gate Charge, QG (nC)
5
15 20 25
8
10
12
Gate Charge Characteristics
10
6
4
2
0
25
6000
CISS
COSS
3000
5000
15
20
30
35
*Note:
1. VGS=0V
2. f = 1MHz
CRSS
30 35 40 45
VDS=60V
VDS=38V
*Note: ID=48A
CISS=CGS+CGD (CDS=shorted)
COSS=CDS+CGD
CRSS=CGD


Similar Part No. - 75N75-TF3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
75N75-TF3-T UTC-75N75-TF3-T Datasheet
208Kb / 6P
   80Amps, 75Volts N-CHANNEL POWER MOSFET
More results

Similar Description - 75N75-TF3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
60N75 UTC-60N75 Datasheet
246Kb / 8P
   60Amps, 75Volts N-CHANNEL POWER MOSTFET
75N75 UTC-75N75_09 Datasheet
208Kb / 6P
   80Amps, 75Volts N-CHANNEL POWER MOSFET
logo
Micro Commercial Compon...
BAW156 MCC-BAW156 Datasheet
212Kb / 4P
   250mW 75Volts Dual Switching Diode
logo
Guangdong Kexin Industr...
XP151A13 KEXIN-XP151A13 Datasheet
208Kb / 3P
   N-Channel Power
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Samsung semiconductor
IRFP450 SAMSUNG-IRFP450 Datasheet
212Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com