Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T93RMY6E Datasheet(PDF) 10 Page - STMicroelectronics

Part # M41T93RMY6E
Description  Serial SPI bus RTC with battery switchover
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93RMY6E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M41T93RMY6E Datasheet HTML 6Page - STMicroelectronics M41T93RMY6E Datasheet HTML 7Page - STMicroelectronics M41T93RMY6E Datasheet HTML 8Page - STMicroelectronics M41T93RMY6E Datasheet HTML 9Page - STMicroelectronics M41T93RMY6E Datasheet HTML 10Page - STMicroelectronics M41T93RMY6E Datasheet HTML 11Page - STMicroelectronics M41T93RMY6E Datasheet HTML 12Page - STMicroelectronics M41T93RMY6E Datasheet HTML 13Page - STMicroelectronics M41T93RMY6E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
Summary description
M41T93
10/49
Figure 5.
Hardware hookup
1.
Open drain output
2.
CPOL (Clock Polarity) and CPHA (Clock Phase) are bits that may be set in the SPI Control Register of the MCU.
1.
SDO remains at High Z until eight bits of data are ready to be shifted out during a READ.
Figure 6.
Data and clock timing
AI11822
VCC
Reset Input
(ST6, ST7, ST9, ST10, Others)
SCL
(2)
SPI Interface with
(CPOL, CPHA) =
(0,0) or (1,1)
SDI
SDO
CS
32kHz CLKIN
XO
XI
M41T93
MCU
VSS
VBAT
IRQ/FT/OUT
(1)
RST
(1)
SDI
SQW
SDO
SCL
VCC
INT
E
VCC
Table 2.
Function table
Mode
E
SCL
SDI
SDO
Disable Reset
H
Input Disabled
Input disabled
High Z
WRITE
L
Data bit latch
High Z
READ
L
X
Next data bit shift (1)
AI04630
AI04631
AI04632
C
C
MSB
LSB
CPHA
SDI
0
1
CPOL
0
1
MSB
LSB
SDO


Similar Part No. - M41T93RMY6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T93RMY6E STMICROELECTRONICS-M41T93RMY6E Datasheet
446Kb / 51P
   Serial SPI bus RTC with battery switchover
More results

Similar Description - M41T93RMY6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T93 STMICROELECTRONICS-M41T93_07 Datasheet
382Kb / 51P
   Serial SPI bus RTC with battery switchover
M41T93 STMICROELECTRONICS-M41T93_08 Datasheet
446Kb / 51P
   Serial SPI bus RTC with battery switchover
M41T82 STMICROELECTRONICS-M41T82_10 Datasheet
989Kb / 61P
   Serial I2C bus RTC with battery switchover
M41T82 STMICROELECTRONICS-M41T82_08 Datasheet
465Kb / 58P
   Serial I2C bus RTC with battery switchover
M41T82 STMICROELECTRONICS-M41T82 Datasheet
453Kb / 58P
   Serial RTC with battery switchover
M41T93 STMICROELECTRONICS-M41T93_11 Datasheet
787Kb / 51P
   Serial SPI bus real-time clock with battery switchover
M41T83 STMICROELECTRONICS-M41T83_12 Datasheet
1,001Kb / 62P
   Serial I2C bus real-time clock (RTC) with battery switchover
logo
Golledge Electronics Lt...
RV3049C2 GOLLEDGE-RV3049C2_18 Datasheet
749Kb / 5P
   RTC SPI Bus
RV3049C3 GOLLEDGE-RV3049C3_18 Datasheet
749Kb / 5P
   RTC SPI Bus
logo
Micro Analog systems
MCP7952X MAS-MCP7952X Datasheet
946Kb / 50P
   3V SPI Real-Time Clock Calendar with Battery Switchover
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com