Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6217A091GL Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6217A091GL
Description  HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6217A091GL Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6217A091GL Datasheet HTML 1Page - Torex Semiconductor XC6217A091GL Datasheet HTML 2Page - Torex Semiconductor XC6217A091GL Datasheet HTML 3Page - Torex Semiconductor XC6217A091GL Datasheet HTML 4Page - Torex Semiconductor XC6217A091GL Datasheet HTML 5Page - Torex Semiconductor XC6217A091GL Datasheet HTML 6Page - Torex Semiconductor XC6217A091GL Datasheet HTML 7Page - Torex Semiconductor XC6217A091GL Datasheet HTML 8Page - Torex Semiconductor XC6217A091GL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3/30
XC6217
Series
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
A
: CE High Active, no CL discharge resistor
B
: CE High Active, with CL discharge resistor
C
: CE High Active, no CL discharge resistor, no GO pin (SSOT-24)
Type of Regulator
D
: CE High Active, with CL discharge resistor, no GO pin (SSOT-24)
Output Voltage
08 ~ 40
: ex.) VOUT(T) = 3.0V → ② = 3, ③ = 0
: 100mV increments,
When 0.8V≦VOUT(T)≦1.50V in HS mode;;
HS mode: VOUT(T)+30mV
PS mode: +70mV, -90mV
ex.) 0.8V → ②=0, ③=8, ④=2
: 100mV increments,
When 1.6V≦VOUT(T)≦1.9V in HS mode;
HS mode: VOUT(T) +30mV,
PS mode: +3.5%, -4.5%
ex.) 1.6V → ②=1, ③=6, ④=2
: 100mV increments,
When 2.0V≦VOUT(T)≦2.5V;
HS mode: +2%,
PS mode: +3.5%, -4.5%
ex.) 2.0V → ②=2, ③=0, ④=2
2
: 100mV increments,
When VOUT(T)>2.6V;
HS mode: +2%
PS mode: +2.5%, -3.5%
ex.) 3.0V → ②=3, ③=0, ④=2
: 50mV increments,
When 0.85V≦VOUT(T)≦1.55V;
HS mode: VOUT(T)+30mV
PS mode: +70mV, -90mV
ex.) 0.85V → ②=0, ③=8, ④=A
: 50mV increments,
When 1.65V≦VOUT(T)≦1.95V;
HS mode: VOUT(T)+30mV,
PS mode: +3.5%, -4.5%
ex.) 1.65V → ②=1, ③=6, ④=A
: 50mV increments,
When 2.05V≦VOUT(T)≦2.55V;
HS mode: +2%,
PS mode: +3.5%, -4.5%
ex.) 2.05V → ②=2, ③=0, ④=A
Output Accuracy
A
: 50mV increments,
When VOUT(T)>2.65V;
HS mode: +2%
PS mode: +2.5%, -3.5%
ex.) 3.05V → ②=3, ③=0, ④=A
PRODUCT CLASSIFICATION
Ordering Information
XC6217 ①②③④⑤⑥


Similar Part No. - XC6217A091GL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6217A0817R-G TOREX-XC6217A0817R-G Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217A081GR TOREX-XC6217A081GR Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217A081GR-G TOREX-XC6217A081GR-G Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217A081MR TOREX-XC6217A081MR Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217A081MR-G TOREX-XC6217A081MR-G Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
More results

Similar Description - XC6217A091GL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_1 Datasheet
538Kb / 31P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217A182MR-G TOREX-XC6217A182MR-G Datasheet
556Kb / 32P
   200mA High Speed "Green Operation" LDO Voltage Regulators
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6204 MINILOGIC-ML6204 Datasheet
973Kb / 19P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6413 TOREX-XC6413 Datasheet
132Kb / 13P
   High Speed LDO Regulators
XC6213 TOREX-XC6213 Datasheet
70Kb / 5P
   High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6209 MINILOGIC-ML6209 Datasheet
476Kb / 14P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6204A18AM TOREX-XC6204A18AM Datasheet
336Kb / 26P
   High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com