Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4532DY Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI4532DY
Description  N- and P-Channel 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4532DY Datasheet(HTML) 3 Page - Vishay Siliconix

  SI4532DY Datasheet HTML 1Page - Vishay Siliconix SI4532DY Datasheet HTML 2Page - Vishay Siliconix SI4532DY Datasheet HTML 3Page - Vishay Siliconix SI4532DY Datasheet HTML 4Page - Vishay Siliconix SI4532DY Datasheet HTML 5Page - Vishay Siliconix SI4532DY Datasheet HTML 6Page - Vishay Siliconix SI4532DY Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Si4532DY
Vishay Siliconix
Vishay Siliconix, 2201 Laurelwood Road, Santa Clara, CA 95054
S Phone (408)988-8000 S FaxBack (408)970-5600 S www.siliconix.com
S-56944—Rev. D, 23-Nov-93
Siliconix was formerly a division of TEMIC Semiconductors
3-3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
NCHANNEL
0
4
8
12
16
20
024
68
0
2
4
6
8
10
02468
10
0.4
0.8
1.2
1.6
2.0
–50
–25
0
25
50
75
100
125
150
0
0.04
0.08
0.12
0.16
0.20
0
4
8
12
16
20
0
150
300
450
600
750
0
5
10
15
20
25
30
0
4
8
12
16
20
0123456
Output Characteristics
Transfer Characteristics
Gate Charge
OnResistance vs. Drain Current
VDS – Drain-to-Source Voltage (V)
VGS = 10 thru 6 V
5 V
VGS – Gate-to-Source Voltage (V)
TC = –55_C
Qg – Total Gate Charge (nC)
VDS – Drain-to-Source Voltage (V)
Crss
Coss
Ciss
VDS = 10 V
ID = 3.9 A
ID – Drain Current (A)
Capacitance
OnResistance vs. Junction Temperature
VGS = 10 V
ID = 3.9 A
TJ – Junction Temperature (_C)
VGS = 10 V
VGS = 4.5 V
4 V
3 V
125
_C
25
_C


Similar Part No. - SI4532DY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SI4532DY FAIRCHILD-SI4532DY Datasheet
327Kb / 4P
   Dual N- and P-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - SI4532DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3590DV VISHAY-SI3590DV_09 Datasheet
232Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. C, 28-Sep-09
SI6544BDQ VISHAY-SI6544BDQ Datasheet
66Kb / 8P
   N-and P-Channel 30-V (D-S) MOSFET
Rev. A, 16-Jun-03
SI5511DC VISHAY-SI5511DC Datasheet
164Kb / 12P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. B, 22-Oct-07
SI5504BDC VISHAY-SI5504BDC_10 Datasheet
152Kb / 12P
   N- and P-Channel 30 V (D-S) MOSFET
Rev. B, 08-Mar-10
logo
Guangdong Kexin Industr...
KI4544DY KEXIN-KI4544DY Datasheet
56Kb / 2P
   N- and P-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AO4606A VBSEMI-AO4606A Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
FDS8960C-NL VBSEMI-FDS8960C-NL Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Vishay Telefunken
SI3590DV TFUNK-SI3590DV Datasheet
233Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
SI4532CDY TFUNK-SI4532CDY Datasheet
296Kb / 15P
   N- and P-Channel 30 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
SH8M4TB VBSEMI-SH8M4TB Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com