Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T93SMY6F Datasheet(PDF) 7 Page - STMicroelectronics

Part # M41T93SMY6F
Description  Serial SPI bus RTC with battery switchover
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93SMY6F Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M41T93SMY6F Datasheet HTML 3Page - STMicroelectronics M41T93SMY6F Datasheet HTML 4Page - STMicroelectronics M41T93SMY6F Datasheet HTML 5Page - STMicroelectronics M41T93SMY6F Datasheet HTML 6Page - STMicroelectronics M41T93SMY6F Datasheet HTML 7Page - STMicroelectronics M41T93SMY6F Datasheet HTML 8Page - STMicroelectronics M41T93SMY6F Datasheet HTML 9Page - STMicroelectronics M41T93SMY6F Datasheet HTML 10Page - STMicroelectronics M41T93SMY6F Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
M41T93
Summary description
7/49
Figure 1.
Logic diagram
1.
For QFN16 package only.
2.
Defaults to 32kHz on power-up.
3.
Open drain
1.
For QFN16 package only.
2.
Defaults to 32kHz on power-up.
3.
DU pin must be allowed to float (remain unconnected)
Table 1.
Signal name
Symbol
Description
XI(1)
32kHz oscillator input
XO(1)
32kHz oscillator output
IRQ/FT/OUT
Interrupt /frequency test/output driver (open drain)
SQW(2)
32kHz programmable square wave output
RST
Power-on reset output (open drain)
E
Chip enable
SDI
Serial data address input
SDO
Serial data address output
SCL
Serial clock input
VBAT
Battery supply voltage (Tie VBAT to VSS if no battery is connected.)
DU(3)
Do not use
VCC
Supply voltage
VSS
Ground
SDI
VCC
VSS
VBAT
SCL
RST
(3)
E
IRQ/OUT/FT
(3)
SQW
(2)
SDO
XI
(1)
XO
(1)
AI11818


Similar Part No. - M41T93SMY6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T93SMY6F STMICROELECTRONICS-M41T93SMY6F Datasheet
446Kb / 51P
   Serial SPI bus RTC with battery switchover
More results

Similar Description - M41T93SMY6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T93 STMICROELECTRONICS-M41T93_07 Datasheet
382Kb / 51P
   Serial SPI bus RTC with battery switchover
M41T93 STMICROELECTRONICS-M41T93_08 Datasheet
446Kb / 51P
   Serial SPI bus RTC with battery switchover
M41T82 STMICROELECTRONICS-M41T82_10 Datasheet
989Kb / 61P
   Serial I2C bus RTC with battery switchover
M41T82 STMICROELECTRONICS-M41T82_08 Datasheet
465Kb / 58P
   Serial I2C bus RTC with battery switchover
M41T82 STMICROELECTRONICS-M41T82 Datasheet
453Kb / 58P
   Serial RTC with battery switchover
M41T93 STMICROELECTRONICS-M41T93_11 Datasheet
787Kb / 51P
   Serial SPI bus real-time clock with battery switchover
M41T83 STMICROELECTRONICS-M41T83_12 Datasheet
1,001Kb / 62P
   Serial I2C bus real-time clock (RTC) with battery switchover
logo
Golledge Electronics Lt...
RV3049C2 GOLLEDGE-RV3049C2_18 Datasheet
749Kb / 5P
   RTC SPI Bus
RV3049C3 GOLLEDGE-RV3049C3_18 Datasheet
749Kb / 5P
   RTC SPI Bus
logo
Micro Analog systems
MCP7952X MAS-MCP7952X Datasheet
946Kb / 50P
   3V SPI Real-Time Clock Calendar with Battery Switchover
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com