Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC9495F Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC9495F
Description  Digital Servo Single Chip Processor Built in 1 Bit DA Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9495F Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC9495F Datasheet HTML 1Page - Toshiba Semiconductor TC9495F Datasheet HTML 2Page - Toshiba Semiconductor TC9495F Datasheet HTML 3Page - Toshiba Semiconductor TC9495F Datasheet HTML 4Page - Toshiba Semiconductor TC9495F Datasheet HTML 5Page - Toshiba Semiconductor TC9495F Datasheet HTML 6Page - Toshiba Semiconductor TC9495F Datasheet HTML 7Page - Toshiba Semiconductor TC9495F Datasheet HTML 8Page - Toshiba Semiconductor TC9495F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TC9495F
2002-01-11
5
Pin No.
Symbol
I/O
Functional Description
Remarks
55
DMO
O
Disk equalizer output terminal.
(PWM carrier
= 88.2 kHz for DSP, Synchronize to PXO)
¾
56
2VREF
¾
Analog double reference voltage supply terminal.
¾
57
SEL
O
APC circuit ON/OFF indication signal output terminal.
At the laser on time, UHF
= L at “HiZ” level and UHF = H at
“H” level.
¾
58
FLGA
O
Extemal flag output terminal for internal signal.
Can select signal from TEZC, FOON , FOK and RFZC by
command.
¾
59
FLGB
O
Extemal flag output terminal for internal signal.
Can select signal from DFCT , FOON , FMON and RFZC
by command.
¾
60
FLGC
O
Extemal flag output terminal for internal signal.
Can select signal from TRON , TRSR , FOK and SRCH
by command.
¾
61
FLGD
O
Extemal flag output terminal for internal signal.
Can select signal from TRON , DMON , HYS and SHC
by command.
¾
62
VDD
¾
Digital power supply voltage terminal.
¾
63
VSS
¾
Digital GND terminal.
¾
64
IO0
65
IO1
66
IO2
67
IO3
I/O
General I/O terminal. Can change over input port or output
port by command. At the input mode time can readout a
state of terminal (H/L) by read command. At the output mode
time can control a state of terminal (H/L/HiZ) by command.
¾
68
DMOUT
I
This terminal controls IO0~IO3 terminal.
At “L” level time, IO0, 1 out feed equalizer signal of 2-state
PWM, IO2, 3 out disk equalizer signal of 2-state PWM.
With pull-up resistor.
69
CKSE
I
Normally, keep at open.
With pull-up resistor.
70
DACT
I
DAC test mode terminal. Normally, keep at open.
With pull-up resistor.
71
TESIN
I
Test input terminal. Normally, keep at “L” level.
Analog input.
72
TESIO1
I
Test input/output terminal. Normally, keep at “L” level.
¾
73
VSS
¾
Digital GND terminal.
¾
74
PXI
I
Crystal oscillator connecting input terminal for DSP.
Normally, keep at “L” level.
75
PXO
O
Crystal oscillator connecting output terminal for DSP.
Analog input.
76
VDD
¾
Digital power supply voltage terminal.
¾
77
XVSS
¾
Oscillator GND terminal for system clock.
¾
78
XI
I
Crystal oscillator connecting input terminal for system clock.
¾
79
XO
O
Crystal oscillator connecting output terminal for system clock.
¾
80
XVDD
¾
Oscillator power supply voltage terminal for system clock.
¾
81
DVSR
¾
Analog GND terminal for DA converter. (R-ch)
¾
82
RO
O
R channel data forward output terminal.
¾
83
DVDD
¾
Analog supply voltage terminal for DA converter.
¾
84
DVR
¾
Reference voltage terminal for DA converter.
¾
85
LO
O
L channel data forward output terminal.
¾
86
DVSL
¾
Analog GND terminal for DA converter. (L-ch)
¾
87
TEST1
I
Test mode terminal. Normal, keep at open.
With pull-up resistor.


Similar Part No. - TC9495F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9490F TOSHIBA-TC9490F Datasheet
177Kb / 15P
   Digital Servo Single-Chip Processor for Use in CD Player
TC9490FA TOSHIBA-TC9490FA Datasheet
177Kb / 15P
   Digital Servo Single-Chip Processor for Use in CD Player
logo
TelCom Semiconductor, I...
TC9491A TELCOM-TC9491A Datasheet
45Kb / 3P
   LOW POWER, BANDGAP VOLTAGE REFERENCES
TC9491ACOA TELCOM-TC9491ACOA Datasheet
45Kb / 3P
   LOW POWER, BANDGAP VOLTAGE REFERENCES
TC9491ACZM TELCOM-TC9491ACZM Datasheet
45Kb / 3P
   LOW POWER, BANDGAP VOLTAGE REFERENCES
More results

Similar Description - TC9495F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9432F TOSHIBA-TC9432F Datasheet
462Kb / 8P
   DIGITAL SERVO SINGLE CHIP PROCESSOR BUILT IN 1 BIT DA CONVERTER
TC9432AF TOSHIBA-TC9432AF Datasheet
722Kb / 17P
   DIGITAL SERVO SINGLE CHIP PROCESSOR BUILT IN 1 BIT DA CONVERTER
TC9296AF TOSHIBA-TC9296AF Datasheet
684Kb / 14P
   DIGITAL SERVO SINGLE CHIP PROCESSOR BUILT IN 1 BIT DA CONVERTER
TC9462F TOSHIBA-TC9462F Datasheet
730Kb / 17P
   DIGITAL SERVO SINGLE CHIP PROCESSOR BUILT IN 1BIT DA CONVERTER
TC9248BF TOSHIBA-TC9248BF Datasheet
622Kb / 15P
   CD SINGLE CHIP PROCESSOR WITH BUILT-IN 1BIT DA CONVERTER
TC9284BF TOSHIBA-TC9284BF Datasheet
651Kb / 16P
   CD SINGLE CHIP PROCESSOR WITH BUILT-IN 1BIT DA CONVERTER
TC9462F TOSHIBA-TC9462F_01 Datasheet
228Kb / 17P
   Digital Servo Single Chip Processor
logo
Sony Corporation
CXD2585Q SONY-CXD2585Q Datasheet
962Kb / 127P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3008Q SONY-CXD3008Q Datasheet
1,003Kb / 131P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3068Q SONY-CXD3068Q Datasheet
1Mb / 134P
   CD Digital Signal Processor with Built-in Digital Servo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com