Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC9495F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC9495F
Description  Digital Servo Single Chip Processor Built in 1 Bit DA Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9495F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC9495F Datasheet HTML 1Page - Toshiba Semiconductor TC9495F Datasheet HTML 2Page - Toshiba Semiconductor TC9495F Datasheet HTML 3Page - Toshiba Semiconductor TC9495F Datasheet HTML 4Page - Toshiba Semiconductor TC9495F Datasheet HTML 5Page - Toshiba Semiconductor TC9495F Datasheet HTML 6Page - Toshiba Semiconductor TC9495F Datasheet HTML 7Page - Toshiba Semiconductor TC9495F Datasheet HTML 8Page - Toshiba Semiconductor TC9495F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TC9495F
2002-01-11
3
Pin Function
Pin No.
Symbol
I/O
Functional Description
Remarks
1
TEST0
I
Test mode terminal. Normally, keep at open.
With pull-up resistor.
2
HSO
O
3
UHSO
O
Playback speed mode flag output terminal.
UHSO
HSO
Playback Speed
H
H
Normal
H
L
2 times
L
H
4 times
L
L
¾
¾
4
EMPH
O
Subcode Q data emphasis flag output terminal.
Emphasis ON at “H” level and OFF at “L” level.
The output polarity can invert by command.
¾
5
LRCK
O
Channel clock output terminal. (44.1 kHz)
L-ch at “L” level and R-ch at “H” level. The output polarity can
invert by command.
¾
6
VSS
¾
Digital GND terminal.
¾
7
BCK
O
Bit clock output terminal.
Output is selectable 1.4112 MHz, 2.1168 MHz or
2.8224 MHz.
¾
8
AOUT
O
Audio data output terminal.
¾
9
DOUT
O
Digital data output terminal.
¾
10
MBOV
O
Buffer memory over signal output terminal.
Over at “H” level.
¾
11
IPF
O
Correction flag output terminal.
At “H” level, AOUT output is made to correction impossibility
by C2 correction processing.
¾
12
SBOK
O
Subcode Q data CRCC check adjusting result output
terminal. The adjusting result is OK at “H” level.
¾
13
CLCK
I/O
Subcode P~W data readout clock input/output terminal.
This terminal can select by command bit.
¾
14
VDD
¾
Digital power supply voltage terminal.
¾
15
VSS
¾
Digital GND terminal.
¾
16
DATA
O
Subcode P~W data output terminal.
¾
17
SFSY
O
Play-back frame sync signal output terminal.
¾
18
SBSY
O
Subcode block sync signal output terminal.
¾
19
SPCK
O
Processor status signal readout clock output terminal.
¾
20
SPDA
O
Processor status signal output terminal.
¾
21
COFS
O
Correction frame clock output terminal.
(7.35 kHz)
¾
22
MONIT
O
Internal signal (DSP internal flag and PLL clock) output
terminal. Selected by command.
This terminal output the text data with serial by command.
¾
23
VDD
¾
Digital power supply voltage terminal.
¾
24
TESIO0
I
Test input/output terminal. Normally, keep at “L” level.
The terminal that inputted the clock for read of text data by
command.
¾


Similar Part No. - TC9495F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9490F TOSHIBA-TC9490F Datasheet
177Kb / 15P
   Digital Servo Single-Chip Processor for Use in CD Player
TC9490FA TOSHIBA-TC9490FA Datasheet
177Kb / 15P
   Digital Servo Single-Chip Processor for Use in CD Player
logo
TelCom Semiconductor, I...
TC9491A TELCOM-TC9491A Datasheet
45Kb / 3P
   LOW POWER, BANDGAP VOLTAGE REFERENCES
TC9491ACOA TELCOM-TC9491ACOA Datasheet
45Kb / 3P
   LOW POWER, BANDGAP VOLTAGE REFERENCES
TC9491ACZM TELCOM-TC9491ACZM Datasheet
45Kb / 3P
   LOW POWER, BANDGAP VOLTAGE REFERENCES
More results

Similar Description - TC9495F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9432F TOSHIBA-TC9432F Datasheet
462Kb / 8P
   DIGITAL SERVO SINGLE CHIP PROCESSOR BUILT IN 1 BIT DA CONVERTER
TC9432AF TOSHIBA-TC9432AF Datasheet
722Kb / 17P
   DIGITAL SERVO SINGLE CHIP PROCESSOR BUILT IN 1 BIT DA CONVERTER
TC9296AF TOSHIBA-TC9296AF Datasheet
684Kb / 14P
   DIGITAL SERVO SINGLE CHIP PROCESSOR BUILT IN 1 BIT DA CONVERTER
TC9462F TOSHIBA-TC9462F Datasheet
730Kb / 17P
   DIGITAL SERVO SINGLE CHIP PROCESSOR BUILT IN 1BIT DA CONVERTER
TC9248BF TOSHIBA-TC9248BF Datasheet
622Kb / 15P
   CD SINGLE CHIP PROCESSOR WITH BUILT-IN 1BIT DA CONVERTER
TC9284BF TOSHIBA-TC9284BF Datasheet
651Kb / 16P
   CD SINGLE CHIP PROCESSOR WITH BUILT-IN 1BIT DA CONVERTER
TC9462F TOSHIBA-TC9462F_01 Datasheet
228Kb / 17P
   Digital Servo Single Chip Processor
logo
Sony Corporation
CXD2585Q SONY-CXD2585Q Datasheet
962Kb / 127P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3008Q SONY-CXD3008Q Datasheet
1,003Kb / 131P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3068Q SONY-CXD3068Q Datasheet
1Mb / 134P
   CD Digital Signal Processor with Built-in Digital Servo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com