Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF84M1-GNCAVXX Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # MF84M1-GNCAVXX
Description  8/16-bit Data Bus Flash Memory Card
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF84M1-GNCAVXX Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button MF84M1-GNCAVXX Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF84M1-GNCAVXX Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF84M1-GNCAVXX Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF84M1-GNCAVXX Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF84M1-GNCAVXX Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF84M1-GNCAVXX Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MF84M1-GNCAVXX Datasheet HTML 10Page - Mitsubishi Electric Semiconductor MF84M1-GNCAVXX Datasheet HTML 11Page - Mitsubishi Electric Semiconductor MF84M1-GNCAVXX Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
MITSUBISHI MEMORY CARD
FLASH MEMORY CARDS
MITSUBISHI
ELECTRIC
8/22
Feb.1999 Rev2.0
PROGRAMME ALGORITHM
PROGRAMME
8 bit Operation
Write the programme setup command (40h) to the
address to be programmed. The next write sequence
will initiate the programming operation which will
end automatically as this period being controlled by
an internal timer and the data will be programmed.
To make sure that the data is
programmed correctly read data of the status
register. The read status register command (70h)
may or may not be applied to read the data after the
programme data input. If the data is programmed
step address and programme data according to the
above sequence.
The next address to be programmed should be
written with in a memory zone. After the last
programming operation, write the reset command
( FFh) in control register of the programmed memory
zones.
When overwriting bits programmed as “ 0 ” ,
programme “ 1 ” or the device reliability is affected.
16 bit operation
The algorithm of 16 bit programming is almost same
as the 8 bit programming. (Please refer to the
algorithm and the status of bus at programming)
PROGRAMME SUSPEND
8 bit Operation
The programme suspend is a command to generate
zone programme interruption in order to read or
data from another block of the selected memory
zone. It is necessary to write the erase suspend
command (B0h) in the programme algorithm.
The execution of the programme suspend can be
confirmed by reading data of the status register.
Then it is necessary to write the read command
( FFh) in control register in order to read data, after
reading the status register ’ s data.
After the programme resume command (D0h) is
written in the control register, the memory zone will
continue the programme operation.
16 bit Operation
Most of the algorithm of 16 bit programme
suspending is same as the one of the 8 bit
programme suspending.
(Please refer to the algorithm and the state of bus
at programme suspending.)
ERASE ALGORITHM
ERASE
8 bit Operation
Write the erase setup command (20h) and erase
confirm command (D0h) for the applicable block
address.
An erasure operation will then commence which
will be finished in 1.6s typical or less this being
automatically controlled by an internal timer.
To make sure that the data is erased correctly
and read data of the status register.
The read status register command (70h) may or may
not be applied to read the data after the erase
confirm command.
After erasure has completed write the reset
command ( FFh) to the control register, proceed
to the erase operation for the next memory block.
16 bit Operation
Most of the algorithm of 16 bit erasure is same as
the one of the 8 bit erasure.
(Please refer to the algorithm and the state of bus
at erasure.)
ERASE SUSPEND
8 bit Operation
The erase suspend is a command to generate block
erase interruption in order to read or programme
data from another block of the selected memory
zone. It is necessary to write the erase suspend
command (B0h) in the erase algorithm.
The execution of the erase suspend can be confirmed
by reading data of the status register.
Then it is necessary to write the read command
( FFh) in control register in order to read data, after
reading the status register ’ s data.
After the erase resume command (D0h) is written in
the control register, the memory block will continue
erase operation.
16 bit Operation
Most of the algorithm of 16 bit erase suspending is
same as the one of the 8 bit erase suspending.
(Please refer to the algorithm and the state of bus
at erase suspending.)


Similar Part No. - MF84M1-GNCAVXX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MF8 NSC-MF8 Datasheet
383Kb / 24P
   4th-Order Switched Capacitor Bandpass Filter
logo
List of Unclassifed Man...
MF80A00B1-1000U-A99 ETC-MF80A00B1-1000U-A99 Datasheet
327Kb / 14P
   MagLev Motor Fan
11.30.2017
MF80A00O1-1000U-A99 ETC-MF80A00O1-1000U-A99 Datasheet
327Kb / 14P
   MagLev Motor Fan
11.30.2017
MF80A00S1-1000U-A99 ETC-MF80A00S1-1000U-A99 Datasheet
327Kb / 14P
   MagLev Motor Fan
11.30.2017
MF80A00V1-1000U-A99 ETC-MF80A00V1-1000U-A99 Datasheet
327Kb / 14P
   MagLev Motor Fan
11.30.2017
More results

Similar Description - MF84M1-GNCAVXX

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF007M5-03ATXX MITSUBISHI-MF007M5-03ATXX Datasheet
841Kb / 29P
   8/16-bit Data Bus Flash ATA PC Card
MF0064M-07BTXX MITSUBISHI-MF0064M-07BTXX Datasheet
222Kb / 31P
   8/16-bit Data Bus Flash ATA PC Card
MF0064M-07ATXX MITSUBISHI-MF0064M-07ATXX Datasheet
211Kb / 32P
   8/16-bit Data Bus Flash ATA PC Card
MF0032M-11ATXX MITSUBISHI-MF0032M-11ATXX Datasheet
584Kb / 32P
   8/16-bit Data Bus Flash ATA PC Card
MF0032M-04AAXX MITSUBISHI-MF0032M-04AAXX Datasheet
211Kb / 32P
   8/16-bit Data Bus CompactFlash Card
MF0032M-05AAXX MITSUBISHI-MF0032M-05AAXX Datasheet
589Kb / 32P
   8/16-bit Data Bus CompactFlash Card
MF0064M-04BAXX MITSUBISHI-MF0064M-04BAXX Datasheet
217Kb / 31P
   8/16-bit Data Bus CompactFlash Card
MF365A-J8CATXX MITSUBISHI-MF365A-J8CATXX Datasheet
119Kb / 16P
   8/16-bit Data Bus Static RAM Card
MF365A-LZCATXX MITSUBISHI-MF365A-LZCATXX Datasheet
116Kb / 16P
   8/16-bit Data Bus Static RAM Card
MF365A-LYCATXX MITSUBISHI-MF365A-LYCATXX Datasheet
101Kb / 14P
   8/16-bit Data Bus Static RAM Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com