Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65030YZKT Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS65030YZKT
Description  POWER MANAGEMENT IC for USB-OTG
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65030YZKT Datasheet(HTML) 1 Page - Texas Instruments

  TPS65030YZKT Datasheet HTML 1Page - Texas Instruments TPS65030YZKT Datasheet HTML 2Page - Texas Instruments TPS65030YZKT Datasheet HTML 3Page - Texas Instruments TPS65030YZKT Datasheet HTML 4Page - Texas Instruments TPS65030YZKT Datasheet HTML 5Page - Texas Instruments TPS65030YZKT Datasheet HTML 6Page - Texas Instruments TPS65030YZKT Datasheet HTML 7Page - Texas Instruments TPS65030YZKT Datasheet HTML 8Page - Texas Instruments TPS65030YZKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
TPS65030
VIN
EN1 (5 V)
VIN
3 V . . .4.2 V (5 V)
10 F
m
EN2 (3.3 V
and 1.5 V)
EN3 (1.8 V)
SLEEP
PGood
SW_EN1
SW_EN2
Test SRP
PGND
PGND
GND
Charge
Pump
Charge
Pump
Charge
Pump
LDO
Vbus
CF1A+
CF1A−
CF1B+
CF1B−
Vout2
CF2+
CF2−
Vout3
CF3+
CF3−
Vout4
C 1
o
4.7 F
m
C 2
o
1 F
m
C 4
o
1 F
m
C 3
o
10 F
m
1 F
m
1 mF
100 nF
1 mF
5 V/100 mA
3.3 V/22 mA
1.5 V/200 mA
1.8 V/60 mA
TPS65030
SLVS620 – FEBRUARY 2006
POWER MANAGEMENT IC for USB-OTG
4 Regulated Output Voltages with 3%
The TPS65030 contains three charge pumps and one
Tolerance
LDO to generate all supply voltages necessary for an
USB
On-The-Go
(OTG)
implementation
using
– Fractional Charge Pump for 5 V/100 mA
TUSB6010. The charge pumps are optimized for a
– Fractional Charge Pump for 1.5 V/200 mA
single Li-Ion cell input or for 5 V from the USB bus.
– Doubling Charge Pump With LDO Mode for
The input voltage range is 3 V to 5 V for the battery
3.3 V/22 mA
voltage.
High
efficiency
is
achieved
by
using
fractional
conversion
techniques
for
the
charge
– LDO for 1.8 V/60 mA
pumps in combination with a power saving sleep
Switching Frequency 1 MHz
mode. The current controlled charge pumps in
3 V to 5 V Operating Input Voltage Range at
addition ensure low input current ripple and low EMI.
VCC Pin
Small size external ceramic capacitors are required to
build a complete power supply solution. To reduce
Sleep Mode Sets Vout2 and Vout3 Into LDO
board space to a minimum, the device switches at
Mode
1-MHz operating frequency, and is available in a
Sleep Mode Reduces Quiescent Current of
small 25-ball lead free chip scale package (YZK).
Vout2, Vout3, and Vout4 to 8
µA Each
internal Bus Switch
Vbus Comparator
Internal Soft Start Limits Inrush Current
Low Input Current Ripple and Low EMI
Overcurrent and Overtemperature Protected
Undervoltage Lockout With Hysteresis
Ultra-Small 2,5 mm x 2,7 mm Chip Scale
Package Applications
Power Supply for USB OTG for:
– Cellular Phones
– Smart Phones
– PDAs
– Handheld PCs
– Digital Cameras
– Camcorders
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS65030YZKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65030YZKT TI1-TPS65030YZKT Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
More results

Similar Description - TPS65030YZKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24260 TI1-BQ24260 Datasheet
6Mb / 57P
[Old version datasheet]   Power-Path Management and USB-OTG Support
logo
Richtek Technology Corp...
RT9991 RICHTEK-RT9991 Datasheet
251Kb / 14P
   Power Management IC for SSD
logo
Silicon Mitus, Inc.
SM5007 SILICONMITUS-SM5007 Datasheet
645Kb / 2P
   Power Management IC for IoT
March 2018 Rev1.0.0
logo
Richtek Technology Corp...
RT9996 RICHTEK-RT9996 Datasheet
230Kb / 12P
   Power Management IC for SSD
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Rohm
BH6039KN ROHM-BH6039KN Datasheet
208Kb / 3P
   Power management IC for cellular phones
logo
ON Semiconductor
HPM10 ONSEMI-HPM10_16 Datasheet
141Kb / 18P
   Power Management IC for Hearing Aids
September, 2016 ??Rev. 4
logo
Toshiba Semiconductor
TB62501F TOSHIBA-TB62501F Datasheet
406Kb / 48P
   Power Management IC for Notebook PC
14-Jan-03 Rev.2.0
logo
Rohm
BD39031MUF-C ROHM-BD39031MUF-C Datasheet
1Mb / 53P
   Power Management IC for ADAS Applications
05.Mar.2020 Rev.001
logo
ATMEL Corporation
AT73C203 ATMEL-AT73C203 Datasheet
48Kb / 3P
   Power Management IC for Datacom Platforms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com