Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33186 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33186
Description  H-Bridge Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33186 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33186 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33186
ELECTRICAL CHARACTERISTICS
TRUTH TABLE
TRUTH TABLE
Table 4. TRUTH TABLE
Device State
Input Conditions
Status
Outputs
DI1 (8)
DI2 (8)
IN1
IN2
SF(9)
SF(10)
OU1
OU2
1-Forward
LH
HL
H
H
H
L
2-Reverse
LH
LH
H
H
L
H
3-Free Wheeling Low
LH
L
L
H
H
L
L
4-Free Wheeling High
LH
H
H
H
H
H
H
5-Disable 1
HX
X
X
L
H
Z
Z
6-Disable 2
XLX
X
L
H
Z
Z
7-IN1 Disconnected
LH
Z
X
H
H
H
X
8-IN2 Disconnected
LH
X
Z
H
H
X
H
9-DI1 Disconnected
ZX
X
X
L
H
Z
Z
10-DI2 Disconnected
XZ
X
X
L
H
Z
Z
11-Current Limit.active
LH
X
X
H
H
Z
Z
12-Undervoltage(6)
XX
XX
L
L
Z
Z
13-Overtemperature(7)
XX
XX
L
L
Z
Z
14-Overcurrent(7)
XX
XX
L
L
Z
Z
Notes
6.
In case of undervoltage, tristate and status-flag are reset automatically.
7.
Whenever overcurrent or overtemperature is detected, the fault is stored (i.e.status-flag remains low). The tristate conditions and the
status-flag are reset via DI1 (IN1) or DI2 (IN2). Pin names in brackets refer to coding Pin (COD = VCC).
8.
If COD = VCC then DI1 and DI2 are not active.
9.
COD = nc or GND
10.
COD = VCC
L = Low
H = High
X = High or Low
Z = High impedance (all output stage transistors are switched off).


Similar Part No. - 33186

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33186 FREESCALE-33186_11 Datasheet
477Kb / 24P
   H-Bridge Driver
More results

Similar Description - 33186

ManufacturerPart #DatasheetDescription
logo
Rohm
BD62222HFP ROHM-BD62222HFP Datasheet
284Kb / 11P
   H-bridge driver
logo
New Japan Radio
NJM2675 NJRC-NJM2675 Datasheet
300Kb / 8P
   H BRIDGE DRIVER
logo
Rohm
BD62321HFP ROHM-BD62321HFP Datasheet
259Kb / 11P
   H-bridge driver
logo
Freescale Semiconductor...
MC33186VW2R2 FREESCALE-MC33186VW2R2 Datasheet
659Kb / 24P
   H-Bridge Driver
33186 FREESCALE-33186_11 Datasheet
477Kb / 24P
   H-Bridge Driver
MC33186DH1 FREESCALE-MC33186DH1 Datasheet
659Kb / 24P
   H-Bridge Driver
logo
Vishay Siliconix
SI9978DW VISHAY-SI9978DW Datasheet
165Kb / 6P
   Configurable H-Bridge Driver
Rev. D, 05-Apr-99
logo
Cherry Semiconductor Co...
CS3720 CHERRY-CS3720 Datasheet
159Kb / 4P
   2A H-Bridge Driver
logo
ON Semiconductor
CS3720 ONSEMI-CS3720 Datasheet
70Kb / 4P
   2A H-Bridge Driver
December, 2001 - Rev. 5
logo
Rohm
BD6736FV ROHM-BD6736FV_15 Datasheet
1Mb / 16P
   Single H-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com