Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6217A082ML Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6217A082ML
Description  HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6217A082ML Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6217A082ML Datasheet HTML 1Page - Torex Semiconductor XC6217A082ML Datasheet HTML 2Page - Torex Semiconductor XC6217A082ML Datasheet HTML 3Page - Torex Semiconductor XC6217A082ML Datasheet HTML 4Page - Torex Semiconductor XC6217A082ML Datasheet HTML 5Page - Torex Semiconductor XC6217A082ML Datasheet HTML 6Page - Torex Semiconductor XC6217A082ML Datasheet HTML 7Page - Torex Semiconductor XC6217A082ML Datasheet HTML 8Page - Torex Semiconductor XC6217A082ML Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4/30
XC6217 Series
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
: 100mV increments,
When 0.8V≦VOUT(T)≦1.50V in HS mode;;
HS mode: VOUT(T)+20mV
PS mode: +50mV, -70mV
ex.) 0.8V → ②=0, ③=8, ④=1
: 100mV increments,
When 1.6V≦VOUT(T)≦1.9V in HS mode;
HS mode: VOUT(T) +20mV,
PS mode: +2.5%, -3.5%
ex.) 1.6V → ②=1, ③=6, ④=1
: 100mV increments,
When 2.0V≦VOUT(T)≦2.5V;
HS mode: +1%,
PS mode: +2.5%, -3.5%
ex.) 2.0V → ②=2, ③=0, ④=1
1
: 100mV increments,
When VOUT(T)>2.6V;
HS mode: +1%
PS mode: +1.5%, -2.5%
ex.) 3.0V → ②=3, ③=0, ④=1
: 50mV increments,
When 0.85V≦VOUT(T)≦1.55V;
HS mode: VOUT(T)+20mV
PS mode: +50mV, -70mV
ex.) 0.85V → ②=0, ③=8, ④=B
: 50mV increments,
When 1.65V≦VOUT(T)≦1.95V;
HS mode: VOUT(T)+20mV,
PS mode: +2.5%, -3.5%
ex.) 1.65V → ②=1, ③=6, ④=B
: 50mV increments,
When 2.05V≦VOUT(T)≦2.55V;
HS mode: +1%,
PS mode: +2.5%, -3.5%
ex.) 2.05V → ②=2, ③=0, ④=B
Output Accuracy
B
: 50mV increments,
When VOUT(T)>2.65V;
HS mode: +1%
PS mode: +1.5%, -2.5%
ex.) 3.05V → ②=3, ③=0, ④=B
G
: USP-4D (XC6217A/B type)
M
: SOT-25 (XC6217A/B type)
Package
N
: SSOT-24 (XC6217C/D type)
R
: Embossed tape, standard feed
Device Orientation
L
: Embossed tape, reverse feed
PRODUCT CLASSIFICATION (Continued)
Ordering Information (Continued)
XC6217 ①②③④⑤⑥


Similar Part No. - XC6217A082ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6217A082MR TOREX-XC6217A082MR Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217A082MR-G TOREX-XC6217A082MR-G Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
More results

Similar Description - XC6217A082ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_1 Datasheet
538Kb / 31P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217A182MR-G TOREX-XC6217A182MR-G Datasheet
556Kb / 32P
   200mA High Speed "Green Operation" LDO Voltage Regulators
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6204 MINILOGIC-ML6204 Datasheet
973Kb / 19P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6413 TOREX-XC6413 Datasheet
132Kb / 13P
   High Speed LDO Regulators
XC6213 TOREX-XC6213 Datasheet
70Kb / 5P
   High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6209 MINILOGIC-ML6209 Datasheet
476Kb / 14P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6204A18AM TOREX-XC6204A18AM Datasheet
336Kb / 26P
   High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com