Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74AC244N Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74AC244N
Description  Octal Buffer/Line Driver with 3-State Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC244N Datasheet(HTML) 5 Page - ON Semiconductor

  MC74AC244N Datasheet HTML 1Page - ON Semiconductor MC74AC244N Datasheet HTML 2Page - ON Semiconductor MC74AC244N Datasheet HTML 3Page - ON Semiconductor MC74AC244N Datasheet HTML 4Page - ON Semiconductor MC74AC244N Datasheet HTML 5Page - ON Semiconductor MC74AC244N Datasheet HTML 6Page - ON Semiconductor MC74AC244N Datasheet HTML 7Page - ON Semiconductor MC74AC244N Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC74AC244, MC74ACT244
http://onsemi.com
5
AC CHARACTERISTICS (For Figures and Waveforms – See Section 3)
74ACT
74ACT
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
50
20
65
90
15
10 0
ns
3–5
tPLH
Pro agation Delay
Data to Output
5.0
2.0
6.5
9.0
1.5
10.0
ns
3–5
tPHL
Propagation Delay
50
20
70
90
15
10 0
ns
3–5
tPHL
Pro agation Delay
Data to Output
5.0
2.0
7.0
9.0
1.5
10.0
ns
3–5
tPZH
Output Enable Time
5.0
1.5
6.0
8.5
1.0
9.5
ns
3–7
tPZL
Output Enable Time
5.0
2.0
7.0
9.5
1.5
10.5
ns
3–8
tPHZ
Output Disable Time
5.0
2.0
7.0
9.5
1.5
10.5
ns
3–7
tPLZ
Output Disable Time
5.0
2.5
7.5
10.0
2.0
10.5
ns
3–8
*Voltage Range 5.0 V is 5.0 V
±0.5 V.
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
45
pF
VCC = 5.0 V
AC
244
ALYW
AC244
AWLYYWW
MC74AC244N
AWLYYWW
74AC244
AWLYWW
MARKING DIAGRAMS
PDIP–20
SO–20
TSSOP–20
EIAJ–20
ACT
244
ALYW
ACT244
AWLYYWW
MC74ACT244N
AWLYYWW
74ACT244
AWLYWW
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week


Similar Part No. - MC74AC244N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC244N MOTOROLA-MC74AC244N Datasheet
164Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244N ONSEMI-MC74AC244N Datasheet
117Kb / 9P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
September, 2006 ??Rev. 7
MC74AC244NG ONSEMI-MC74AC244NG Datasheet
117Kb / 9P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
September, 2006 ??Rev. 7
More results

Similar Description - MC74AC244N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com