Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25LF020A-33-4I-QAE Datasheet(PDF) 10 Page - Silicon Storage Technology, Inc

Part # SST25LF020A-33-4I-QAE
Description  2 Mbit / 4 Mbit SPI Serial Flash
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25LF020A-33-4I-QAE Datasheet(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST25LF020A-33-4I-QAE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25LF020A-33-4I-QAE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25LF020A-33-4I-QAE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25LF020A-33-4I-QAE Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25LF020A-33-4I-QAE Datasheet HTML 10Page - Silicon Storage Technology, Inc SST25LF020A-33-4I-QAE Datasheet HTML 11Page - Silicon Storage Technology, Inc SST25LF020A-33-4I-QAE Datasheet HTML 12Page - Silicon Storage Technology, Inc SST25LF020A-33-4I-QAE Datasheet HTML 13Page - Silicon Storage Technology, Inc SST25LF020A-33-4I-QAE Datasheet HTML 14Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
Data Sheet
2 Mbit / 4 Mbit SPI Serial Flash
SST25LF020A / SST25LF040A
©2006 Silicon Storage Technology, Inc.
S71242-05-000
1/06
High-Speed-Read (33 MHz)
The High-Speed-Read instruction supporting up to 33 MHz
is initiated by executing an 8-bit command, 0BH, followed
by address bits [A23-A0] and a dummy byte. CE# must
remain active low for the duration of the High-Speed-Read
cycle. See Figure 5 for the High-Speed-Read sequence.
Following a dummy byte (8 clocks input dummy cycle), the
High-Speed-Read instruction outputs the data starting from
the specified address location. The data output stream is
continuous through all addresses until terminated by a low
to high transition on CE#. The internal address pointer will
automatically increment until the highest memory address
is reached. Once the highest memory address is reached,
the address pointer will automatically increment to the
beginning (wrap-around) of the address space, i.e. for
4 Mbit density, once the data from address location
07FFFFH has been read, the next output will be from
address location 000000H.
FIGURE 5: HIGH-SPEED-READ SEQUENCE
1242 F05.0
CE#
SO
SI
SCK
ADD.
012 3 4 5
6 7 8
ADD.
ADD.
0B
HIGH IMPEDANCE
15 16
23 24
31 32
39 40
47 48
55 56
63 64
N+2
N+3
N+4
N
N+1
X
MSB
MSB
MSB
MODE 0
MODE 3
DOUT
DOUT
DOUT
DOUT
80
71 72
DOUT
Note: X = Dummy Byte: 8 Clocks Input Dummy Cycle (VIL or VIH)


Similar Part No. - SST25LF020A-33-4I-QAE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25LF020A-33-4I-QAE SST-SST25LF020A-33-4I-QAE Datasheet
620Kb / 25P
   2 Mbit SPI Serial Flash
More results

Similar Description - SST25LF020A-33-4I-QAE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF040 SST-SST25VF040 Datasheet
379Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020_06 Datasheet
397Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020 Datasheet
658Kb / 24P
   2 Mbit / 4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_13 Datasheet
346Kb / 36P
   2 Mbit SPI Serial Flash
2013 04/13
logo
Silicon Storage Technol...
SST25VF020B SST-SST25VF020B Datasheet
887Kb / 33P
   2 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_11 Datasheet
3Mb / 35P
   2 Mbit SPI Serial Flash
2011 Silicon
logo
Silicon Storage Technol...
SST25LF020A SST-SST25LF020A_10 Datasheet
620Kb / 25P
   2 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B Datasheet
1Mb / 33P
   2-Mbit SPI Serial Flash
Revision D / March 2020
logo
Silicon Storage Technol...
SST25VF040 SST-SST25VF040_10 Datasheet
472Kb / 23P
   4 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B Datasheet
350Kb / 28P
   4 Mbit SPI Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com