Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST380CH04C3LPBF Datasheet(PDF) 6 Page - International Rectifier

Part # ST380CH04C3LPBF
Description  PHASE CONTROL THYRISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST380CH04C3LPBF Datasheet(HTML) 6 Page - International Rectifier

  ST380CH04C3LPBF Datasheet HTML 1Page - International Rectifier ST380CH04C3LPBF Datasheet HTML 2Page - International Rectifier ST380CH04C3LPBF Datasheet HTML 3Page - International Rectifier ST380CH04C3LPBF Datasheet HTML 4Page - International Rectifier ST380CH04C3LPBF Datasheet HTML 5Page - International Rectifier ST380CH04C3LPBF Datasheet HTML 6Page - International Rectifier ST380CH04C3LPBF Datasheet HTML 7Page - International Rectifier ST380CH04C3LPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ST380CHPbF Series
Bulletin I25227 09/06
6
www.irf.com
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
Fig. 5- On-state Power Loss Characteristics
Fig. 6- On-state Power Loss Characteristics
Fig. 8 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 7 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
20
30
40
50
60
70
80
90
100
110
120
130
140
150
0
500
1000
1500
2000
2500
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Cond uc tion Period
ST380CH..C Series
(Double Side Cooled)
R
(DC) = 0.04 K/ W
thJ-hs
20
30
40
50
60
70
80
90
100
110
120
130
140
150
0
400
800
1200
1600
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Angle
ST380CH..C Series
(Double Sid e Cooled)
R
(DC) = 0.04 K/ W
thJ-hs
0
500
1000
1500
2000
2500
0
400
800
1200
1600
180°
120°
90°
60°
30°
RMSLimit
Cond uction Angle
Average On-state Current (A)
ST380CH..C Series
T = 150°C
J
0
500
1000
1500
2000
2500
3000
3500
0
500
1000
1500
2000
2500
DC
180°
120°
90°
60°
30°
RMSLimit
Cond uc tion Period
Average On-state Current (A)
ST380CH..C Series
T = 150°C
J
5000
6000
7000
8000
9000
10000
11000
12000
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
ST380CH..C Series
Initial T = 150°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
5000
6000
7000
8000
9000
10000
11000
12000
13000
0.01
0.1
1
Pulse Train Duration (s)
VersusPulse Train Duration. Control
Initial T = 150°C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
ST380CH..C Series
Maximum Non Repetitive Surge Current
Of Conduc tion May Not Be Maintained.


Similar Part No. - ST380CH04C3LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST380CH04C3L IRF-ST380CH04C3L Datasheet
103Kb / 7P
   PHASE CONTROL THYRISTORS
More results

Similar Description - ST380CH04C3LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com