Part Name
         Description
MAS9011

 Solar Cell System Manager ( 9 Page)


MAS
100% 
Zoom Out Zoom In
   
 6 page
background image
DA9011.001
28 Jan 2004
6 (9)
MAS9011 SAMPLES IN SBDIL 20 PACKAGE
VDD 1
GND 2
NC 3
NC 4
NC 5
NC 6
NC 7
NC 8
NC 9
NC 10
20 SOL
19 NC
18 NC
17 NC
16 NC
15 NC
14 NC
13 NC
12 LB
11 PO
Top Marking Definitions:
YYWW = Year Week
XXXXX.X = Lot Number
v = Sample Version Number
SBDIL 20 PIN DESCRIPTION
Pin Name
Pin
Type
Function
VDD
1
P
Positive Power Supply
GND
2
G
Power Supply Ground
NC
3, 4, 5, 6,
7, 8, 9, 10
PO
11
DO
Power On Output
LB
12
DO
Low Battery Output
NC
13, 14, 15,
16, 17, 18,
19
SOL
20
AO
Full Battery Output
NC = Not Connected, P = Power, G = Ground, DO = Digital Output, AO = Analog Output
MAS9011 IN TSOT-5 PACKAGE
3
21
4
SOL
GND
LB VDD
PO
XXXX
5
Bottom Marking Definitions:
ZXXXX.Y = Lot Number
(Example: Lot 12345.1 marking 2345)
1
2
3
5
SOL
GND
LB
VDD
PO
11A1
4
Top View
Bottom View
TSOT-5 PIN DESCRIPTION
Pin Name
Pin
Type
Function
SOL
1
AO
Full Battery Output
VDD
2
P
Positive Power Supply
LB
3
DO
Low Battery Output
PO
4
DO
Power On Output
GND
5
G
Power Supply Ground
NC = Not Connected, P = Power, G = Ground, DO = Digital Output, AO = Analog Output
1  2  3  4  5  6  7  8  9 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM1203CRGB VIDEO-AMPLIFIER SYSTEM 1 2 3 4 5 MoreTexas Instruments
MAX1909Multichemistry Battery Charger with Automatic System Power Selector 1 2 3 4 5 MoreMaxim Integrated Products
UCC3958-1Single Cell Lithium-Ion Battery Protection Circuit 1 2 3 4 5 MoreTexas Instruments
CDB5376Multichannel Seismic Evaluation System 1 2 3 4 5 MoreCirrus Logic
LHS-AL25Lens System Standard Optics for ACULEDTM RGB Light Source 1 2 3 4 PerkinElmer Optoelectronics
CDB5378Single-channel Seismic Evaluation System 1 2 3 4 5 MoreCirrus Logic
SC801Fully Integrated High Currnet Lithium-Ion Battery Charger System 1 2 3 4 5 MoreSemtech Corporation
LTC3490Single Cell 350mA LED Driver 1 2 3 4 5 MoreLinear Technology
CXA1980QDolby B Type Noise Reduction System with Playback Equalizer 1 2 3 4 5 MoreSony Corporation

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl