|
| MAS9011 |
|
||
|
MAS |
|
1 page
DA9011.001 28 Jan 2004 1 (9) MAS9011 Solar Cell System Manager • Power On Indicator • Low Battery Indicator • Battery Overcharging Protection DESCRIPTION The solar cell system manager is an analog circuit, which monitors the supply voltage of a battery- powered system containing solar cells. The solar manager uses three output signals to indicate the state of the system. Power On (PO) indicates whether the supply voltage is high enough to run the system. Low Battery (LB) is used to signal the situation where the battery is low. The third signal, SOL, is used for battery charging control. It indicates when the battery is full and the charging process should be stopped. FEATURES APPLICATIONS • Power On Indicator • Low Battery Indicator • Battery Overcharging Protection • Solar Cell Powered Watch BLOCK DIAGRAM LB PO VDD SOL GND MAS9011 This is preliminary information on a new product under development. Micro Analog Systems Oy reserves the right to make any changes without notice. |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LM1203C | RGB VIDEO-AMPLIFIER SYSTEM | 1 2 3 4 5 More | Texas Instruments |
| MAX1909 | Multichemistry Battery Charger with Automatic System Power Selector | 1 2 3 4 5 More | Maxim Integrated Products |
| UCC3958-1 | Single Cell Lithium-Ion Battery Protection Circuit | 1 2 3 4 5 More | Texas Instruments |
| CDB5376 | Multichannel Seismic Evaluation System | 1 2 3 4 5 More | Cirrus Logic |
| LHS-AL25 | Lens System Standard Optics for ACULEDTM RGB Light Source | 1 2 3 4 | PerkinElmer Optoelectronics |
| CDB5378 | Single-channel Seismic Evaluation System | 1 2 3 4 5 More | Cirrus Logic |
| SC801 | Fully Integrated High Currnet Lithium-Ion Battery Charger System | 1 2 3 4 5 More | Semtech Corporation |
| LTC3490 | Single Cell 350mA LED Driver | 1 2 3 4 5 More | Linear Technology |
| CXA1980Q | Dolby B Type Noise Reduction System with Playback Equalizer | 1 2 3 4 5 More | Sony Corporation |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |