Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS9078BTB2 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS9078BTB2
Description  AM Receiver IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9078BTB2 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS9078BTB2 Datasheet HTML 1Page - Micro Analog systems MAS9078BTB2 Datasheet HTML 2Page - Micro Analog systems MAS9078BTB2 Datasheet HTML 3Page - Micro Analog systems MAS9078BTB2 Datasheet HTML 4Page - Micro Analog systems MAS9078BTB2 Datasheet HTML 5Page - Micro Analog systems MAS9078BTB2 Datasheet HTML 6Page - Micro Analog systems MAS9078BTB2 Datasheet HTML 7Page - Micro Analog systems MAS9078BTB2 Datasheet HTML 8Page - Micro Analog systems MAS9078BTB2 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DA9078.003
28 January 2004
3 (10)
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
Min
Max
Unit
Supply Voltage
VDD-VSS
-0.3
5.0
V
Input Voltage
VIN
VSS-0.3
VDD+0.3
V
Power Dissipation
PMAX
100
mW
Operating Temperature
TOP
-20
70
oC
Storage Temperature
TST
-40
120
oC
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDD = 1.4V, Temperature = 25°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operating Voltage
VDD
1.10
3.60
V
Current Consumption
IDD
VDD=3.6 V, Vin=0
µV
VDD=1.4 V, Vin=0
µV
56
76
66
95
µA
Stand-By Current
IDDoff
0.1
µA
Input Frequency Range
fIN
40
100
kHz
Minimum Input Voltage
VIN min
0.4
1
µVrms
Maximum Input Voltage
VIN max
20
mVrms
Input Levels |lIN|<0.5 µA
VIL
VIH
0.8 VDD
0.2 VDD
V
Output Current
VOL<0.2 VDD;VOH >0.8 VDD
|IOUT|
5
µA
Output Pulse
T100ms
1
µVrms ≤ VIN
20 mVrms
50
140
ms
T200ms
1
µVrms ≤ VIN
20 mVrms
150
230
ms
T500ms
1
µVrms ≤ VIN
20 mVrms
400
500
600
ms
T800ms
1
µVrms ≤ VIN
20 mVrms
700
800
900
ms
Startup Time
TStart
Fast Start-up
Without Fast Start-up
12
3
s
min
Output Delay Time
TDelay
50
100
ms


Similar Part No. - MAS9078BTB2

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9079 MAS-MAS9079 Datasheet
163Kb / 9P
   AM Receiver IC
MAS9079A1TC00 MAS-MAS9079A1TC00 Datasheet
163Kb / 9P
   AM Receiver IC
MAS9079A2TC00 MAS-MAS9079A2TC00 Datasheet
163Kb / 9P
   AM Receiver IC
MAS9079A3TC00 MAS-MAS9079A3TC00 Datasheet
163Kb / 9P
   AM Receiver IC
MAS9079A4TC00 MAS-MAS9079A4TC00 Datasheet
163Kb / 9P
   AM Receiver IC
More results

Similar Description - MAS9078BTB2

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS1017 MAS-MAS1017 Datasheet
151Kb / 6P
   AM Receiver IC
MAS9079 MAS-MAS9079 Datasheet
163Kb / 9P
   AM Receiver IC
MAS6181B MAS-MAS6181B_14 Datasheet
214Kb / 14P
   AM Receiver IC
MAS6181B MAS-MAS6181B Datasheet
225Kb / 15P
   AM Receiver IC
MAS6180B MAS-MAS6180B Datasheet
327Kb / 14P
   AM Receiver IC
MAS9179 MAS-MAS9179 Datasheet
164Kb / 9P
   AM Receiver IC
MAS6179 MAS-MAS6179 Datasheet
130Kb / 10P
   AM Receiver IC
MAS6180 MAS-MAS6180 Datasheet
128Kb / 9P
   AM Receiver IC
MAS6180C MAS-MAS6180C_14 Datasheet
279Kb / 12P
   AM Receiver IC
MAS6180B MAS-MAS6180B_14 Datasheet
307Kb / 13P
   AM Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com