Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FST16210 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FST16210
Description  20-Bit Bus Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST16210 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FST16210_05 Datasheet HTML 1Page - Fairchild Semiconductor FST16210_05 Datasheet HTML 2Page - Fairchild Semiconductor FST16210_05 Datasheet HTML 3Page - Fairchild Semiconductor FST16210_05 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Note 6: This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay other than the RC delay of the typical On
Resistance of the switch and the 50pF load capacitance, when driven by an ideal voltage source (zero output impedance).
Capacitance (Note 7)
Note 7: TA
25qC, f 1 MHz, Capacitance is characterized but not tested.
AC Loading and Waveforms
Note: Input driven by 50
: source terminated in 50 :
Note: CL includes load and stray capacitance
Note: Input PRR
1.0 MHz, tW 500 ns
FIGURE 1. AC Test Circuit
FIGURE 2. AC Waveforms
Symbol
Parameter
TA 40 qC to 85 qC,
Units
Conditions
Figure
No.
CL 50pF, RU RD 500:
VCC 4.5 – 5.5V
VCC 4.0V
Min
Max
Min
Max
tPHL,tPLH
Propagation Delay Bus to Bus
(Note 6)
0.25
0.25
ns
VI OPEN
Figures
1, 2
tPZH, tPZL
Output Enable Time
1.5
6.0
6.5
ns
VI 7V for tPZL
Figures
1, 2
VI OPEN for tPZH
tPHZ, tPLZ
Output Disable Time
1.5
7.0
7.2
ns
VI 7V for tPLZ
Figures
1, 2
VI OPEN for tPHZ
Symbol
Parameter
Typ
Max
Units
Conditions
CIN
Control Pin Input Capacitance
3
pF
VCC 5.0V
CI/O
Input/Output Capacitance
6
pF
VCC, OE 5.0V


Similar Part No. - FST16210_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST16210 FAIRCHILD-FST16210 Datasheet
110Kb / 4P
   20-Bit Bus Switch
More results

Similar Description - FST16210_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST16861 FAIRCHILD-FST16861 Datasheet
156Kb / 4P
   20-Bit Bus Switch
FST16862 FAIRCHILD-FST16862 Datasheet
238Kb / 6P
   20-Bit Bus Switch
logo
ON Semiconductor
FST16861 ONSEMI-FST16861 Datasheet
253Kb / 6P
   20-Bit Bus Switch
Revised June 2005
logo
Fairchild Semiconductor
FST16210 FAIRCHILD-FST16210 Datasheet
110Kb / 4P
   20-Bit Bus Switch
logo
Integrated Device Techn...
IDT74FST163384 IDT-IDT74FST163384 Datasheet
85Kb / 6P
   20-BIT BUS SWITCH
logo
Texas Instruments
SN74CBT16210 TI-SN74CBT16210 Datasheet
66Kb / 4P
[Old version datasheet]   20-BIT FET BUS SWITCH
SN74CBT16861 TI-SN74CBT16861_07 Datasheet
280Kb / 14P
[Old version datasheet]   20-BIT FET BUS SWITCH
logo
Renesas Technology Corp
HD74CBT16210 RENESAS-HD74CBT16210 Datasheet
119Kb / 12P
   20-bit FET Bus Switch
logo
Texas Instruments
SN74CBT16861 TI-SN74CBT16861 Datasheet
66Kb / 5P
[Old version datasheet]   20-BIT FET BUS SWITCH
SN74CBT16210DGGR TI-SN74CBT16210DGGR Datasheet
382Kb / 13P
[Old version datasheet]   20-BIT FET BUS SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com