Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7918C Datasheet(PDF) 4 Page - STMicroelectronics

Part # L7918C
Description  Negative voltage regulators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7918C Datasheet(HTML) 4 Page - STMicroelectronics

  L7918C Datasheet HTML 1Page - STMicroelectronics L7918C Datasheet HTML 2Page - STMicroelectronics L7918C Datasheet HTML 3Page - STMicroelectronics L7918C Datasheet HTML 4Page - STMicroelectronics L7918C Datasheet HTML 5Page - STMicroelectronics L7918C Datasheet HTML 6Page - STMicroelectronics L7918C Datasheet HTML 7Page - STMicroelectronics L7918C Datasheet HTML 8Page - STMicroelectronics L7918C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Maximum ratings
L7900 series
4/24
2
Maximum ratings
Note:
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these condition is not implied
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC Input voltage
for VO= 5 to 18V
-35
V
for VO= 20, 24V
-40
IO
Output current
Internally Limited
PD
Power dissipation
Internally Limited
TSTG
Storage temperature range
-65 to 150
°C
TOP
Operating junction temperature range
0 to 150
°C
Table 2.
Thermal Data
Symbol
Parameter
D2PAK
TO-220
TO-220FP
TO-3
Unit
RthJC
Thermal resistance junction-case
3
3
5
4
°C/W
RthJA
Thermal resistance junction-ambient
62.5
50
60
35
°C/W


Similar Part No. - L7918C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7918C STMICROELECTRONICS-L7918C Datasheet
445Kb / 13P
   NEGATIVE VOLTAGE REGULATORS
L7918C STMICROELECTRONICS-L7918C Datasheet
414Kb / 16P
   NEGATIVE VOLTAGE REGULATORS
L7918C STMICROELECTRONICS-L7918C Datasheet
824Kb / 24P
   Negative voltage regulators
L7918CD2T STMICROELECTRONICS-L7918CD2T Datasheet
445Kb / 13P
   NEGATIVE VOLTAGE REGULATORS
L7918CP STMICROELECTRONICS-L7918CP Datasheet
445Kb / 13P
   NEGATIVE VOLTAGE REGULATORS
More results

Similar Description - L7918C

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
   Negative-Voltage Regulators
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79XXC STMICROELECTRONICS-L79XXC Datasheet
824Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA7900 TI1-UA7900_12 Datasheet
537Kb / 14P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA79M00 TI-UA79M00 Datasheet
312Kb / 4P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79L05ACZ-TR STMICROELECTRONICS-L79L05ACZ-TR Datasheet
717Kb / 27P
   Negative voltage regulators
logo
Texas Instruments
UA79M00 TI1-UA79M00_17 Datasheet
1Mb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA7900 TI1-UA7900_17 Datasheet
878Kb / 13P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
Estek Electronics Co. L...
ET-79LXXND ESTEK-ET-79LXXND Datasheet
1Mb / 5P
   Negative-Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com