Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK104-50L Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BUK104-50L
Description  PowerMOS transistor Logic level TOPFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK104-50L Datasheet(HTML) 4 Page - NXP Semiconductors

  BUK104-50L Datasheet HTML 1Page - NXP Semiconductors BUK104-50L Datasheet HTML 2Page - NXP Semiconductors BUK104-50L Datasheet HTML 3Page - NXP Semiconductors BUK104-50L Datasheet HTML 4Page - NXP Semiconductors BUK104-50L Datasheet HTML 5Page - NXP Semiconductors BUK104-50L Datasheet HTML 6Page - NXP Semiconductors BUK104-50L Datasheet HTML 7Page - NXP Semiconductors BUK104-50L Datasheet HTML 8Page - NXP Semiconductors BUK104-50L Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Philips Semiconductors
Product specification
PowerMOS transistor
BUK104-50L/S
Logic level TOPFET
BUK104-50LP/SP
OVERLOAD PROTECTION CHARACTERISTICS
With adequate protection supply
Provided there is adequate input
Refer also to OVERLOAD
voltage TOPFET detects when one
series resistance it switches off
PROTECTION LIMITING VALUES
of the overload thresholds is
and remains latched off until reset
and INPUT CHARACTERISTICS.
exceeded.
by the protection supply pin.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Short circuit load protection
1
V
PS = VPSN
2; T
mb = 25 ˚C; L ≤ 10 µH;
R
I ≥ 2 kΩ
E
DS(TO)
Overload threshold energy
V
DD = 13 V; VIS = 10 V
-
150
-
mJ
t
d sc
Response time
V
DD = 13 V; VIS = 10 V
-
375
-
µs
Over temperature protection
V
PS = VPSN; RI ≥ 2 kΩ
T
j(TO)
Threshold junction temperature from I
D ≥ 0.65 A
3
150
-
-
˚C
TRANSFER CHARACTERISTICS
T
mb = 25 ˚C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
g
fs
Forward transconductance
V
DS = 10 V; IDM = 7.5 A tp ≤ 300 µs;
5
9
-
S
δ ≤ 0.01
I
D
Drain current
4
V
DS = 13 V;
V
IS = 5 V
-
25
-
A
V
IS = 10 V
40
-
A
PROTECTION SUPPLY CHARACTERISTICS
T
mb = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Protection supply
I
PS,
Protection supply current
normal operation or
I
PSL
protection latched
BUK104-50L
V
PS = 5 V
-
0.2
0.35
mA
BUK104-50S
V
PS = 10 V
-
0.4
1.0
mA
V
PSR
Protection reset voltage
5
1.5
2.5
3.5
V
T
j = 150 ˚C
1.0
-
-
V
V
(CL)PS
Protection clamp voltage
I
P = 1.35 mA
11
13
-
V
REVERSE DIODE CHARACTERISTICS
T
mb = 25 ˚C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
SDS
Forward voltage
I
S = 15 A; VIS = VPS = VFS = 0 V;
-
1.0
1.5
V
t
p = 300 µs
t
rr
Reverse recovery time
not applicable
6
--
--
1 The short circuit load protection is able to save the device providing the instantaneous on-state dissipation is less than the limiting value for
P
DSM, which is always the case when VDS is less than VDSP maximum.
2 At the appropriate nominal protection supply voltage for each type. Refer to QUICK REFERENCE DATA.
3 The over temperature protection feature requires a minimum on-state drain source voltage for correct operation. The specified minimum I
D
ensures this condition.
4 During overload condition. Refer also to OVERLOAD PROTECTION LIMITING VALUES and CHARACTERISTICS.
5 The supply voltage below which the overload protection circuits will be reset.
6 The reverse diode of this type is not intended for applications requiring fast reverse recovery.
January 1993
4
Rev 1.200


Similar Part No. - BUK104-50L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK104-50L PHILIPS-BUK104-50L Datasheet
147Kb / 14P
   PowerMOS transistor Logic level TOPFET
January 1993 Rev 1.200
BUK104-50LP PHILIPS-BUK104-50LP Datasheet
147Kb / 14P
   PowerMOS transistor Logic level TOPFET
January 1993 Rev 1.200
More results

Similar Description - BUK104-50L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK102-50DL PHILIPS-BUK102-50DL Datasheet
86Kb / 10P
   PowerMOS transistor Logic level TOPFET
April 1993 Rev 1.100
BUK109-50GL PHILIPS-BUK109-50GL Datasheet
109Kb / 11P
   PowerMOS transistor Logic level TOPFET
June 1996 Rev 1.000
BUK101-50DL PHILIPS-BUK101-50DL Datasheet
89Kb / 10P
   PowerMOS transistor Logic level TOPFET
April 1993 Rev 1.100
BUK104-50L PHILIPS-BUK104-50L Datasheet
147Kb / 14P
   PowerMOS transistor Logic level TOPFET
January 1993 Rev 1.200
BUK107-50DS PHILIPS-BUK107-50DS Datasheet
62Kb / 9P
   PowerMOS transistor Logic level TOPFET
March 1997 Rev 1.200
BUK108-50GL PHILIPS-BUK108-50GL Datasheet
127Kb / 11P
   PowerMOS transistor Logic level TOPFET
June 1996 Rev 1.000
logo
Guangdong Kexin Industr...
KUK108-50DL KEXIN-KUK108-50DL Datasheet
64Kb / 3P
   PowerMOS transistor Logic level TOPFET
logo
NXP Semiconductors
BUK100-50DL PHILIPS-BUK100-50DL Datasheet
85Kb / 10P
   PowerMOS transistor Logic level TOPFET
November 1996 Rev 1.200
BUK107-50DL PHILIPS-BUK107-50DL Datasheet
77Kb / 9P
   PowerMOS transistor Logic level TOPFET
March 1997 Rev 1.200
BUK112-50GL PHILIPS-BUK112-50GL Datasheet
91Kb / 16P
   PowerMOS transistor Logic level TOPFET
September 1996 Rev 1.000
BUK113-50DL PHILIPS-BUK113-50DL Datasheet
32Kb / 6P
   PowerMOS transistor Logic level TOPFET
January 1996 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com