Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX706ASEPA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX706ASEPA
Description  3V Voltage Monitoring, Low-Cost uP Supervisory Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX706ASEPA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX706ASEPA Datasheet HTML 1Page - Maxim Integrated Products MAX706ASEPA Datasheet HTML 2Page - Maxim Integrated Products MAX706ASEPA Datasheet HTML 3Page - Maxim Integrated Products MAX706ASEPA Datasheet HTML 4Page - Maxim Integrated Products MAX706ASEPA Datasheet HTML 5Page - Maxim Integrated Products MAX706ASEPA Datasheet HTML 6Page - Maxim Integrated Products MAX706ASEPA Datasheet HTML 7Page - Maxim Integrated Products MAX706ASEPA Datasheet HTML 8Page - Maxim Integrated Products MAX706ASEPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
+3V Voltage Monitoring, Low-Cost µP
Supervisory Circuits
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(MAX70_P/R, MAX706AP/AR: VCC = 2.7V to 5.5V; MAX70_S, MAX706AS: VCC = 3.0V to 5.5V; MAX70_T, MAX706AT: VCC = 3.15V to
5.5V; TJ = TA = TMIN to TMAX, unless otherwise noted. Typical values are at TJ = TA = +25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Terminal Voltage (with respect to GND)
VCC ........................................................................-0.3V to +6V
All Other Inputs (Note 1)..........................-0.3V to (VCC + 0.3V)
Input Current
VCC ..................................................................................20mA
GND .................................................................................20mA
Output Current (all outputs) ................................................20mA
Continuous Power Dissipation (TA = +70°C)
8-Pin CERDIP (derate 8mW/°C above +70°C)..............640mW
8-Pin PDIP (derate 9.1mW/°C above +70°C).............727.3mW
8-Pin SO (derate 5.9mW/°C above +70°C)................470.6mW
8-Pin µMAX (derate 4.5mW/oC above +70°C) ..............362mW
Operating Temperature Range
MAX70_C .............................................................0°C to +70°C
MAX70_E ..........................................................-40°C to +85°C
MAX70_M .......................................................-55°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Note 1: The input-voltage limits on PFI, WDI, and MR can be exceeded if the input current is less than 10mA.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX70_C
1.0
5.5
Supply Voltage Range
VCC
MAX70_E/M
1.2
5.5
V
MAX706_C
90
200
MAX706_E/M
90
300
MAX708_C
50
200
VCC < 3.6V
MAX708_E/M
50
300
MAX706_C
135
350
MAX706_E/M
135
500
MAX708_C
65
350
Supply Current
ISUPPLY
VCC < 5.5V
MAX708_E/M
65
500
µA
MAX70_P/R/, MAX706AP/AR
2.55
2.63
2.70
MAX70_S, MAX706AS
2.85
2.93
3.00
Reset Threshold (Note 3)
(VCC Falling)
VRST
MAX70_T, MAX706AT
3.00
3.08
3.15
V
Reset Threshold Hysteresis
(Note 3)
VHYS
20
mV
MAX70_P/R/, MAX706AP/AR VCC = 3.0V
140
200
280
MAX70_S, MAX706AS, VCC = 3.3V
140
200
280
Reset Pulse Width (Note 3)
tRST
VCC = 5V
200
ms
RESET OUTPUT
VOH
VRST(MAX) < VCC < 3.6V ISOURCE = 500µA
0.8 x
VCC
VOL
VRST(MAX) < VCC < 3.6V ISINK = 1.2mA
0.3
VOH
4.5V < VCC < 5.5V
IRSOURCE =
800µA
VCC -
1.5
VOL
4.5V < VCC < 5.5V
ISINK = 3.2mA
0.4
MAX70_C VCC = 1.0V, ISINK = 50µA
0.3
Output-Voltage High
(MAX70_R/S/T)
(MAX706AR/AS/AT)
VOL
MAX70_E/M: VCC = 1.2V, ISINK = 100µA
0.3
V


Similar Part No. - MAX706ASEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX706 MAXIM-MAX706 Datasheet
99Kb / 12P
   Low-Cost, uP Supervisory Circuits
19-4334; Rev. 5; 9/95
MAX706 MAXIM-MAX706 Datasheet
425Kb / 12P
   3V Voltage Monitoring, Low-Cost, 關P Supervisory Circuits
Rev 2; 9/95
MAX706 MAXIM-MAX706 Datasheet
169Kb / 12P
   Low-Cost, μP Supervisory Circuits
Rev. 8; 3/10
MAX7060 MAXIM-MAX7060 Datasheet
2Mb / 30P
   280MHz to 450MHz Programmable ASK/FSK Transmitter
Rev 0; 2/10
MAX7060 MAXIM-MAX7060 Datasheet
1Mb / 31P
   280MHz to 450MHz Programmable ASK/FSK Transmitter
Rev 1; 3/12
More results

Similar Description - MAX706ASEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX706 MAXIM-MAX706 Datasheet
425Kb / 12P
   3V Voltage Monitoring, Low-Cost, 關P Supervisory Circuits
Rev 2; 9/95
logo
Analog Devices
ADM705 AD-ADM705 Datasheet
143Kb / 8P
   Low Cost uP Supervisory Circuits
REV. B
logo
Maxim Integrated Produc...
MAX705 MAXIM-MAX705 Datasheet
99Kb / 12P
   Low-Cost, uP Supervisory Circuits
19-4334; Rev. 5; 9/95
logo
Analog Devices
ADM706P AD-ADM706P Datasheet
129Kb / 8P
   3 V, Voltage Monitoring uP Supervisory Circuits
REV. A
logo
Maxim Integrated Produc...
MAX706RCSA-T MAXIM-MAX706RCSA-T Datasheet
229Kb / 12P
   Low-Cost, Supervisory Circuits
Rev. 9; 1/13
logo
Analog Devices
ADM707ARZ AD-ADM707ARZ Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM708ARZ AD-ADM708ARZ Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM706ARZ-REEL7 AD-ADM706ARZ-REEL7 Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM705ARZ AD-ADM705ARZ Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
logo
Maxim Integrated Produc...
MAX708ESA MAXIM-MAX708ESA Datasheet
229Kb / 12P
   Low-Cost, μP Supervisory Circuits
Rev. 9; 1/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com