Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK104-50S Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BUK104-50S
Description  PowerMOS transistor Logic level TOPFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK104-50S Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BUK104-50S Datasheet HTML 2Page - NXP Semiconductors BUK104-50S Datasheet HTML 3Page - NXP Semiconductors BUK104-50S Datasheet HTML 4Page - NXP Semiconductors BUK104-50S Datasheet HTML 5Page - NXP Semiconductors BUK104-50S Datasheet HTML 6Page - NXP Semiconductors BUK104-50S Datasheet HTML 7Page - NXP Semiconductors BUK104-50S Datasheet HTML 8Page - NXP Semiconductors BUK104-50S Datasheet HTML 9Page - NXP Semiconductors BUK104-50S Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Philips Semiconductors
Product specification
PowerMOS transistor
BUK104-50L/S
Logic level TOPFET
BUK104-50LP/SP
FLAG DESCRIPTION
TRUTH TABLE
The flag pin provides a means to
CONDITION
DESCRIPTION
FLAG
detect the presence of the
protection supply and indicate the
NORMAL
Normal operation and adequate
LOGIC LOW
state of the overload detectors.
protection supply voltage
The flag is the open drain of an
n-MOS transistor and requires an
OVER TEMP.
Over temperature detected
LOGIC HIGH
external pull-up resistor
1. It is
suitable for both 5 V and 10 V logic.
Flag may be used to implement an
SHORT CIRCUIT
Overload condition detected
LOGIC HIGH
external protection strategy
2 for
applications which require low input
drive impedance.
SUPPLY FAULT
Inadequate protection supply
LOGIC HIGH
voltage
FLAG CHARACTERISTICS
T
mb = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Flag ‘low’
normal operation
V
FS
Flag voltage
I
F = 1.6 mA
-
0.15
0.4
V
I
FSS
Flag saturation current
V
FS = 10 V
-
15
-
mA
Flag ‘high’
overload or fault
I
FS
Flag leakage current
V
FS = 10 V
-
-
10
µA
V
PSF
Protection supply threshold
V
FF = 5 V; RF = 3 kΩ;
voltage
BUK104-50L
2.5
3.3
4
V
BUK104-50S
3.3
4.2
5
V
V
(CL)FS
Flag clamping voltage
I
F = 1 mA; VPS = 0 V
11
13
-
V
Application information
R
F
Suitable external pull-up
V
FF =5 V
1
10
50
k
resistance
V
FF =10 V
2
20
100
k
ENVELOPE CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
L
d
Internal drain inductance
Measured from contact screw on
-
3.5
-
nH
tab to centre of die
L
d
Internal drain inductance
Measured from drain lead 6 mm
-
4.5
-
nH
from package to centre of die
L
s
Internal source inductance
Measured from source lead 6 mm
-
7.5
-
nH
from package to source bond pad
1 Even if the flag pin is not used, it is recommended that it is connected to the protection supply via a pull-up resistor. It should not be left
floating.
2 Low pass filtering of the flag signal may be advisable to prevent false tripping.
January 1993
6
Rev 1.200


Similar Part No. - BUK104-50S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK104-50S PHILIPS-BUK104-50S Datasheet
147Kb / 14P
   PowerMOS transistor Logic level TOPFET
January 1993 Rev 1.200
BUK104-50SP PHILIPS-BUK104-50SP Datasheet
147Kb / 14P
   PowerMOS transistor Logic level TOPFET
January 1993 Rev 1.200
More results

Similar Description - BUK104-50S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK102-50DL PHILIPS-BUK102-50DL Datasheet
86Kb / 10P
   PowerMOS transistor Logic level TOPFET
April 1993 Rev 1.100
BUK109-50GL PHILIPS-BUK109-50GL Datasheet
109Kb / 11P
   PowerMOS transistor Logic level TOPFET
June 1996 Rev 1.000
BUK101-50DL PHILIPS-BUK101-50DL Datasheet
89Kb / 10P
   PowerMOS transistor Logic level TOPFET
April 1993 Rev 1.100
BUK104-50L PHILIPS-BUK104-50L Datasheet
147Kb / 14P
   PowerMOS transistor Logic level TOPFET
January 1993 Rev 1.200
BUK107-50DS PHILIPS-BUK107-50DS Datasheet
62Kb / 9P
   PowerMOS transistor Logic level TOPFET
March 1997 Rev 1.200
BUK108-50GL PHILIPS-BUK108-50GL Datasheet
127Kb / 11P
   PowerMOS transistor Logic level TOPFET
June 1996 Rev 1.000
logo
Guangdong Kexin Industr...
KUK108-50DL KEXIN-KUK108-50DL Datasheet
64Kb / 3P
   PowerMOS transistor Logic level TOPFET
logo
NXP Semiconductors
BUK100-50DL PHILIPS-BUK100-50DL Datasheet
85Kb / 10P
   PowerMOS transistor Logic level TOPFET
November 1996 Rev 1.200
BUK107-50DL PHILIPS-BUK107-50DL Datasheet
77Kb / 9P
   PowerMOS transistor Logic level TOPFET
March 1997 Rev 1.200
BUK112-50GL PHILIPS-BUK112-50GL Datasheet
91Kb / 16P
   PowerMOS transistor Logic level TOPFET
September 1996 Rev 1.000
BUK113-50DL PHILIPS-BUK113-50DL Datasheet
32Kb / 6P
   PowerMOS transistor Logic level TOPFET
January 1996 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com