Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M40Z300MH6TR Datasheet(PDF) 10 Page - STMicroelectronics

Part # M40Z300MH6TR
Description  5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40Z300MH6TR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M40Z300MH6TR Datasheet HTML 6Page - STMicroelectronics M40Z300MH6TR Datasheet HTML 7Page - STMicroelectronics M40Z300MH6TR Datasheet HTML 8Page - STMicroelectronics M40Z300MH6TR Datasheet HTML 9Page - STMicroelectronics M40Z300MH6TR Datasheet HTML 10Page - STMicroelectronics M40Z300MH6TR Datasheet HTML 11Page - STMicroelectronics M40Z300MH6TR Datasheet HTML 12Page - STMicroelectronics M40Z300MH6TR Datasheet HTML 13Page - STMicroelectronics M40Z300MH6TR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
M40Z300, M40Z300W
10/21
MAXIMUM RATING
Stressing the device above the rating listed in the
“Absolute Maximum Ratings” table may cause
permanent damage to the device. These are
stress ratings only and operation of the device at
these or any other conditions above those indicat-
ed in the Operating sections of this specification is
not implied. Exposure to Absolute Maximum Rat-
ing conditions for extended periods may affect de-
vice
reliability.
Refer
also
to
the
STMicroelectronics SURE Program and other rel-
evant quality documents.
Table 3. Absolute Maximum Ratings
Note: 1. For SO package, standard (SnPb) lead finish: Reflow at peak temperature of 225°C (total thermal budget not to exceed 180°C for
between 90 to 150 seconds).
2. For SO package, Lead-free (Pb-free) lead finish: Reflow at peak temperature of 260°C (total thermal budget not to exceed 245°C
for greater than 30 seconds).
CAUTION: Negative undershoots below –0.3V are not allowed on any pin while in the Battery Back-up mode.
CAUTION: Do NOT wave solder SOIC to avoid damaging SNAPHAT sockets.
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
Grade 1
0 to 70
°C
Grade 6
–40 to 85
°C
TSTG
Storage Temperature
SNAPHAT®
–40 to 85
°C
SOIC
–55 to 125
°C
TSLD
(1,2)
Lead Solder Temperature for 10 seconds
260
°C
VIO
Input or Output Voltage
–0.3 to VCC + 0.3
V
VCC
Supply Voltage
M40Z300
–0.3 to 7.0
V
M40Z300W
–0.3 to 4.6
V
IO
Output Current
20
mA
PD
Power Dissipation
1
W


Similar Part No. - M40Z300MH6TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M40Z300MH6E STMICROELECTRONICS-M40Z300MH6E Datasheet
221Kb / 25P
   5V or 3V NVRAM supervisor for up to 8 LPSRAMs
M40Z300MH6E STMICROELECTRONICS-M40Z300MH6E Datasheet
431Kb / 25P
   5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
M40Z300MH6F STMICROELECTRONICS-M40Z300MH6F Datasheet
221Kb / 25P
   5V or 3V NVRAM supervisor for up to 8 LPSRAMs
M40Z300MH6F STMICROELECTRONICS-M40Z300MH6F Datasheet
431Kb / 25P
   5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
More results

Similar Description - M40Z300MH6TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M40Z300 STMICROELECTRONICS-M40Z300_07 Datasheet
221Kb / 25P
   5V or 3V NVRAM supervisor for up to 8 LPSRAMs
M40Z111 STMICROELECTRONICS-M40Z111_07 Datasheet
180Kb / 21P
   5V or 3V NVRAM supervisor for up to two LPSRAMs
M40Z111 STMICROELECTRONICS-M40Z111 Datasheet
107Kb / 15P
   5V OR 3V NVRAM SUPERVISOR FOR UP TO TWO LPSRAMs
M40Z300AV STMICROELECTRONICS-M40Z300AV Datasheet
272Kb / 20P
   3V NVRAM Supervisor for Up to 8 LPSRAMs
M40SZ100Y STMICROELECTRONICS-M40SZ100Y Datasheet
285Kb / 19P
   5V or 3V NVRAM SUPERVISOR FOR LPSRAM
M40Z300 STMICROELECTRONICS-M40Z300_10 Datasheet
431Kb / 25P
   5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_07 Datasheet
230Kb / 25P
   5V or 3V NVRAM supervisor for LPSRAM
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_10 Datasheet
442Kb / 24P
   5 V or 3 V NVRAM supervisor for LPSRAM
M41ST85Y STMICROELECTRONICS-M41ST85Y Datasheet
530Kb / 34P
   5.0 OR 3.0V, 512 bit 64 x 8 SERIAL RTC and NVRAM SUPERVISOR
M40Z300 STMICROELECTRONICS-M40Z300 Datasheet
128Kb / 16P
   NVRAM CONTROLLER for up to EIGHT LPSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com