Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK104-50S Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BUK104-50S
Description  PowerMOS transistor Logic level TOPFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK104-50S Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BUK104-50S Datasheet HTML 5Page - NXP Semiconductors BUK104-50S Datasheet HTML 6Page - NXP Semiconductors BUK104-50S Datasheet HTML 7Page - NXP Semiconductors BUK104-50S Datasheet HTML 8Page - NXP Semiconductors BUK104-50S Datasheet HTML 9Page - NXP Semiconductors BUK104-50S Datasheet HTML 10Page - NXP Semiconductors BUK104-50S Datasheet HTML 11Page - NXP Semiconductors BUK104-50S Datasheet HTML 12Page - NXP Semiconductors BUK104-50S Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Philips Semiconductors
Product specification
PowerMOS transistor
BUK104-50L/S
Logic level TOPFET
BUK104-50LP/SP
Fig.16. Maximum drain source supply voltage for
SC load protection. V
DDP(P) = f(VIS); Tmb ≤ 150 ˚C
Fig.17. Minimum protection supply voltage
for SC load protection. V
PSP = f(VIS); Tmb ≥ 25 ˚C
Fig.18. Typical overload protection characteristics.
t
d sc = f(PDS); conditions: VPS ≥ VPSP; VIS ≥ 5 V
Fig.19. Typical overload protection characteristics.
Conditions: V
DD = 13 V; VPS = VPSN, VIS = 7 V; SC load
Fig.20. Typical overload protection energy, T
j = 25 ˚C
E
SC(TO) = f(VPS); conditions: VDS = 13 V, parameter VIS
Fig.21. Typical clamping characteristics, 25 ˚C.
I
D = f(VDS); conditions: RIS = 100 Ω; tp ≤ 50 µs
0
2
4
6
8
10
VIS / V
VDDP(P) / V
BUK104-50L/S
50
40
30
20
10
0
max
-60
-20
20
60
100
140
180
220
Tmb / C
BUK104-50L/S
0.5
0
Energy / J
Time / ms
Tj(TO)
Energy & Time
0.4
0.3
0.2
0.1
0
2
4
6
8
10
VIS / V
VPSP / V
BUK104-50L/S
10
8
6
4
2
0
min
BUK104-50L
BUK104-50S
0
2
4
6
8
10
VPS / V
ESC(TO) / J
BUK104-50L/S
0.4
0.3
0.2
0.1
0
BUK104-50L
BUK104-50S
VIS / V =
5
10
5
10
0.1
1
10
POWER / kW
TIME / ms
BUK104-50L/S
10
1
0.1
PDSM
50
60
70
BUK104-50L/S
VDS / V
ID / A
20
15
10
5
0
typ.
January 1993
9
Rev 1.200


Similar Part No. - BUK104-50S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK104-50S PHILIPS-BUK104-50S Datasheet
147Kb / 14P
   PowerMOS transistor Logic level TOPFET
January 1993 Rev 1.200
BUK104-50SP PHILIPS-BUK104-50SP Datasheet
147Kb / 14P
   PowerMOS transistor Logic level TOPFET
January 1993 Rev 1.200
More results

Similar Description - BUK104-50S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK102-50DL PHILIPS-BUK102-50DL Datasheet
86Kb / 10P
   PowerMOS transistor Logic level TOPFET
April 1993 Rev 1.100
BUK109-50GL PHILIPS-BUK109-50GL Datasheet
109Kb / 11P
   PowerMOS transistor Logic level TOPFET
June 1996 Rev 1.000
BUK101-50DL PHILIPS-BUK101-50DL Datasheet
89Kb / 10P
   PowerMOS transistor Logic level TOPFET
April 1993 Rev 1.100
BUK107-50DS PHILIPS-BUK107-50DS Datasheet
62Kb / 9P
   PowerMOS transistor Logic level TOPFET
March 1997 Rev 1.200
BUK108-50GL PHILIPS-BUK108-50GL Datasheet
127Kb / 11P
   PowerMOS transistor Logic level TOPFET
June 1996 Rev 1.000
logo
Guangdong Kexin Industr...
KUK108-50DL KEXIN-KUK108-50DL Datasheet
64Kb / 3P
   PowerMOS transistor Logic level TOPFET
logo
NXP Semiconductors
BUK100-50DL PHILIPS-BUK100-50DL Datasheet
85Kb / 10P
   PowerMOS transistor Logic level TOPFET
November 1996 Rev 1.200
BUK107-50DL PHILIPS-BUK107-50DL Datasheet
77Kb / 9P
   PowerMOS transistor Logic level TOPFET
March 1997 Rev 1.200
BUK112-50GL PHILIPS-BUK112-50GL Datasheet
91Kb / 16P
   PowerMOS transistor Logic level TOPFET
September 1996 Rev 1.000
BUK113-50DL PHILIPS-BUK113-50DL Datasheet
32Kb / 6P
   PowerMOS transistor Logic level TOPFET
January 1996 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com