Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX708SEPA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX708SEPA
Description  3V Voltage Monitoring, Low-Cost uP Supervisory Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX708SEPA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX708SEPA Datasheet HTML 3Page - Maxim Integrated Products MAX708SEPA Datasheet HTML 4Page - Maxim Integrated Products MAX708SEPA Datasheet HTML 5Page - Maxim Integrated Products MAX708SEPA Datasheet HTML 6Page - Maxim Integrated Products MAX708SEPA Datasheet HTML 7Page - Maxim Integrated Products MAX708SEPA Datasheet HTML 8Page - Maxim Integrated Products MAX708SEPA Datasheet HTML 9Page - Maxim Integrated Products MAX708SEPA Datasheet HTML 10Page - Maxim Integrated Products MAX708SEPA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
+3V Voltage Monitoring, Low-Cost µP
Supervisory Circuits
_______________________________________________________________________________________
7
RESET and
RESET Outputs
A microprocessor’s (µP’s) reset input starts in a known
state. When the µP is in an unknown state, it should be
held in reset. The MAX706P/R/S/T and the MAX706AP/
AR/AS/AT assert reset when VCC is low, preventing
code execution errors during power-up, power-down,
or brownout conditions.
On power-up once VCC reaches 1V, RESET is guaran-
teed to be logic-low and RESET is guaranteed to be
logic-high. As VCC rises, RESET and RESET remain
asserted. Once VCC exceeds the reset threshold, the
internal timer causes RESET and RESET to be
deasserted after a time equal to the reset pulse width,
which is typically 200ms (Figure 3).
If a power-fail or brownout condition occurs (i.e., VCC
drops below the reset threshold), RESET and RESET
are asserted. As long as VCC remains below the reset
threshold, the internal timer is continually reset, causing
the RESET and RESET outputs to remain asserted.
Thus, a brownout condition that interrupts a previously
initiated reset pulse causes an additional 200ms delay
from the time the latest interruption occurred. On
power-down once VCC drops below the reset threshold,
RESET and RESET are guaranteed to be asserted for
VCC ≥ 1V.
The MAX706P/MAX706AP provide a RESET signal, and
the MAX706R/S/T and MAX706AR/AS/AT provide a
RESET signal. The MAX708R/S/T provide both RESET
and RESET.
Watchdog Timer
The MAX706P/R/S/T and the MAX706AP/AR/AS/AT
watchdog circuit monitor the µP’s activity. If the µP
does not toggle the watchdog input (WDI) within 1.6s,
the watchdog output (WDO) goes low (Figure 4). If the
reset signal is asserted, the watchdog timer will be
reset to zero and disabled. As soon as reset is
released, the timer starts counting. WDI can detect puls-
es as narrow as 100ns with a 2.7V supply and 50ns with a
4.5V supply. The watchdog timer for the MAX706P/R/S/T
cannot be disabled. The watchdog timer for the
MAX706AP/AR/AS/AT operates similarly to the
MAX706P/R/S/T. However, the watchdog timer for the
MAX706AP/AR/AS/AT disables when the WDI input is
left open or connected to a tri-state output in its high-
impedance state and with a leakage current of less
than 600nA. The watchdog timer can be disabled any-
time, provided WDO is not asserted.
RESET
GENERATOR
VCC
70µA
8
7
RESET
RESET
5
PFO
GND
3
1.25V
2.63V MAX708R
2.93V MAX708S
3.08V MAX708T
1
MR
2
VCC
4
PFI
MAX708R/S/T
Figure 1. MAX706_ Functional Diagram
Figure 2. MAX708_ Functional Diagram
WATCHDOG
TRANSITION
DETECTOR
WATCHDOG
TIMER
TIMEBASE FOR
RESET AND
WATCHDOG
RESET
GENERATOR
VCC
70µA
8
WDO
7
RESET
(RESET)
5
PFO
GND
3
1.25V
2.63V MAX706P/R
2.93V MAX706S
3.08V MAX706T
( ) ARE FOR MAX706P/AP.
6
WDI
1
MR
2
VCC
4
PFI
MAX706P/R/S/T
MAX706AP/AR/AS/AT


Similar Part No. - MAX708SEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX708SEPA MAXIM-MAX708SEPA Datasheet
425Kb / 12P
   3V Voltage Monitoring, Low-Cost, 關P Supervisory Circuits
Rev 2; 9/95
More results

Similar Description - MAX708SEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX706 MAXIM-MAX706 Datasheet
425Kb / 12P
   3V Voltage Monitoring, Low-Cost, 關P Supervisory Circuits
Rev 2; 9/95
logo
Analog Devices
ADM705 AD-ADM705 Datasheet
143Kb / 8P
   Low Cost uP Supervisory Circuits
REV. B
logo
Maxim Integrated Produc...
MAX705 MAXIM-MAX705 Datasheet
99Kb / 12P
   Low-Cost, uP Supervisory Circuits
19-4334; Rev. 5; 9/95
logo
Analog Devices
ADM706P AD-ADM706P Datasheet
129Kb / 8P
   3 V, Voltage Monitoring uP Supervisory Circuits
REV. A
logo
Maxim Integrated Produc...
MAX706RCSA-T MAXIM-MAX706RCSA-T Datasheet
229Kb / 12P
   Low-Cost, Supervisory Circuits
Rev. 9; 1/13
logo
Analog Devices
ADM707ARZ AD-ADM707ARZ Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM708ARZ AD-ADM708ARZ Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM706ARZ-REEL7 AD-ADM706ARZ-REEL7 Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM705ARZ AD-ADM705ARZ Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
logo
Maxim Integrated Produc...
MAX708ESA MAXIM-MAX708ESA Datasheet
229Kb / 12P
   Low-Cost, μP Supervisory Circuits
Rev. 9; 1/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com