Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX708TCUA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX708TCUA
Description  3V Voltage Monitoring, Low-Cost uP Supervisory Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX708TCUA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX708TCUA Datasheet HTML 6Page - Maxim Integrated Products MAX708TCUA Datasheet HTML 7Page - Maxim Integrated Products MAX708TCUA Datasheet HTML 8Page - Maxim Integrated Products MAX708TCUA Datasheet HTML 9Page - Maxim Integrated Products MAX708TCUA Datasheet HTML 10Page - Maxim Integrated Products MAX708TCUA Datasheet HTML 11Page - Maxim Integrated Products MAX708TCUA Datasheet HTML 12Page - Maxim Integrated Products MAX708TCUA Datasheet HTML 13Page - Maxim Integrated Products MAX708TCUA Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
+3V Voltage Monitoring, Low-Cost µP
Supervisory Circuits
10
______________________________________________________________________________________
Ordering Information (continued)
Chip Information
PROCESS: CMOS
sees 1.25V when VIN falls to the desired trip point
(VTRIP). Resistor R3 adds hysteresis. R3 will typically
be an order of magnitude greater than R1 and R2. The
current through R1 and R2 should be at least 1µA to
ensure that the 25nA (max) PFI input current does not
shift the trip point significantly. R3 should be larger than
10kΩ to prevent it from loading down the PFO pin.
Capacitor C1 adds noise rejection.
Monitoring a Negative Voltage
The power-fail comparator can be used to monitor a
negative supply voltage using the circuit of Figure 8.
When the negative supply is valid, PFO is low. When
the negative supply voltage drops, PFO goes high. This
circuit’s accuracy is affected by the PFI threshold toler-
ance, the VCC voltage, and resistors R1 and R2.
Bypassing VCC
For noisy systems, bypass VCC with a 0.1µF capacitor
to GND.
PART
TEMP
RANGE
PIN-
PACKAGE
PKG
CODE
MAX706PEUA
-40°C to +85°C
8 µMAX
U8-1
MAX706PMJA
-55°C to +125°C 8 CERDIP*
J8-2
MAX706RCPA
0°C to +70°C
8 Plastic Dip
P8-1
MAX706RCSA
0°C to +70°C
8 SO
S8-2
MAX706RCUA
0°C to +70°C
8 µMAX
U8-1
MAX706REPA
-40°C to +85°C
8 Plastic Dip
P8-1
MAX706RESA
-40°C to +85°C
8 SO
S8-2
MAX706REUA
-40°C to +85°C
8 µMAX
U8-1
MAX706RMJA
-55°C to +125°C 8 CERDIP*
J8-2
MAX706SCPA
0°C to +70°C
8 Plastic Dip
P8-1
MAX706SCSA
0°C to +70°C
8 SO
S8-2
MAX706SCUA
0°C to +70°C
8 µMAX
U8-1
MAX706SEPA
-40°C to +85°C
8 Plastic Dip
P8-1
MAX706SESA
-40°C to +85°C
8 SO
S8-2
MAX706SEUA
-40°C to +85°C
8 µMAX
U8-1
MAX706SMJA
-55°C to +125°C 8 CERDIP*
J8-2
MAX706TCPA
0°C to +70°C
8 Plastic Dip
P8-1
MAX706TCSA
0°C to +70°C
8 SO
S8-2
MAX706TCUA
0°C to +70°C
8 µMAX
U8-1
MAX706TEPA
-40°C to +85°C
8 Plastic Dip
P8-1
MAX706TESA
-40°C to +85°C
8 SO
S8-2
MAX706TEUA
-40°C to +85°C
8 µMAX
U8-1
MAX706TMJA
-55°C to +125°C 8 CERDIP*
J8-2
MAX706APEPA
-40°C to +85°C
8 Plastic Dip
P8-1
MAX706APESA
-40°C to +85°C
8 SO
S8-2
MAX706APEUA
-40°C to +85°C
8 µMAX
U8-1
MAX706AREPA
-40°C to +85°C
8 Plastic Dip
P8-1
MAX706ARESA
-40°C to +85°C
8 SO
S8-2
MAX706AREUA
-40°C to +85°C
8µMAX
U8-1
MAX706ASEPA
-40°C to +85°C
8 Plastic Dip
P8-1
PART
TEMP
RANGE
PIN-
PACKAGE
PKG
CODE
MAX706ASESA
-40°C to +85°C
8 SO
S8-2
MAX706ASEUA
-40°C to +85°C
8 µMAX
U8-1
MAX706ATEPA
-40°C to +85°C
8 Plastic Dip
P8-1
MAX706ATESA
-40°C to +85°C
8 SO
S8-2
MAX706ATEUA
-40°C to +85°C
8 µMAX
U8-1
MAX708RCPA
0°C to +70°C
8 Plastic Dip
P8-1
MAX708RCSA
0°C to +70°C
8 SO
S8-2
MAX708RCUA
0°C to +70°C
8 µMAX
U8-1
MAX708REPA
-40°C to +85°C
8 Plastic Dip
P8-1
MAX708RESA
-40°C to +85°C
8 SO
S8-2
MAX708REUA
-40°C to +85°C
8 µMAX
U8-1
MAX708RMJA
-55°C to +125°C
8 CERDIP*
J8-2
MAX708SCPA
0°C to +70°C
8 Plastic Dip
P8-1
MAX708SCSA
0°C to +70°C
8 SO
S8-2
MAX708SCUA
0°C to +70°C
8 µMAX
U8-1
MAX708SEPA
-40°C to +85°C
8 Plastic Dip
P8-1
MAX708SESA
-40°C to +85°C
8 SO
S8-2
MAX708SEUA
-40°C to +85°C
8 µMAX
U8-1
MAX708SMJA
-55°C to +125°C
8 CERDIP*
J8-2
MAX708TCPA
0°C to +70°C
8 Plastic Dip
P8-1
MAX708TCSA
0°C to +70°C
8 SO
S8-2
MAX708TCUA
0°C to +70°C
8 µMAX
U8-1
MAX708TEPA
-40°C to +85°C
8 Plastic Dip
P8-1
MAX708TESA
-40°C to +85°C
8 SO
S8-2
MAX708TEUA
-40°C to +85°C
8 µMAX
U8-1
MAX708TMJA
-55°C to +125°C
8 CERDIP*
J8-2
SO, µMAX, and PDIP packages are available in lead-free.
*Contact factory for availability and processing to MIL-STD-883.
**Future product—contact factory for availability.


Similar Part No. - MAX708TCUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX708TCUA MAXIM-MAX708TCUA Datasheet
425Kb / 12P
   3V Voltage Monitoring, Low-Cost, 關P Supervisory Circuits
Rev 2; 9/95
logo
ON Semiconductor
MAX708TCUA-T ONSEMI-MAX708TCUA-T Datasheet
95Kb / 10P
   UP Supervisory Circuits
August, 2005 ??Rev. 4
MAX708TCUA-TG ONSEMI-MAX708TCUA-TG Datasheet
95Kb / 10P
   UP Supervisory Circuits
August, 2005 ??Rev. 4
More results

Similar Description - MAX708TCUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX706 MAXIM-MAX706 Datasheet
425Kb / 12P
   3V Voltage Monitoring, Low-Cost, 關P Supervisory Circuits
Rev 2; 9/95
logo
Analog Devices
ADM705 AD-ADM705 Datasheet
143Kb / 8P
   Low Cost uP Supervisory Circuits
REV. B
logo
Maxim Integrated Produc...
MAX705 MAXIM-MAX705 Datasheet
99Kb / 12P
   Low-Cost, uP Supervisory Circuits
19-4334; Rev. 5; 9/95
logo
Analog Devices
ADM706P AD-ADM706P Datasheet
129Kb / 8P
   3 V, Voltage Monitoring uP Supervisory Circuits
REV. A
logo
Maxim Integrated Produc...
MAX706RCSA-T MAXIM-MAX706RCSA-T Datasheet
229Kb / 12P
   Low-Cost, Supervisory Circuits
Rev. 9; 1/13
logo
Analog Devices
ADM707ARZ AD-ADM707ARZ Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM708ARZ AD-ADM708ARZ Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM706ARZ-REEL7 AD-ADM706ARZ-REEL7 Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM705ARZ AD-ADM705ARZ Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
logo
Maxim Integrated Produc...
MAX708ESA MAXIM-MAX708ESA Datasheet
229Kb / 12P
   Low-Cost, μP Supervisory Circuits
Rev. 9; 1/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com