Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK104-50SP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BUK104-50SP
Description  PowerMOS transistor Logic level TOPFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK104-50SP Datasheet(HTML) 2 Page - NXP Semiconductors

  BUK104-50SP Datasheet HTML 1Page - NXP Semiconductors BUK104-50SP Datasheet HTML 2Page - NXP Semiconductors BUK104-50SP Datasheet HTML 3Page - NXP Semiconductors BUK104-50SP Datasheet HTML 4Page - NXP Semiconductors BUK104-50SP Datasheet HTML 5Page - NXP Semiconductors BUK104-50SP Datasheet HTML 6Page - NXP Semiconductors BUK104-50SP Datasheet HTML 7Page - NXP Semiconductors BUK104-50SP Datasheet HTML 8Page - NXP Semiconductors BUK104-50SP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Philips Semiconductors
Product specification
PowerMOS transistor
BUK104-50L/S
Logic level TOPFET
BUK104-50LP/SP
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum Rating System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Voltages
V
DSS
Continuous off-state drain source
V
IS = 0 V
-
50
V
voltage
1
V
IS
Continuous input voltage
-
0
11
V
V
FS
Continuous flag voltage
-
0
11
V
V
PS
Continuous supply voltage
-
0
11
V
Currents
V
IS =
-
7
5
V
I
D
Continuous drain current
T
mb ≤ 25 ˚C
-
15
13
A
I
D
Continuous drain current
T
mb ≤ 100 ˚C
-
9.5
8.5
A
I
DRM
Repetitive peak on-state drain current
T
mb ≤ 25 ˚C
-
60
54
A
Thermal
P
tot
Total power dissipation
T
mb = 25 ˚C
-
40
W
T
stg
Storage temperature
-
-55
150
˚C
T
j
Junction temperature
2
continuous
-
150
˚C
T
sold
Lead temperature
during soldering
-
250
˚C
OVERLOAD PROTECTION LIMITING VALUES
With the protection supply
An n-MOS transistor turns on
For internal overload protection to
connected, TOPFET can protect
between the input and source to
remain latched while the control
itself from two types of overload -
quickly discharge the power
circuit is high, external series input
over temperature and short circuit
MOSFET gate capacitance.
resistance must be provided. Refer
load.
to INPUT CHARACTERISTICS.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
IS =7
5
-
V
V
PSP
Protection supply voltage
3
for valid protection
BUK104-50L
4.4
4
-
V
BUK104-50S
5.4
5
-
V
Over temperature protection
V
PS = VPSN
V
DDP(T)
Protected drain source supply voltage
V
IS = 10 V; RI ≥ 2 kΩ
-50
V
V
IS = 5 V; RI ≥ 1 kΩ
-50
V
Short circuit load protection
V
PS = VPSN; L ≤ 10 µH
V
DDP(P)
Protected drain source supply voltage
4
V
IS = 10 V; RI ≥ 2 kΩ
-25
V
V
IS = 5 V; RI ≥ 1 kΩ
-45
V
P
DSM
Instantaneous overload dissipation
-
0.8
kW
ESD LIMITING VALUE
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
C
Electrostatic discharge capacitor
Human body model;
-
2
kV
voltage
C = 250 pF; R = 1.5 k
1 Prior to the onset of overvoltage clamping. For voltages above this value, safe operation is limited by the overvoltage clamping energy.
2 A higher T
j is allowed as an overload condition but at the threshold Tj(TO) the over temperature trip operates to protect the switch.
3 The minimum supply voltage required for correct operation of the overload protection circuits.
4 The device is able to self-protect against a short circuit load providing the drain-source supply voltage does not exceed V
DDP(P) maximum.
For further information, refer to OVERLOAD PROTECTION CHARACTERISTICS.
January 1993
2
Rev 1.200


Similar Part No. - BUK104-50SP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK104-50SP PHILIPS-BUK104-50SP Datasheet
147Kb / 14P
   PowerMOS transistor Logic level TOPFET
January 1993 Rev 1.200
More results

Similar Description - BUK104-50SP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK102-50DL PHILIPS-BUK102-50DL Datasheet
86Kb / 10P
   PowerMOS transistor Logic level TOPFET
April 1993 Rev 1.100
BUK109-50GL PHILIPS-BUK109-50GL Datasheet
109Kb / 11P
   PowerMOS transistor Logic level TOPFET
June 1996 Rev 1.000
BUK101-50DL PHILIPS-BUK101-50DL Datasheet
89Kb / 10P
   PowerMOS transistor Logic level TOPFET
April 1993 Rev 1.100
BUK107-50DS PHILIPS-BUK107-50DS Datasheet
62Kb / 9P
   PowerMOS transistor Logic level TOPFET
March 1997 Rev 1.200
BUK108-50GL PHILIPS-BUK108-50GL Datasheet
127Kb / 11P
   PowerMOS transistor Logic level TOPFET
June 1996 Rev 1.000
logo
Guangdong Kexin Industr...
KUK108-50DL KEXIN-KUK108-50DL Datasheet
64Kb / 3P
   PowerMOS transistor Logic level TOPFET
logo
NXP Semiconductors
BUK100-50DL PHILIPS-BUK100-50DL Datasheet
85Kb / 10P
   PowerMOS transistor Logic level TOPFET
November 1996 Rev 1.200
BUK107-50DL PHILIPS-BUK107-50DL Datasheet
77Kb / 9P
   PowerMOS transistor Logic level TOPFET
March 1997 Rev 1.200
BUK112-50GL PHILIPS-BUK112-50GL Datasheet
91Kb / 16P
   PowerMOS transistor Logic level TOPFET
September 1996 Rev 1.000
BUK113-50DL PHILIPS-BUK113-50DL Datasheet
32Kb / 6P
   PowerMOS transistor Logic level TOPFET
January 1996 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com