Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7Q163664B-FC16 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K7Q163664B-FC16
Description  512Kx36 & 1Mx18 QDR TM b4 SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7Q163664B-FC16 Datasheet(HTML) 4 Page - Samsung semiconductor

  K7Q163664B-FC16 Datasheet HTML 1Page - Samsung semiconductor K7Q163664B-FC16 Datasheet HTML 2Page - Samsung semiconductor K7Q163664B-FC16 Datasheet HTML 3Page - Samsung semiconductor K7Q163664B-FC16 Datasheet HTML 4Page - Samsung semiconductor K7Q163664B-FC16 Datasheet HTML 5Page - Samsung semiconductor K7Q163664B-FC16 Datasheet HTML 6Page - Samsung semiconductor K7Q163664B-FC16 Datasheet HTML 7Page - Samsung semiconductor K7Q163664B-FC16 Datasheet HTML 8Page - Samsung semiconductor K7Q163664B-FC16 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
512Kx36 & 1Mx18 QDRTM b4 SRAM
- 4 -
Rev 1.0
Mar. 2004
K7Q163664B
K7Q161864B
PIN CONFIGURATIONS(TOP VIEW) K7Q163664B(512Kx36)
Notes: 1. BW0 controls write to D0:D8, BW1 controls write to D9:D17, BW2 controls write to D18:D26 and BW3 controls write to D27:D35.
1
2
3
4
5
6
7
8
9
10
11
A
NC
VSS
NC
W
BW2
K
BW1
R
NC
VSS
NC
B
Q27
Q18
D18
SA
BW3
KBW0
SA
D17
Q17
Q8
C
D27
Q28
D19
VSS
SA
NC
SA
VSS
D16
Q7
D8
D
D28
D20
Q19
VSS
VSS
VSS
VSS
VSS
Q16
D15
D7
E
Q29
D29
Q20
VDDQ
VSS
VSS
VSS
VDDQ
Q15
D6
Q6
F
Q30
Q21
D21
VDDQ
VDD
VSS
VDD
VDDQ
D14
Q14
Q5
G
D30
D22
Q22
VDDQ
VDD
VSS
VDD
VDDQ
Q13
D13
D5
H
NC
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
D31
Q31
D23
VDDQ
VDD
VSS
VDD
VDDQ
D12
Q4
D4
K
Q32
D32
Q23
VDDQ
VDD
VSS
VDD
VDDQ
Q12
D3
Q3
L
Q33
Q24
D24
VDDQ
VSS
VSS
VSS
VDDQ
D11
Q11
Q2
M
D33
Q34
D25
VSS
VSS
VSS
VSS
VSS
D10
Q1
D2
N
D34
D26
Q25
VSS
SA
SA
SA
VSS
Q10
D9
D1
P
Q35
D35
Q26
SA
SA
C
SA
SA
Q9
D0
Q0
R
TDO
TCK
SA
SA
SA
C
SA
SA
SA
TMS
TDI
PIN NAME
Notes: 1. C, C, K or K cannot be set to VREF voltage.
2. When ZQ pin is directly connected to VDD output impedance is set to minimum value and it cannot be connected to ground or left unconnected.
3. Not connected to chip pad internally.
SYMBOL
PIN NUMBERS
DESCRIPTION
NOTES
K, K
6B, 6A
Input Clock
C, C
6P, 6R
Input Clocks for Output data
1
SA
4B,8B,5C,7C,5N-7N,4P,5P,7P,8P,3R-5R,7R-9R
Address Inputs
D0-35
10P,11N,11M,10K,11J,11G,10E,11D,11C,10N,9M,9L
9J,10G,9F,10D,9C,9B,3B,3C,2D,3F,2G,3J,3L,3M,2N
1C,1D,2E,1G,1J,2K,1M,1N,2P
Data Inputs
Q0-35
11P,10M,11L,11K,10J,11F,11E,10C,11B,9P,9N,10L
9K,9G,10F,9E,9D,10B,2B,3D,3E,2F,3G,3K,2L,3N
3P,1B,2C,1E,1F,2J,1K,1L,2M,1P
Data Outputs
W
4A
Write Control Pin
R
8A
Read Control Pin
BW0, BW1,BW2, BW3
7B,7A,5A,5B
Byte Write Control Pin
VREF
2H,10H
Input Reference Voltage
ZQ
11H
Output Driver Impedance Control
2
VDD
5F,7F,5G,7G,5H,7H,5J,7J,5K,7K
Power Supply ( 2.5V )
VDDQ
4E,8E,4F,8F,4G,8G,3H,4H,8H,9H,4J,8J,4K,8K,4L,8L
Output Power Supply( 1.5V or 1.8V )
VSS
2A,10A,4C,8C,4D-8D,5E-7E,
6F,6G,6H,6J,6K,5L-7L,
Ground
TMS
10R
JTAG Test Mode Select
TDI
11R
JTAG Test Data Input
TCK
2R
JTAG Test Clock
TDO
1R
JTAG Test Data Output
NC
3A,9A,6C,1H
No Connect
3


Similar Part No. - K7Q163664B-FC16

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7Q163664B SAMSUNG-K7Q163664B_10 Datasheet
635Kb / 17P
   512Kx36 & 1Mx18 QDRTM b4 SRAM
More results

Similar Description - K7Q163664B-FC16

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7R163684B SAMSUNG-K7R163684B Datasheet
418Kb / 18P
   512Kx36 & 1Mx18 QDR II b4 SRAM
K7S1636T4C SAMSUNG-K7S1636T4C Datasheet
382Kb / 20P
   512Kx36 & 1Mx18 QDR II b4 SRAM
K7S1636U4C SAMSUNG-K7S1636U4C Datasheet
381Kb / 20P
   512Kx36 & 1Mx18 QDR II b4 SRAM
K7Q163664B SAMSUNG-K7Q163664B_10 Datasheet
635Kb / 17P
   512Kx36 & 1Mx18 QDRTM b4 SRAM
K7I163684B SAMSUNG-K7I163684B Datasheet
422Kb / 18P
   512Kx36 & 1Mx18 DDRII CIO b4 SRAM
K7Q161882 SAMSUNG-K7Q161882 Datasheet
503Kb / 17P
   512Kx36 & 1Mx18 QDR b2 SRAM
K7R163684B SAMSUNG-K7R163684B_06 Datasheet
456Kb / 19P
   512Kx36 & 1Mx18 QDRTM II b4 SRAM
K7Q163654A SAMSUNG-K7Q163654A Datasheet
510Kb / 17P
   512Kx36-bit, 1Mx18-bit QDR SRAM
K7D163674B SAMSUNG-K7D163674B Datasheet
445Kb / 16P
   512Kx36 & 1Mx18 SRAM
KM736V989 SAMSUNG-KM736V989 Datasheet
536Kb / 20P
   512Kx36 & 1Mx18 Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com