Electronic Components Datasheet Search |
|
K9NBG08U5A Datasheet(PDF) 9 Page - Samsung semiconductor |
|
K9NBG08U5A Datasheet(HTML) 9 Page - Samsung semiconductor |
9 / 50 page FLASH MEMORY 9 K9WAG08U1A K9K8G08U0A K9NBG08U5A 2K Bytes 64 Bytes Figure 1. K9K8G08U0A Functional Block Diagram Figure 2. K9K8G08U0A Array Organization NOTE : Column Address : Starting Address of the Register. * L must be set to "Low". * The device ignores any additional input of address cycles than required. I/O 0 I/O 1 I/O 2 I/O 3 I/O 4 I/O 5 I/O 6 I/O 7 1st Cycle A0 A1 A2 A3 A4 A5 A6 A7 2nd Cycle A8 A9 A10 A11 *L *L *L *L 3rd Cycle A12 A13 A14 A15 A16 A17 A18 A19 4th Cycle A20 A21 A22 A23 A24 A25 A26 A27 5th Cycle A28 A29 A30 *L *L *L *L *L VCC X-Buffers Command I/O Buffers & Latches Latches & Decoders Y-Buffers Latches & Decoders Register Control Logic & High Voltage Generator Global Buffers Output Driver VSS A12 - A30 A0 - A11 Command CE RE WE CLE WP I/0 0 I/0 7 VCC VSS 512K Pages (=8,192 Blocks) 2K Bytes 8 bit 64 Bytes 1 Block = 64 Pages (128K + 4k) Byte I/O 0 ~ I/O 7 1 Page = (2K + 64)Bytes 1 Block = (2K + 64)B x 64 Pages = (128K + 4K) Bytes 1 Device = (2K+64)B x 64Pages x 8,192 Blocks = 8,448 Mbits Row Address Page Register ALE 8,192M + 256M Bit NAND Flash ARRAY (2,048 + 64)Byte x 524,288 Y-Gating Row Address Column Address Column Address Row Address Data Register & S/A |
Similar Part No. - K9NBG08U5A |
|
Similar Description - K9NBG08U5A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |