Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

594D686X-010B2T Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 594D686X-010B2T
Description  Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV, Low ESR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

594D686X-010B2T Datasheet(HTML) 7 Page - Vishay Siliconix

  594D686X-010B2T Datasheet HTML 1Page - Vishay Siliconix 594D686X-010B2T Datasheet HTML 2Page - Vishay Siliconix 594D686X-010B2T Datasheet HTML 3Page - Vishay Siliconix 594D686X-010B2T Datasheet HTML 4Page - Vishay Siliconix 594D686X-010B2T Datasheet HTML 5Page - Vishay Siliconix 594D686X-010B2T Datasheet HTML 6Page - Vishay Siliconix 594D686X-010B2T Datasheet HTML 7Page - Vishay Siliconix 594D686X-010B2T Datasheet HTML 8Page - Vishay Siliconix 594D686X-010B2T Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.vishay.com
72
594D
Vishay Sprague
Document Number 40006
Revision 09-Mar-05
For technical questions, contact tantalum@vishay.com
3.2
The sum of the negative peak AC voltage plus the
applied DC voltage shall not allow a voltage reversal
exceeding 10% of the DC working voltage at + 25°C.
4.0
Reverse Voltage: These capacitors are capable of
withstanding peak voltages in the reverse direction
equal to 10% of the DC rating at + 25°C and 5% of the
DC rating at + 85°C.
5.0
Temperature Derating: If these capacitors are to be
operated at temperatures above + 25°C, the
permissible rms ripple current or voltage shall be
calculated using the derating factors as shown:
Derating
Factor
1.0
0.9
0.4
Temperature
+ 25°C
+ 85°C
+ 125°C
6.0
Power Dissipation: Power dissipation will be
affected by the heat sinking capability of the mounting
surface. Non-sinusoidal ripple current may produce
heating effects which differ from those shown. It is
important that the equivalent
Irms value be
established when calculating permissible operating
levels. (Power dissipation calculated using + 25°C
temperature rise.)
B
C
D
R
Maximum Permissible
Power Dissipation
@ + 25
°C (Watts)
in free air
Case
Code
0.085
0.110
0.150
0.250
7.0
Printed Circuit Board Material: The capacitors are
compatible with most commonly used printed circuit
board materials (alumina substrates, FR4, FR5, G10,
PTFE-fluorocarbon and porcelanized steel). If your
desired board material is not shown there, please
contact the Tantalum Marketing Department for
assistance in determining compatibility.
8.
Attachment:
8.1
Solder Paste: The recommended thickness of the
solder paste after applications is .007" ± .001"
[1.78mm ± .025mm]. Care should be exercised in
selecting the solder paste. The metal purity should be
as high as practical. The flux (in the paste) must be
active enough to remove the oxides formed on the
metallization prior to the exposure to soldering heat.
8.2
Soldering: Capacitors can be attached by
conventional soldering techniques, vapor phase,
convection, infrared reflow wave soldering and hot
GUIDE TO APPLICATION (Continued)
plate methods. The Soldering Profile charts show typical
recomended time/temperature conditions for soldering.
Preheating is recommended. The recommended
maximum ramp rate is 2°C per second. Attachment with
a soldering iron is not recommended due to the difficulty
of controlling temperature and time at temperature. The
soldering iron must never come in contact with the
capacitor.
RECOMMENDED REFLOW SOLDERING PROFILE
Recommended SnPb Reflow Soldering Profile
TIME (seconds)
All Case Codes
60 - 90 sec
Preheat
100
°C
150
°C
225
°C
183
°C
10 sec
60 sec
25
°C
Recommended Pb Free Reflow Soldering Profile
TIME (seconds)
Large Case Codes: D, R
60 - 150 sec
Preheat
150
°C
200
°C
245
°C
217
°C
10 sec
60 sec
25
°C
Recommended Pb Free Reflow Soldering Profile
TIME (seconds)
Large Case Codes: B, C
60 - 150 sec
Preheat
150
°C
200
°C
260
°C
217
°C
10 sec
60 sec
25
°C


Similar Part No. - 594D686X-010B2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D686X0010C2T VISHAY-594D686X0010C2T Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
594D686X_010B2T VISHAY-594D686X_010B2T Datasheet
107Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 11-May-09
594D686X_010C2T VISHAY-594D686X_010C2T Datasheet
107Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 11-May-09
More results

Similar Description - 594D686X-010B2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_08 Datasheet
101Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV, Low ESR
Revision: 23-Jan-08
594D107X0025R2T VISHAY-594D107X0025R2T Datasheet
315Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 20-Jan-14
594D476X9016C2T VISHAY-594D476X9016C2T Datasheet
107Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 11-May-09
594D686X0010C2T VISHAY-594D686X0010C2T Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
594D108X06R3R2T VISHAY-594D108X06R3R2T Datasheet
441Kb / 7P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 08-Jan-13
595D226X06R3B2T VISHAY-595D226X06R3B2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
591D VISHAY-591D Datasheet
146Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision 22-Nov-04
595D687X0010R2T VISHAY-595D687X0010R2T Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
595D107X9016D2T VISHAY-595D107X9016D2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D1061004A23 VISHAY-595D1061004A23 Datasheet
330Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 20-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com