Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK107-50DL Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BUK107-50DL
Description  PowerMOS transistor Logic level TOPFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK107-50DL Datasheet(HTML) 7 Page - NXP Semiconductors

  BUK107-50DL Datasheet HTML 1Page - NXP Semiconductors BUK107-50DL Datasheet HTML 2Page - NXP Semiconductors BUK107-50DL Datasheet HTML 3Page - NXP Semiconductors BUK107-50DL Datasheet HTML 4Page - NXP Semiconductors BUK107-50DL Datasheet HTML 5Page - NXP Semiconductors BUK107-50DL Datasheet HTML 6Page - NXP Semiconductors BUK107-50DL Datasheet HTML 7Page - NXP Semiconductors BUK107-50DL Datasheet HTML 8Page - NXP Semiconductors BUK107-50DL Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Philips Semiconductors
Product specification
PowerMOS transistor
BUK107-50DL
Logic level TOPFET
MOUNTING INSTRUCTIONS
Dimensions in mm.
Fig.18. Soldering pattern for surface mounting.
PRINTED CIRCUIT BOARD
Dimensions in mm.
Fig.19. PCB for thermal resistance and power rating.
PCB: FR4 epoxy glass (1.6 mm thick),
copper laminate (35
µm thick).
36
60
9
10
4.6
18
4.5
7
15
50
3.8
min
6.3
2.3
4.6
1.5
min
1.5
min
1.5
min
(3x)
March 1997
7
Rev 1.200


Similar Part No. - BUK107-50DL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK107-50DS PHILIPS-BUK107-50DS Datasheet
62Kb / 9P
   PowerMOS transistor Logic level TOPFET
March 1997 Rev 1.200
More results

Similar Description - BUK107-50DL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK102-50DL PHILIPS-BUK102-50DL Datasheet
86Kb / 10P
   PowerMOS transistor Logic level TOPFET
April 1993 Rev 1.100
BUK109-50GL PHILIPS-BUK109-50GL Datasheet
109Kb / 11P
   PowerMOS transistor Logic level TOPFET
June 1996 Rev 1.000
BUK101-50DL PHILIPS-BUK101-50DL Datasheet
89Kb / 10P
   PowerMOS transistor Logic level TOPFET
April 1993 Rev 1.100
BUK104-50L PHILIPS-BUK104-50L Datasheet
147Kb / 14P
   PowerMOS transistor Logic level TOPFET
January 1993 Rev 1.200
BUK107-50DS PHILIPS-BUK107-50DS Datasheet
62Kb / 9P
   PowerMOS transistor Logic level TOPFET
March 1997 Rev 1.200
BUK108-50GL PHILIPS-BUK108-50GL Datasheet
127Kb / 11P
   PowerMOS transistor Logic level TOPFET
June 1996 Rev 1.000
logo
Guangdong Kexin Industr...
KUK108-50DL KEXIN-KUK108-50DL Datasheet
64Kb / 3P
   PowerMOS transistor Logic level TOPFET
logo
NXP Semiconductors
BUK100-50DL PHILIPS-BUK100-50DL Datasheet
85Kb / 10P
   PowerMOS transistor Logic level TOPFET
November 1996 Rev 1.200
BUK112-50GL PHILIPS-BUK112-50GL Datasheet
91Kb / 16P
   PowerMOS transistor Logic level TOPFET
September 1996 Rev 1.000
BUK113-50DL PHILIPS-BUK113-50DL Datasheet
32Kb / 6P
   PowerMOS transistor Logic level TOPFET
January 1996 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com