Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS8832N Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8832N
Description  Dual TRI-STATE Line Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8832N Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS8832N Datasheet HTML 1Page - National Semiconductor (TI) DS8832N Datasheet HTML 2Page - National Semiconductor (TI) DS8832N Datasheet HTML 3Page - National Semiconductor (TI) DS8832N Datasheet HTML 4Page - National Semiconductor (TI) DS8832N Datasheet HTML 5Page - National Semiconductor (TI) DS8832N Datasheet HTML 6Page - National Semiconductor (TI) DS8832N Datasheet HTML 7Page - National Semiconductor (TI) DS8832N Datasheet HTML 8Page - National Semiconductor (TI) DS8832N Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Truth Table
(Shown for A Channels Only)
Differential/
“A” Output Disable
Single-Ended
Input A1
Output A1
Input A2
Output A2
Mode Control
0
0
0
0
Logical “1” or
Same as
Logical “1” or
Same as
Logical “0”
Input A1
Logical “0”
Input A2
0
0
X
1
Logical “1” or
Opposite of
Logical “1” or
Same as
1
X
Logical “0”
Input A1
Logical “0”
Input A2
1
X
High
High
X
1
X
X
X
Impedance
X
Impedance
State
State
X = Don’t Care
www.national.com
2


Similar Part No. - DS8832N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS8832N TI1-DS8832N Datasheet
271Kb / 13P
[Old version datasheet]   Dual TRI-STATE Line Driver
logo
National Semiconductor ...
DS8832N NSC-DS8832N Datasheet
148Kb / 8P
   Dual TRI-STATEÉ Line Driver
February 1996
More results

Similar Description - DS8832N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS7831 TI1-DS7831_11 Datasheet
271Kb / 13P
[Old version datasheet]   Dual TRI-STATE Line Driver
logo
National Semiconductor ...
DS75113 NSC-DS75113 Datasheet
201Kb / 10P
   Dual TRI-STATE Differential Line Driver
DS3587 NSC-DS3587 Datasheet
295Kb / 3P
   QUAD TRI-STATE LINE DRIVER
logo
Texas Instruments
DS3487 TI1-DS3487_15 Datasheet
773Kb / 11P
[Old version datasheet]   Quad TRI-STATE Line Driver
logo
National Semiconductor ...
DS3487 NSC-DS3487 Datasheet
157Kb / 6P
   Quad TRI-STATE Line Driver
logo
Analog Devices
DS8924 AD-DS8924 Datasheet
181Kb / 3P
   Quad TRI-STATE Differential Line Driver
logo
Texas Instruments
DS3487M TI1-DS3487M Datasheet
760Kb / 11P
[Old version datasheet]   DS3487 Quad TRI-STATE Line Driver
logo
National Semiconductor ...
DS7831 NSC-DS7831 Datasheet
148Kb / 8P
   Dual TRI-STATEÉ Line Driver
February 1996
SCAN18540T NSC-SCAN18540T Datasheet
152Kb / 14P
   Inverting Line Driver with TRI-STATE Outputs
logo
STMicroelectronics
ST26C31 STMICROELECTRONICS-ST26C31 Datasheet
57Kb / 10P
   CMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com