Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K8D1716UBC-PI07 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K8D1716UBC-PI07
Description  16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K8D1716UBC-PI07 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K8D1716UBC-PI07 Datasheet HTML 6Page - Samsung semiconductor K8D1716UBC-PI07 Datasheet HTML 7Page - Samsung semiconductor K8D1716UBC-PI07 Datasheet HTML 8Page - Samsung semiconductor K8D1716UBC-PI07 Datasheet HTML 9Page - Samsung semiconductor K8D1716UBC-PI07 Datasheet HTML 10Page - Samsung semiconductor K8D1716UBC-PI07 Datasheet HTML 11Page - Samsung semiconductor K8D1716UBC-PI07 Datasheet HTML 12Page - Samsung semiconductor K8D1716UBC-PI07 Datasheet HTML 13Page - Samsung semiconductor K8D1716UBC-PI07 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
FLASH MEMORY
K8D1716UTC / K8D1716UBC
Revision 1.0
December 2004
10
DEVICE OPERATION
Byte/Word Mode
If the BYTE pin is set at logical "1" , the device is in word mode, DQ0-DQ15 are active. Otherwise the BYTE pin is set at logical "0" ,
the device is in byte mode, DQ0-DQ7 are active. DQ8-DQ14 are in the High-Z state and DQ15 pin is used as an input for the LSB
(A-1) address pin.
Read Mode
The K8D1716U is controlled by Chip Enable (CE), Output Enable (OE) and Write Enable (WE). When CE and OE are low and WE
is high, the data stored at the specified address location,will be the output of the device. The outputs are in high impedance state
whenever CE or OE is high.
Standby Mode
The K8D1716U features Stand-by Mode to reduce power consumption. This mode puts the device on hold when the device is dese-
lected by making CE high (CE = VIH). Refer to the DC characteristics for more details on stand-by modes.
Output Disable
The device outputs are disabled when OE is High (OE = VIH). The output pins are in high impedance state.
Automatic Sleep Mode
K8D1716U features Automatic Sleep Mode to minimize the device power consumption. Since the device typically draws 5
µA of the
current in Automatic Sleep Mode, this feature plays an extremely important role in battery-powered applications. When addresses
remain steady for tAA+50ns, the device automatically activates the Automatic Sleep Mode. In the sleep mode, output data is latched
and always available to the system. When addresses are changed, the device provides new data without wait time.
Data
Outputs
tAA + 50ns
Data
Auto Sleep Mode
Address
Data
Data
Data
Data
Figure 1. Auto Sleep Mode Operation
Autoselect Mode
The K8D1716U offers the Autoselect Mode to identify manufacturer and device type by reading a binary code. The Autoselect Mode
allows programming equipment to automatically match the device to be programmed with its corresponding programming algorithm.
In addition, this mode allows the verification of the status of write protected blocks. This mode is used by two method. The one is high
voltage method to be required VID (8.5V~12.5V) on address pin A9. When A9 is held at VID and the bank address or block address is
asserted, the device outputs the valid data via DQ pins(see Table 9 and Figure 2). The rest of addresses except A0, A1 and A6 are
Don
′t Care. The other is autoselect command method that the autoselect code is accessible by the commamd sequence without VID.
The manufacturer and device code may also be read via the command register. The Command Sequence is shown in Table 8 and
Figure 3. The autoselect operation of block protect verification is initiated by first writing two unlock cycle. The third cycle must con-
tain the bank address and autoselect command (90H). If Block address while (A6, A1, A0) = (0,1,0) is finally asserted on the address
pin, it will produce a logical "1" at the device output DQ0 to indicate a write protected block or a logical "0" at the device output DQ0
to indicate a write unprotected block. To terminate the autoselect operation, write Reset command (F0H) into the command register.


Similar Part No. - K8D1716UBC-PI07

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K8D1716UB SAMSUNG-K8D1716UB Datasheet
482Kb / 40P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
K8D1716UBB SAMSUNG-K8D1716UBB Datasheet
482Kb / 40P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
K8D1716UBB-TC07 SAMSUNG-K8D1716UBB-TC07 Datasheet
482Kb / 40P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
K8D1716UBB-TC08 SAMSUNG-K8D1716UBB-TC08 Datasheet
482Kb / 40P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
K8D1716UBB-TC09 SAMSUNG-K8D1716UBB-TC09 Datasheet
482Kb / 40P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
More results

Similar Description - K8D1716UBC-PI07

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K8D1716UTB SAMSUNG-K8D1716UTB Datasheet
482Kb / 40P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
logo
Fujitsu Component Limit...
MB84VD2108X FUJITSU-MB84VD2108X Datasheet
850Kb / 55P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
logo
SPANSION
MB84VD2108XEM-70 SPANSION-MB84VD2108XEM-70 Datasheet
859Kb / 53P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
logo
Samsung semiconductor
K8D6X16UTM SAMSUNG-K8D6X16UTM Datasheet
639Kb / 48P
   64M Bit (8M x8/4M x16) Dual Bank NOR Flash Memory
K8D6X16UTM SAMSUNG-K8D6X16UTM_06 Datasheet
1Mb / 48P
   64M Bit (8M x8/4M x16) Dual Bank NOR Flash Memory
logo
Sharp Corporation
LH28F160BJE-TTL90 SHARP-LH28F160BJE-TTL90 Datasheet
534Kb / 46P
   16M (x8/x16) Flash Memory
logo
Macronix International
MX29F1615 MCNIX-MX29F1615 Datasheet
337Kb / 26P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
MX29F1610A MCNIX-MX29F1610A Datasheet
669Kb / 39P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
logo
Sharp Corporation
LH28F160BHE-TTL90 SHARP-LH28F160BHE-TTL90 Datasheet
672Kb / 46P
   16M (x8/x16) Flash Memory
logo
Silicon Storage Technol...
SST36VF1601C SST-SST36VF1601C Datasheet
422Kb / 34P
   16 Mbit (x8/x16) Dual-Bank Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com