Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1117DTX-1.8 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1117DTX-1.8
Description  800mA Low-Dropout Linear Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1117DTX-1.8 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM1117DTX-1.8 Datasheet HTML 1Page - National Semiconductor (TI) LM1117DTX-1.8 Datasheet HTML 2Page - National Semiconductor (TI) LM1117DTX-1.8 Datasheet HTML 3Page - National Semiconductor (TI) LM1117DTX-1.8 Datasheet HTML 4Page - National Semiconductor (TI) LM1117DTX-1.8 Datasheet HTML 5Page - National Semiconductor (TI) LM1117DTX-1.8 Datasheet HTML 6Page - National Semiconductor (TI) LM1117DTX-1.8 Datasheet HTML 7Page - National Semiconductor (TI) LM1117DTX-1.8 Datasheet HTML 8Page - National Semiconductor (TI) LM1117DTX-1.8 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LM1117 Electrical Characteristics (Continued)
Typicals and limits appearing in normal type apply for T
J = 25˚C. Limits appearing in Boldface type apply over the entire junc-
tion temperature range for operation, 0˚C to 125˚C.
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note 4)
Max
(Note 5)
Units
∆V
OUT
Load Regulation
(Note 6)
LM1117-ADJ
V
IN-VOUT = 3V, 10
≤ I
OUT
≤ 800mA
0.2
0.4
%
LM1117-1.8
V
IN = 3.2V, 0
≤ I
OUT
≤ 800mA
1
10
mV
LM1117-2.5
V
IN = 3.9V, 0
≤ I
OUT
≤ 800mA
1
10
mV
LM1117-2.85
V
IN = 4.25V, 0
≤ I
OUT
≤ 800mA
1
10
mV
LM1117-3.3
V
IN = 4.75V, 0
≤ I
OUT
≤ 800mA
1
10
mV
LM1117-5.0
V
IN = 6.5V, 0
≤ I
OUT
≤ 800mA
1
15
mV
V
IN-V OUT
Dropout Voltage
(Note 7)
I
OUT = 100mA
1.10
1.20
V
I
OUT = 500mA
1.15
1.25
V
I
OUT = 800mA
1.20
1.30
V
I
LIMIT
Current Limit
V
IN-VOUT = 5V, TJ = 25˚C
800
1200
1500
mA
Minimum Load
Current (Note 8)
LM1117-ADJ
V
IN = 15V
1.7
5
mA
Quiescent Current
LM1117-1.8
V
IN
≤ 15V
5
10
mA
LM1117-2.5
V
IN
≤ 15V
5
10
mA
LM1117-2.85
V
IN
≤ 10V
5
10
mA
LM1117-3.3
V
IN
≤ 15V
5
10
mA
LM1117-5.0
V
IN
≤ 15V
5
10
mA
Thermal Regulation
T
A = 25˚C, 30ms Pulse
0.01
0.1
%/W
Ripple Regulation
f
RIPPLE =1 20Hz, VIN-VOUT =3VVRIPPLE
=1V
PP
60
75
dB
Adjust Pin Current
60
120
µA
Adjust Pin Current
Change
10
≤ I
OUT
≤ 800mA,
1.4V
≤ V
IN-VOUT
≤ 10V
0.2
5
µA
Temperature Stability
0.5
%
Long Term Stability
T
A = 125˚C, 1000Hrs
0.3
%
RMS Output Noise
(% of V
OUT), 10Hz
≤ f ≤10kHz
0.003
%
Thermal Resistance
Junction-to-Case
3-Lead SOT-223
15.0
˚C/W
3-Lead TO-220
3.0
˚C/W
3-Lead TO-252
10
˚C/W
Thermal Resistance
Junction-to-Ambient
(No air flow)
3-Lead SOT-223 (No heat sink)
136
˚C/W
3-Lead TO-220 (No heat sink)
79
˚C/W
3-Lead TO-252 (Note 9) (No heat sink)
92
˚C/W
3-Lead TO-263
55
˚C/W
8-Lead LLP(Note 10)
40
˚C/W
www.national.com
5


Similar Part No. - LM1117DTX-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1117DTX-1.8 NSC-LM1117DTX-1.8 Datasheet
405Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Texas Instruments
LM1117DTX-1.8 TI1-LM1117DTX-1.8 Datasheet
458Kb / 25P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117DTX-1.8 TI1-LM1117DTX-1.8 Datasheet
2Mb / 36P
[Old version datasheet]   800-mA Low-Dropout Linear Regulator
LM1117DTX-1.8/NOPB TI1-LM1117DTX-1.8/NOPB Datasheet
2Mb / 30P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117DTX-1.8/NOPB TI1-LM1117DTX-1.8/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
More results

Similar Description - LM1117DTX-1.8

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_07 Datasheet
174Kb / 15P
   800mA LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
LM1117-N TI1-LM1117-N_13 Datasheet
2Mb / 30P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117-N TI1-LM1117-N Datasheet
458Kb / 25P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117MP-1.8NOPB TI1-LM1117MP-1.8NOPB Datasheet
2Mb / 32P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
SM74503 TI1-SM74503 Datasheet
331Kb / 16P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
logo
National Semiconductor ...
LM1117 NSC-LM1117 Datasheet
405Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G958 GMT-G958 Datasheet
149Kb / 7P
   800mA Adjustable Low-Dropout Linear Regulator
logo
Texas Instruments
SM74503 TI-SM74503_15 Datasheet
458Kb / 14P
[Old version datasheet]   SM74503 800mA Low-Dropout Linear Regulator
logo
AiT Semiconductor Inc.
A1116 AITSEMI-A1116 Datasheet
291Kb / 9P
   BIPOLAR LDO REGULATOR 800mA LINEAR LOW DROPOUT REGULATOR
REV1.1
logo
First Components Intern...
LM1117 FCI-LM1117 Datasheet
1Mb / 14P
   800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com