Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4633VN Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AK4633VN
Description  16-Bit Mono CODEC with ALC & MIC/SPK-AMP
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4633VN Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AK4633VN Datasheet HTML 1Page - Asahi Kasei Microsystems AK4633VN Datasheet HTML 2Page - Asahi Kasei Microsystems AK4633VN Datasheet HTML 3Page - Asahi Kasei Microsystems AK4633VN Datasheet HTML 4Page - Asahi Kasei Microsystems AK4633VN Datasheet HTML 5Page - Asahi Kasei Microsystems AK4633VN Datasheet HTML 6Page - Asahi Kasei Microsystems AK4633VN Datasheet HTML 7Page - Asahi Kasei Microsystems AK4633VN Datasheet HTML 8Page - Asahi Kasei Microsystems AK4633VN Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 82 page
background image
ASAHI KASEI
[AK4633]
MS0447-E-03
2006/04
- 2 -
11. Audio Interface Format: MSB First, 2’s compliment
• ADC: DSP Mode, 16bit MSB justified, I2S
• DAC: DSP Mode, 16bit MSB justified, 16bit LSB justified, I2S
12. Ta = -40
∼ 85°C
13. Power Supply
• AVDD: 2.2 ∼ 3.6V (typ. 3.3V)
• DVDD: 1.6 ∼ 3.6V (typ. 3.3V)
• SVDD: 2.2 ∼ 4.0V (typ. 3.3V)
14. Power Supply Current: 12mA (All Power ON)
15. Package: 24pin QFN(4mmx4mm)
Block Diagram
MIC Power
Supply
A/D
HPF
PMMP
PMADC
Audio
I/F
D/A
PMDAC
Line Out
PMSPK
Speaker
PLL
PMBP
PMPLL
Control
Register
MPI
MIC/MICP
SPP
SPN
SVDD
SVSS
BEEP/MICN
AVDD
AVSS
VCOM
DVDD
CSN
PDN
CCLK
CDTI
BICK
FCK
SDTO
SDTI
MCKO
MCKI
VCOC
PMAO
AOUT
DVSS
MIC-Amp
0dB /+6dB/+10dB/+14dB/+17dB
+20dB / +26dB / +32dB
Mic
HPF
2 Band
EQ
VOL
(ALC)
PMPFIL
Figure 1. AK4633 Block Diagram


Similar Part No. - AK4633VN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4633VN AKM-AK4633VN Datasheet
910Kb / 38P
   16bit mono CODEC with MIC/SPK amplifier.
More results

Similar Description - AK4633VN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4631 AKM-AK4631 Datasheet
568Kb / 69P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4634 AKM-AK4634 Datasheet
967Kb / 77P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4633EN AKM-AK4633EN Datasheet
1Mb / 83P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4634EN AKM-AK4634EN Datasheet
2Mb / 94P
   16-Bit Mono CODEC with ALC & MIC/SPK -AMP
AK4536 AKM-AK4536 Datasheet
382Kb / 59P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4636 AKM-AK4636 Datasheet
1Mb / 105P
   16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4631 AKM-AK4631_1 Datasheet
564Kb / 69P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
AK4635 AKM-AK4635 Datasheet
980Kb / 81P
   16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4632 AKM-AK4632 Datasheet
620Kb / 70P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4637EN AKM-AK4637EN Datasheet
1Mb / 96P
   24bit Mono CODEC with MIC/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com