Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4633 Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AKD4633
Description  16-Bit Mono CODEC with ALC & MIC/SPK-AMP
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4633 Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AKD4633 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4633 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4633 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4633 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4633 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4633 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4633 Datasheet HTML 12Page - Asahi Kasei Microsystems AKD4633 Datasheet HTML 13Page - Asahi Kasei Microsystems AKD4633 Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
ASAHI KASEI
[AK4633]
MS0447-E-03
2006/04
- 10 -
ANALOG CHRACTERISTICS
(Ta=25
°C; AVDD, DVDD, SVDD=3.3V; AVSS=DVSS=SVSS=0V; fs=8kHz, BICK=64fs; Signal Frequency=1kHz;
16bit Data; Measurement frequency=20Hz
∼ 3.4kHz; EXT Slave Mode; unless otherwise specified)
Parameter
min
typ
max
Units
MIC Amplifier : MDIF bit =
“0”; (Single-ended input)
Input Resistance
20
30
40
k
Gain
(MGAIN2-0 bits =
“000”)
-
0
-
dB
(MGAIN2-0 bits =
“001”)
-
20
-
dB
(MGAIN2-0 bits =
“010”)
-
26
-
dB
(MGAIN2-0 bits =
“011”)
-
32
-
dB
(MGAIN2-0 bits =
“100”)
-
6
-
dB
(MGAIN2-0 bits =
“101”)
-
10
-
dB
(MGAIN2-0 bits =
“110”)
-
14
-
dB
(MGAIN2-0 bits =
“111”)
-
17
-
dB
MIC Amplifier : MDIF bit =
“1”; (Full-differential input)
Input Voltage
(MGAIN2-0 bits =
“001”)
-
-
0.228
Vpp
(Note 8)
(MGAIN2-0 bits =
“010”)
-
-
0.114
Vpp
(MGAIN2-0 bits =
“011”)
-
-
0.057
Vpp
(MGAIN2-0 bits =
“100”)
-
-
1.14
Vpp
(MGAIN2-0 bits =
“101”)
-
-
0.721
Vpp
(MGAIN2-0 bits =
“110”)
-
-
0.455
Vpp
(MGAIN2-0 bits =
“111”)
-
-
0.322
Vpp
MIC Power Supply: MPI pin
Output Voltage
(Note 9)
2.38
2.64
2.90
V
Load Resistance
2
-
-
k
Load Capacitance
-
-
30
pF
ADC Analog Input Characteristics: MIC
ADC, MIC Gain=20dB, IVOL=0dB, ALC1bit =
“0”
Resolution
-
-
16
Bits
Input Voltage (MIC Gain=20dB,Note 10)
0.168
0.198
0.228
Vpp
S/(N+D)
(
−1dBFS) (Note 11)
72
84
-
dB
D-Range
(
−60dBFS)
75
85
-
dB
S/N
75
85
-
dB
DAC Characteristics:
Resolution
16
Bits
Mono Line Output Characteristics: AOUT pin, DAC
→ AOUT, RL=10kΩ
Output Voltage (Note 12)
1.78
1.98
2.18
Vpp
S/(N+D)
(0dBFS) (Note 11)
73
85
-
dB
D-Range
(-60dBFS)
83
93
-
dB
S/N
83
93
-
dB
Load Resistance
10
-
-
k
Load Capacitance
-
-
30
pF
Speaker-Amp Characteristics: DAC
SPP/SPN pins, ALC2 bit =
“0”, RL=8Ω, BTL, SVDD=3.3V
SPKG1-0 bits =
“00” (-4.1dBFS)
2.54
3.17
3.80
Vpp
Output Voltage
SPKG1-0 bits =
“01” (-4.1dBFS)
3.20
4.00
4.80
Vpp
S/(N+D)
As 150mW output power
40
60
-
dB
As 400mW output power
-
20
-
dB
Output Noise
SPKG1-0 bits =
“00”
-
-87
-
dBV
Level
SPKG1-0 bits =
“01”
-75
-85
-
dBV
SPKG1-0 bits =
“10”
-
-83
-
dBV
Load Resistance
8
-
-
Load Capacitance
-
-
30
pF


Similar Part No. - AKD4633

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4633-A AKM-AKD4633-A Datasheet
910Kb / 38P
   16bit mono CODEC with MIC/SPK amplifier.
More results

Similar Description - AKD4633

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4631 AKM-AK4631 Datasheet
568Kb / 69P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4634 AKM-AK4634 Datasheet
967Kb / 77P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4633EN AKM-AK4633EN Datasheet
1Mb / 83P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4634EN AKM-AK4634EN Datasheet
2Mb / 94P
   16-Bit Mono CODEC with ALC & MIC/SPK -AMP
AK4536 AKM-AK4536 Datasheet
382Kb / 59P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4636 AKM-AK4636 Datasheet
1Mb / 105P
   16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4631 AKM-AK4631_1 Datasheet
564Kb / 69P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
AK4635 AKM-AK4635 Datasheet
980Kb / 81P
   16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4632 AKM-AK4632 Datasheet
620Kb / 70P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4637EN AKM-AK4637EN Datasheet
1Mb / 96P
   24bit Mono CODEC with MIC/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com