Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK108-50GL Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BUK108-50GL
Description  PowerMOS transistor Logic level TOPFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK108-50GL Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BUK108-50GL Datasheet HTML 2Page - NXP Semiconductors BUK108-50GL Datasheet HTML 3Page - NXP Semiconductors BUK108-50GL Datasheet HTML 4Page - NXP Semiconductors BUK108-50GL Datasheet HTML 5Page - NXP Semiconductors BUK108-50GL Datasheet HTML 6Page - NXP Semiconductors BUK108-50GL Datasheet HTML 7Page - NXP Semiconductors BUK108-50GL Datasheet HTML 8Page - NXP Semiconductors BUK108-50GL Datasheet HTML 9Page - NXP Semiconductors BUK108-50GL Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Philips Semiconductors
Product specification
PowerMOS transistor
BUK108-50GL
Logic level TOPFET
Fig.8. Typical on-state resistance, T
j = 25 ˚C.
R
DS(ON) = f(ID); parameter VIS; tp = 250 µs
Fig.9. Typical transfer characteristics, T
j = 25 ˚C.
I
D = f(VIS) ; conditions: VDS = 10 V; tp = 250 µs
Fig.10. Typical transconductance, T
j = 25 ˚C.
g
fs = f(ID); conditions: VDS = 10 V; tp = 250 µs
Fig.11. Normalised drain-source on-state resistance.
a = R
DS(ON)/RDS(ON)25 ˚C = f(Tj); ID = 7.5 A; VIS = 5 V
Fig.12. Typical overload protection characteristics.
t
d sc = f(PDS); conditions: VIS ≥ 4 V; Tj = 25 ˚C.
Fig.13. Normalised limiting overload dissipation.
P
DSM% =100⋅PDSM/PDSM(25 ˚C) = f(Tmb)
0
10
20
30
BUK108-50GL
ID / A
RDS(ON) / Ohm
0.20
0.15
0.10
0.05
0
5.5
6
5
4.5
4
3.5
VIS / V =
515
25
35
-60
-40
-20
0
20
40
60
80
100 120 140
Tj / C
a
Normalised RDS(ON) = f(Tj)
1.5
1.0
0.5
0
0
2
4
6
8
BUK108-50GL
VIS / V
ID / A
40
35
30
25
20
15
10
5
0
0.01
1
PDS / kW
td sc / ms
BUK108-50GL
100
10
1
0.1
0.1
PDSM
0
20
40
ID / A
gfs / S
BUK108-50GL
12
11
10
9
8
7
6
5
4
3
2
1
0
10
30
50
-60
-40
-20
0
20
40
60
80
100
120
140
Tmb / C
PDSM%
120
100
80
60
40
20
0
June 1996
6
Rev 1.000


Similar Part No. - BUK108-50GL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK108-50GS PHILIPS-BUK108-50GS Datasheet
120Kb / 12P
   PowerMOS transistor TOPFET
June 1996 Rev 1.000
More results

Similar Description - BUK108-50GL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK102-50DL PHILIPS-BUK102-50DL Datasheet
86Kb / 10P
   PowerMOS transistor Logic level TOPFET
April 1993 Rev 1.100
BUK109-50GL PHILIPS-BUK109-50GL Datasheet
109Kb / 11P
   PowerMOS transistor Logic level TOPFET
June 1996 Rev 1.000
BUK101-50DL PHILIPS-BUK101-50DL Datasheet
89Kb / 10P
   PowerMOS transistor Logic level TOPFET
April 1993 Rev 1.100
BUK104-50L PHILIPS-BUK104-50L Datasheet
147Kb / 14P
   PowerMOS transistor Logic level TOPFET
January 1993 Rev 1.200
BUK107-50DS PHILIPS-BUK107-50DS Datasheet
62Kb / 9P
   PowerMOS transistor Logic level TOPFET
March 1997 Rev 1.200
logo
Guangdong Kexin Industr...
KUK108-50DL KEXIN-KUK108-50DL Datasheet
64Kb / 3P
   PowerMOS transistor Logic level TOPFET
logo
NXP Semiconductors
BUK100-50DL PHILIPS-BUK100-50DL Datasheet
85Kb / 10P
   PowerMOS transistor Logic level TOPFET
November 1996 Rev 1.200
BUK107-50DL PHILIPS-BUK107-50DL Datasheet
77Kb / 9P
   PowerMOS transistor Logic level TOPFET
March 1997 Rev 1.200
BUK112-50GL PHILIPS-BUK112-50GL Datasheet
91Kb / 16P
   PowerMOS transistor Logic level TOPFET
September 1996 Rev 1.000
BUK113-50DL PHILIPS-BUK113-50DL Datasheet
32Kb / 6P
   PowerMOS transistor Logic level TOPFET
January 1996 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com