Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1117IDT-ADJ Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1117IDT-ADJ
Description  800mA Low-Dropout Linear Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1117IDT-ADJ Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM1117IDT-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LM1117IDT-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LM1117IDT-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LM1117IDT-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LM1117IDT-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LM1117IDT-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LM1117IDT-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LM1117IDT-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LM1117IDT-ADJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Ordering Information
Package
Temperature
Range
Part Number
Packaging Marking
Transport Media
NSC
Drawing
3-lead
SOT-223
0˚C to +125˚C
LM1117MPX-ADJ
N03A
Tape and Reel
MP04A
LM1117MPX-1.8
N12A
Tape and Reel
LM1117MPX-2.5
N13A
Tape and Reel
LM1117MPX-2.85
N04A
Tape and Reel
LM1117MPX-3.3
N05A
Tape and Reel
LM1117MPX-5.0
N06A
Tape and Reel
−40˚C to +125˚C
LM1117IMPX-ADJ
N03B
Tape and Reel
LM1117IMPX-3.3
N05B
Tape and Reel
LM1117IMPX-5.0
N06B
Tape and Reel
3-lead TO-220
0˚C to +125˚C
LM1117T-ADJ
LM1117T-ADJ
Rails
T03B
LM1117T-1.8
LM1117T-1.8
Rails
LM1117T-2.5
LM1117T-2.5
Rails
LM1117T-2.85
LM1117T-2.85
Rails
LM1117T-3.3
LM1117T-3.3
Rails
LM1117T-5.0
LM1117T-5.0
Rails
3-lead TO-252
0˚C to +125˚C
LM1117DTX-ADJ
LM1117DT-ADJ
Tape and Reel
TD03B
LM1117DTX-1.8
LM1117DT-1.8
Tape and Reel
LM1117DTX-2.5
LM1117DT-2.5
Tape and Reel
LM1117DTX-2.85
LM1117DT-2.85
Tape and Reel
LM1117DTX-3.3
LM1117DT-3.3
Tape and Reel
LM1117DTX-5.0
LM1117DT-5.0
Tape and Reel
−40˚C to +125˚C
LM1117IDTX-ADJ
LM1117IDT-ADJ
Tape and Reel
LM1117IDTX-3.3
LM1117IDT-3.3
Tape and Reel
LM1117IDTX-5.0
LM1117IDT-5.0
Tape and Reel
8-lead LLP
0˚C to +125˚C
LM1117LDX-ADJ
1117ADJ
Tape and Reel
LDC08A
LM1117LDX-1.8
1117-18
Tape and Reel
LM1117LDX-2.5
1117-25
Tape and Reel
LM1117LDX-2.85
1117-28
Tape and Reel
LM1117LDX-3.3
1117-33
Tape and Reel
LM1117LDX-5.0
1117-50
Tape and Reel
−40˚C to 125˚C
LM1117ILDX-ADJ
1117IAD
Tape and Reel
LM1117ILDX-3.3
1117I33
Tape and Reel
LM1117ILDX-5.0
1117I50
Tape and Reel
TO-263
0˚C to +125˚C
LM1117SX-ADJ
LM1117SADJ
Tape and Reel
TS3B
LM1117SX-2.85
LM1117S2.85
Tape and Reel
LM1117SX-3.3
LM1117S3.3
Tape and Reel
LM1117SX-5.0
LM1117S5.0
Tape and Reel
www.national.com
2


Similar Part No. - LM1117IDT-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1117IDT-ADJ NSC-LM1117IDT-ADJ Datasheet
405Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Texas Instruments
LM1117IDT-ADJ TI1-LM1117IDT-ADJ Datasheet
2Mb / 36P
[Old version datasheet]   800-mA Low-Dropout Linear Regulator
LM1117IDT-ADJ/NOPB TI1-LM1117IDT-ADJ/NOPB Datasheet
2Mb / 30P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117IDT-ADJ/NOPB TI1-LM1117IDT-ADJ/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
LM1117IDT-ADJ/NOPB TI1-LM1117IDT-ADJ/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
More results

Similar Description - LM1117IDT-ADJ

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_07 Datasheet
174Kb / 15P
   800mA LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
LM1117-N TI1-LM1117-N_13 Datasheet
2Mb / 30P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117-N TI1-LM1117-N Datasheet
458Kb / 25P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117MP-1.8NOPB TI1-LM1117MP-1.8NOPB Datasheet
2Mb / 32P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
SM74503 TI1-SM74503 Datasheet
331Kb / 16P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
logo
National Semiconductor ...
LM1117 NSC-LM1117 Datasheet
405Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G958 GMT-G958 Datasheet
149Kb / 7P
   800mA Adjustable Low-Dropout Linear Regulator
logo
Texas Instruments
SM74503 TI-SM74503_15 Datasheet
458Kb / 14P
[Old version datasheet]   SM74503 800mA Low-Dropout Linear Regulator
logo
AiT Semiconductor Inc.
A1116 AITSEMI-A1116 Datasheet
291Kb / 9P
   BIPOLAR LDO REGULATOR 800mA LINEAR LOW DROPOUT REGULATOR
REV1.1
logo
First Components Intern...
LM1117 FCI-LM1117 Datasheet
1Mb / 14P
   800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com