Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST12LP15 Datasheet(PDF) 2 Page - Silicon Storage Technology, Inc

Part # SST12LP15
Description  2.4 GHz High-Power, High-Gain Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LP15 Datasheet(HTML) 2 Page - Silicon Storage Technology, Inc

  SST12LP15 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST12LP15 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST12LP15 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST12LP15 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST12LP15 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST12LP15 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST12LP15 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST12LP15 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST12LP15 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Preliminary Specifications
2.4 GHz High-Linearity Power Amplifier
SST12LP10
©2005 SST Communications Corp.
S71280-00-000
1/05
2
FUNCTIONAL BLOCKS
2
56
8
16
15
1
14
49
11
12
10
13
VCC2
RFOUT
RFOUT
NC
NC
3
RFIN
RFIN
NC
Bias Circuit
7
1280 B1.1
FUNCTIONAL BLOCK DIAGRAM


Similar Part No. - SST12LP15

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12LP15A SST-SST12LP15A Datasheet
278Kb / 13P
   2.4 GHz High-Power and High-Gain Power Amplifier
logo
Microchip Technology
SST12LP15A MICROCHIP-SST12LP15A Datasheet
168Kb / 15P
   2.4 GHz High-Power and High-Gain Power Amplifier
2013 04/13
logo
Silicon Storage Technol...
SST12LP15A-QVCE SST-SST12LP15A-QVCE Datasheet
278Kb / 13P
   2.4 GHz High-Power and High-Gain Power Amplifier
SST12LP15A-QVCE-K SST-SST12LP15A-QVCE-K Datasheet
278Kb / 13P
   2.4 GHz High-Power and High-Gain Power Amplifier
logo
Microchip Technology
SST12LP15B MICROCHIP-SST12LP15B Datasheet
469Kb / 28P
   2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
07/15
More results

Similar Description - SST12LP15

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12LP14A SST-SST12LP14A Datasheet
405Kb / 18P
   2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP18E SST-SST12LP18E Datasheet
236Kb / 2P
   2.4 GHz High-Power, High-Gain Power Amplifier
logo
Microchip Technology
SST12LP07A-QXBE MICROCHIP-SST12LP07A-QXBE Datasheet
46Kb / 2P
   2.4 GHz High-Power, High-Gain Power Amplifier
10/11
logo
Silicon Storage Technol...
SST12LP07 SST-SST12LP07 Datasheet
509Kb / 14P
   2.4 GHz High-Power, High-Gain Power Amplifier
logo
Microchip Technology
SST12LP19E MICROCHIP-SST12LP19E Datasheet
391Kb / 23P
   2.4 GHz High-Power, High-Gain Power Amplifier
2013 05/13
logo
Silicon Storage Technol...
SST12LP08 SST-SST12LP08 Datasheet
1Mb / 18P
   2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP14C SST-SST12LP14C Datasheet
584Kb / 14P
   2.4 GHz High-Power, High-Gain Power Amplifier
logo
List of Unclassifed Man...
SST12LP19E-QX8E ETC2-SST12LP19E-QX8E Datasheet
384Kb / 21P
   2.4 GHz High-Power, High-Gain Power Amplifier
logo
Silicon Storage Technol...
SST12LP07A SST-SST12LP07A Datasheet
46Kb / 2P
   2.4 GHz High-Power, High-Gain Power Amplifier
SST12CP11 SST-SST12CP11 Datasheet
45Kb / 2P
   2.4 GHz High-Power and High-Gain Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com