Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST12LP14A Datasheet(PDF) 3 Page - Silicon Storage Technology, Inc

Part # SST12LP14A
Description  2.4 GHz High-Power, High-Gain Power Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LP14A Datasheet(HTML) 3 Page - Silicon Storage Technology, Inc

  SST12LP14A Datasheet HTML 1Page - Silicon Storage Technology, Inc SST12LP14A Datasheet HTML 2Page - Silicon Storage Technology, Inc SST12LP14A Datasheet HTML 3Page - Silicon Storage Technology, Inc SST12LP14A Datasheet HTML 4Page - Silicon Storage Technology, Inc SST12LP14A Datasheet HTML 5Page - Silicon Storage Technology, Inc SST12LP14A Datasheet HTML 6Page - Silicon Storage Technology, Inc SST12LP14A Datasheet HTML 7Page - Silicon Storage Technology, Inc SST12LP14A Datasheet HTML 8Page - Silicon Storage Technology, Inc SST12LP14A Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Preliminary Specifications
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP14A
3
©2005 SST Communications Corp.
S71300-02-000
3/06
PIN ASSIGNMENTS
FIGURE 2: Pin Assignments for 16-contact VQFN
PIN DESCRIPTIONS
TABLE
1: Pin Description
Symbol
Pin No.
Pin Name
Type1
1. I=Input, O=Output
Function
GND
0
Ground
The center pad should be connected to RF ground with
several low inductance, low resistance vias
NC
1
No Connection
Unconnected pin
RFIN
2
I
RF input, DC decoupled
RFIN
3
I
RF input, DC decoupled
NC
4
No Connection
Unconnected pin
VCCb
5
Power Supply
PWR
Supply voltage for bias circuit
VREF
6
PWR
1st and 2nd stage idle current control
VREF
7
PWR
1st and 2nd stage idle current control
NC
8
No Connection
Unconnected pin
Det
9
O
On-chip power detector
RFOUT
10
O
RF output
RFOUT
11
O
RF output
VCC2
12
Power Supply
PWR
Power supply, 2nd stage
NC
13
No Connection
Unconnected pin
NC
14
No Connection
Unconnected pin
NC
15
No Connection
Unconnected pin
VCC1
16
Power Supply
PWR
Power supply, 1st stage
T1.0 1300
56
8
16
15
14
9
11
12
10
13
VCC2
RFOUT
RFOUT
Det
2
1
4
3
NC
RFIN
RFIN
NC
7
1300 16-vqfn P1.0
Top View
(contacts facing down)
RF and DC GND
0


Similar Part No. - SST12LP14A

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12LP14 SST-SST12LP14 Datasheet
226Kb / 12P
   2.4 GHz Power Amplifier
SST12LP14-QVC SST-SST12LP14-QVC Datasheet
226Kb / 12P
   2.4 GHz Power Amplifier
SST12LP14-QVC-K SST-SST12LP14-QVC-K Datasheet
226Kb / 12P
   2.4 GHz Power Amplifier
SST12LP14-QVCE SST-SST12LP14-QVCE Datasheet
226Kb / 12P
   2.4 GHz Power Amplifier
SST12LP14-QVCE-K SST-SST12LP14-QVCE-K Datasheet
226Kb / 12P
   2.4 GHz Power Amplifier
More results

Similar Description - SST12LP14A

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12LP18E SST-SST12LP18E Datasheet
236Kb / 2P
   2.4 GHz High-Power, High-Gain Power Amplifier
logo
Microchip Technology
SST12LP07A-QXBE MICROCHIP-SST12LP07A-QXBE Datasheet
46Kb / 2P
   2.4 GHz High-Power, High-Gain Power Amplifier
10/11
logo
Silicon Storage Technol...
SST12LP15 SST-SST12LP15 Datasheet
193Kb / 12P
   2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP07 SST-SST12LP07 Datasheet
509Kb / 14P
   2.4 GHz High-Power, High-Gain Power Amplifier
logo
Microchip Technology
SST12LP19E MICROCHIP-SST12LP19E Datasheet
391Kb / 23P
   2.4 GHz High-Power, High-Gain Power Amplifier
2013 05/13
logo
Silicon Storage Technol...
SST12LP08 SST-SST12LP08 Datasheet
1Mb / 18P
   2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP14C SST-SST12LP14C Datasheet
584Kb / 14P
   2.4 GHz High-Power, High-Gain Power Amplifier
logo
List of Unclassifed Man...
SST12LP19E-QX8E ETC2-SST12LP19E-QX8E Datasheet
384Kb / 21P
   2.4 GHz High-Power, High-Gain Power Amplifier
logo
Silicon Storage Technol...
SST12LP07A SST-SST12LP07A Datasheet
46Kb / 2P
   2.4 GHz High-Power, High-Gain Power Amplifier
SST12CP11 SST-SST12CP11 Datasheet
45Kb / 2P
   2.4 GHz High-Power and High-Gain Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com