Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST12LP15-QVC-K Datasheet(PDF) 11 Page - Silicon Storage Technology, Inc

Part # SST12LP15-QVC-K
Description  2.4 GHz High-Power, High-Gain Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LP15-QVC-K Datasheet(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SST12LP15-QVC-K Datasheet HTML 4Page - Silicon Storage Technology, Inc SST12LP15-QVC-K Datasheet HTML 5Page - Silicon Storage Technology, Inc SST12LP15-QVC-K Datasheet HTML 6Page - Silicon Storage Technology, Inc SST12LP15-QVC-K Datasheet HTML 7Page - Silicon Storage Technology, Inc SST12LP15-QVC-K Datasheet HTML 8Page - Silicon Storage Technology, Inc SST12LP15-QVC-K Datasheet HTML 9Page - Silicon Storage Technology, Inc SST12LP15-QVC-K Datasheet HTML 10Page - Silicon Storage Technology, Inc SST12LP15-QVC-K Datasheet HTML 11Page - Silicon Storage Technology, Inc SST12LP15-QVC-K Datasheet HTML 12Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Preliminary Specifications
2.4 GHz High-Linearity Power Amplifier
SST12LP10
11
©2005 SST Communications Corp.
S71280-00-000
1/05
PACKAGING DIAGRAMS
16-CONTACT VERY-THIN QUAD FLAT NO-LEAD (VQFN)
SST PACKAGE CODE: QVC
TABLE
4: REVISION HISTORY
Revision
Description
Date
00
S71280: SST conversion of data sheet GP1210
Jan 2005
Note: 1. Complies with JEDEC JEP95 MO-220I, variant VEED except external paddle nominal dimensions.
2. From the bottom view, the pin #1 indicator may be either a 45-degree chamfer or a half-circle notch.
3. The external paddle is electrically connected to the die back-side and possibly to certain VSS leads.
This paddle can be soldered to the PC board; it is suggested to connect this paddle to the VSS of the unit.
Connection of this paddle to any other voltage potential can result in shorts and/or electrical malfunction of the device.
4. Untoleranced dimensions are nominal target dimensions.
5. All linear dimensions are in millimeters (max/min).
16-vqfn-3x3-QVC-0.0
1.7
0.5 BSC
See notes
2 and 3
Pin #1
0.30
0.18
0.076
1.7
0.2
3.00 ± 0.10
3.00 ± 0.10
0.05 Max
0.45
0.35
1.00
0.80
Pin #1
TOP VIEW
BOTTOM VIEW
SIDE VIEW
1mm


Similar Part No. - SST12LP15-QVC-K

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12LP15A SST-SST12LP15A Datasheet
278Kb / 13P
   2.4 GHz High-Power and High-Gain Power Amplifier
logo
Microchip Technology
SST12LP15A MICROCHIP-SST12LP15A Datasheet
168Kb / 15P
   2.4 GHz High-Power and High-Gain Power Amplifier
2013 04/13
logo
Silicon Storage Technol...
SST12LP15A-QVCE SST-SST12LP15A-QVCE Datasheet
278Kb / 13P
   2.4 GHz High-Power and High-Gain Power Amplifier
SST12LP15A-QVCE-K SST-SST12LP15A-QVCE-K Datasheet
278Kb / 13P
   2.4 GHz High-Power and High-Gain Power Amplifier
logo
Microchip Technology
SST12LP15B MICROCHIP-SST12LP15B Datasheet
469Kb / 28P
   2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
07/15
More results

Similar Description - SST12LP15-QVC-K

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12LP14A SST-SST12LP14A Datasheet
405Kb / 18P
   2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP18E SST-SST12LP18E Datasheet
236Kb / 2P
   2.4 GHz High-Power, High-Gain Power Amplifier
logo
Microchip Technology
SST12LP07A-QXBE MICROCHIP-SST12LP07A-QXBE Datasheet
46Kb / 2P
   2.4 GHz High-Power, High-Gain Power Amplifier
10/11
logo
Silicon Storage Technol...
SST12LP07 SST-SST12LP07 Datasheet
509Kb / 14P
   2.4 GHz High-Power, High-Gain Power Amplifier
logo
Microchip Technology
SST12LP19E MICROCHIP-SST12LP19E Datasheet
391Kb / 23P
   2.4 GHz High-Power, High-Gain Power Amplifier
2013 05/13
logo
Silicon Storage Technol...
SST12LP08 SST-SST12LP08 Datasheet
1Mb / 18P
   2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP14C SST-SST12LP14C Datasheet
584Kb / 14P
   2.4 GHz High-Power, High-Gain Power Amplifier
logo
List of Unclassifed Man...
SST12LP19E-QX8E ETC2-SST12LP19E-QX8E Datasheet
384Kb / 21P
   2.4 GHz High-Power, High-Gain Power Amplifier
logo
Silicon Storage Technol...
SST12LP07A SST-SST12LP07A Datasheet
46Kb / 2P
   2.4 GHz High-Power, High-Gain Power Amplifier
SST12CP11 SST-SST12CP11 Datasheet
45Kb / 2P
   2.4 GHz High-Power and High-Gain Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com