Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FHP3230IMU8X Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FHP3230IMU8X
Description  Single, Dual, and Quad, High-Speed, 2.7V to 12V, Rail-to-Rail Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FHP3230IMU8X Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FHP3230IMU8X Datasheet HTML 7Page - Fairchild Semiconductor FHP3230IMU8X Datasheet HTML 8Page - Fairchild Semiconductor FHP3230IMU8X Datasheet HTML 9Page - Fairchild Semiconductor FHP3230IMU8X Datasheet HTML 10Page - Fairchild Semiconductor FHP3230IMU8X Datasheet HTML 11Page - Fairchild Semiconductor FHP3230IMU8X Datasheet HTML 12Page - Fairchild Semiconductor FHP3230IMU8X Datasheet HTML 13Page - Fairchild Semiconductor FHP3230IMU8X Datasheet HTML 14Page - Fairchild Semiconductor FHP3230IMU8X Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
© 2006 Fairchild Semiconductor Corporation
11
www.fairchildsemi.com
FHP3130, FHP3230, FHP3430 Rev. 3.0.2
Typical Performance Characteristics - Continued
TA = 25°C, Vs = 5V, RL = 2kW to Vs/2 for Vs = 5V and 3V, RL = 2kW to GND for Vs = ±5V, G = 2,
Rf = Rg = 1kW; unless otherwise noted.
Figure 25. Differential Gain and Phase (±2.5)
Figure 26. Differential Gain and Phase (±5)
0.05
0.04
0.03
0.02
0.01
0
-0.01
-0.02
-0.03
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
Input Voltage (V)
-0.04
R
L = 150Ω
AC coupled into 220µF
Gain
Phase
0.05
0.04
0.03
0.02
0.01
0
-0.01
-0.02
-0.03
-0.04
0.01
-0.7
-0.5
-0.3
-0.1
0.1
0.3
0.5
0.7
Input Voltage (V)
-0.01
-0.006
-0.004
-0.002
0
0.002
0.004
0.006
0.008
-0.008
0.01
-0.01
-0.006
-0.004
-0.002
0
0.002
0.004
0.006
0.008
-0.008
V
s = ±5V
R
L = 150Ω
AC coupled into 220µF
Gain
Phase


Similar Part No. - FHP3230IMU8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FHP3230IMU8X FAIRCHILD-FHP3230IMU8X Datasheet
848Kb / 22P
   Single, Dual, and Quad, High Speed, 2.7V to 12V, Rail-to-Rail Amplifiers
More results

Similar Description - FHP3230IMU8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FHP3130 FAIRCHILD-FHP3130 Datasheet
848Kb / 22P
   Single, Dual, and Quad, High Speed, 2.7V to 12V, Rail-to-Rail Amplifiers
FHP3132 FAIRCHILD-FHP3132 Datasheet
718Kb / 16P
   Single and Dual, High-Speed, Rail-to-Rail Amplifiers
FAN4230 FAIRCHILD-FAN4230 Datasheet
98Kb / 5P
   Dual, High Speed, 2.5V to 12V, Rail-to-Rail Amplifier
logo
Analog Devices
OP295 AD-OP295 Datasheet
328Kb / 12P
   DUAL/QUAD RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
REV. B
OP295 AD-OP295_15 Datasheet
376Kb / 16P
   Dual/Quad Rail-to-Rail Operational Amplifiers
OP295 AD-OP295_06 Datasheet
399Kb / 16P
   Dual/Quad Rail-to-Rail Operational Amplifiers
Rev. E
OP495 AD-OP495_15 Datasheet
376Kb / 16P
   Dual/Quad Rail-to-Rail Operational Amplifiers
logo
National Semiconductor ...
LMV341 NSC-LMV341 Datasheet
694Kb / 17P
   Single with Shutdown/Dual/Quad General Purpose, 2.7V, Rail-to-Rail Output, 125째C, Operational Amplifiers
logo
Texas Instruments
LMV341 TI1-LMV341 Datasheet
1Mb / 20P
[Old version datasheet]   Single with Shutdown/Dual/Quad General Purpose, 2.7V,Rail-to-Rail Output, 125C, Operational Amplifiers
logo
National Semiconductor ...
LMV341-N NSC-LMV341-N Datasheet
1Mb / 28P
   Single with Shutdown/Dual/Quad General Purpose, 2.7V,Rail-to-Rail Output, 125째C, Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com